Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F523B Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB90F523B
Description  16-bit Microcontroller
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F523B Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB90F523B Datasheet HTML 1Page - Fujitsu Component Limited. MB90F523B Datasheet HTML 2Page - Fujitsu Component Limited. MB90F523B Datasheet HTML 3Page - Fujitsu Component Limited. MB90F523B Datasheet HTML 4Page - Fujitsu Component Limited. MB90F523B Datasheet HTML 5Page - Fujitsu Component Limited. MB90F523B Datasheet HTML 6Page - Fujitsu Component Limited. MB90F523B Datasheet HTML 7Page - Fujitsu Component Limited. MB90F523B Datasheet HTML 8Page - Fujitsu Component Limited. MB90F523B Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 104 page
background image
MB90520B Series
DS07-13707-5E
5
(Continued)
*1 : As for the necessity of a DIP switch setting (S2) when using the emulation pod (MB2145-507) .
Refer to the hardware manual for the emulation pod (MB2145-507) fomr details.
*2 : Take note of the maximum operating frequency and A/D converter precision restrictions when operating at 3.0 V
to 3.6 V. See the “Electrical Characteristics” section for details.
Part Number
Parameter
MB90522B
MB90523B
MB90F523B
MB90V520A
Clock timer
15-bit timer
Interrupt interval : 0.438, 0.5, or 2.0
µs for sub-clock frequency = 32.768 kHz
8/16-bit PPG timer
Number of channels : 1 (Can be used in 2
× 8-bit channel mode)
Can generate a pulse waveform output with specified period and 0 to 100
% duty ratio.
8/16 -bit up/down
counter/timers
Number of channels : 1 (Can be used in 2
× 8-bit channel mode)
External event inputs : 6 channels
Reload/compare function : 8-bit
× 2 channels
Clock monitor
Clock output frequency : Machine clock/21 to machine clock/28
Delayed interrupt
generation module
Interrupt generation module for task switching. (Used by REALOS.)
DTP/External
interrupts
Input channels : 8
Generates interrupts to the CPU on rising edges, falling edges with input “H” level, or “L”
level.
Can be used for external event interrupts and to activate EI2OS.
Wakeup interrupts
Input channels : 8
Triggered by “L” level.
8/10-bit A/D converter
(successive
approximation type)
Number of channels : 8
Resolution : 8-bit or 10-bit selectable
Conversion can be performed sequentially for multiple consecutive channels.
• Single-shot conversion mode : Converts specified channel once only.
• Continuous conversion mode : Repeatedly converts specified channel.
• Intermittent conversion mode : Converts specified channel then halts temporarily.
8-bit D/A converter
(R-2R type)
Number of channels : 2
Resolution : 8-bit
UART (SCI)
Number of channels : 1
Clock synchronous transfer : 62.5 Kbps to 1 Mbps
Clock asynchronous transfer : 1202 bps to 31250 bps
Supports bi-directional and master-slave communications.
Extended I/O serial
interface
Number of channels : 2
Clock synchronous transfer : 31.25 Kbps to 1 Mbps (Using internal shift clock)
Transmission format : Selectable LSB-first or MSB-first
LCD controller/driver
Number of common outputs : 4
Number of segment outputs : 32
Number of power supply pins for LCD ttdrive : 4
LCD display memory : 16 bytes
Divider resistor for LCD drive : Internal


Similar Part No. - MB90F523B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F523B FUJITSU-MB90F523B Datasheet
978Kb / 99P
   16-bit Proprietary Microcontroller
MB90F523B FUJITSU-MB90F523B Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90F523BPFF FUJITSU-MB90F523BPFF Datasheet
978Kb / 99P
   16-bit Proprietary Microcontroller
MB90F523BPFV FUJITSU-MB90F523BPFV Datasheet
978Kb / 99P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F523B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com