Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F497GPF Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB90F497GPF
Description  16-bit Proprietary Microcontroller
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F497GPF Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB90F497GPF Datasheet HTML 1Page - Fujitsu Component Limited. MB90F497GPF Datasheet HTML 2Page - Fujitsu Component Limited. MB90F497GPF Datasheet HTML 3Page - Fujitsu Component Limited. MB90F497GPF Datasheet HTML 4Page - Fujitsu Component Limited. MB90F497GPF Datasheet HTML 5Page - Fujitsu Component Limited. MB90F497GPF Datasheet HTML 6Page - Fujitsu Component Limited. MB90F497GPF Datasheet HTML 7Page - Fujitsu Component Limited. MB90F497GPF Datasheet HTML 8Page - Fujitsu Component Limited. MB90F497GPF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 96 page
background image
MB90495G Series
4
DS07-13713-6E
■ PRODUCT LINEUP
* : The S2 dipswitch setting when using the MB2145-507 emulation baud. For details, see the MB2145-507
hardware manual (2.7 Emulator Power Pin) .
(Continued)
Parameter
Part Number
MB90F497G
MB90497G
MB90F498G
MB90V495G
Feature Classification
Flash ROM
Mask ROM
Flash ROM
Product Evaluated
ROM Size
64 Kbytes
128 Kbytes
RAM Size
2 Kbytes
6 Kbytes
Process
CMOS
Package
LQFP64 (pin pitch 0.65 mm) , QFP64 (pin pitch 1.00 mm)
PGA256
Operating Power
4.5 V to 5.5 V
Emulator power supply*
None
CPU Functions
Number of instructions
Instruction bit length
Instruction length
Data bit length
: 351
: 8-bit, 16-bit
: 1 to 7 bytes
: 1 bit, 8-bit, 16-bit
Minimum execution time : 62.5 ns (with 16-MHz machine clock)
Interrupt processing time : minimum 1.5
μs (with 16-MHz machine clock)
Low-power consumption
(Standby) Mode
Sleep mode/watch mode/time-base timer mode/stop mode / CPU intermittent
mode
I/O Ports
General-purpose I/O ports (CMOS output) : 49
Time-base timer
18-bit free-run counter
Interrupt interval : 1.024 ms, 4.096 ms, 16.834 ms, 131.072 ms
(with 4-MHz oscillation clock)
Watchdog timer
Reset generation intervals : 3.58 ms, 14.33 ms, 57.23 ms, 458.75 ms
(with 4-MHz oscillation clock)
16-bit
I/O Timer
16-bit
free-run timer
Number of channels : 1
Interrupts from overflow generation
Input capture
Number of channels : 4
Maintenance of free-run timer value through pin input (rising, falling or both edg-
es)
16-bit reload timer
Number of channels : 2
16-bit reload timer operation
Count clock interval : 0.25
μs, 0.5 μs, 2.0 μs
(with 16-MHz machine clock)
External event count enabled
Watch timer
15-bit free-run counter
Interrupt intervals : 31.25 ms, 62.5 ms, 12 ms, 250 ms, 500 ms, 1.0 s, 2.0 s
(with 8.192-kHz subclock)
8/16-bit PPG timer
Number of channels : 2 (two 8-bit channels can be used)
Two 8-bit or one 16-bit channel PPG operation possible
Free interval, free duty pulse output possible
Count clock : 62.5 ns to 1
μs (with 16-MHz machine clock)


Similar Part No. - MB90F497GPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F497GPF FUJITSU-MB90F497GPF Datasheet
856Kb / 92P
   16-bit Proprietary Microcontroller
MB90F497GPFM FUJITSU-MB90F497GPFM Datasheet
856Kb / 92P
   16-bit Proprietary Microcontroller
MB90F497GPFM FUJITSU-MB90F497GPFM Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90F497GPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com