Electronic Components Datasheet Search |
|
MB90F482BPF Datasheet(PDF) 1 Page - Fujitsu Component Limited. |
|
MB90F482BPF Datasheet(HTML) 1 Page - Fujitsu Component Limited. |
1 / 124 page FUJITSU SEMICONDUCTOR DATA SHEET Copyright©2002-2010 FUJITSU SEMICONDUCTOR LIMITED All rights reserved 2010.7 The information for microcontroller supports is shown in the following homepage. Be sure to refer to the "Check Sheet" for the latest cautions on development. "Check Sheet" is seen at the following support page "Check Sheet" lists the minimal requirement items to be checked to prevent problems beforehand in system development. http://edevice.fujitsu.com/micom/en-support/ 16-bit Microcontroller CMOS F2MC-16LX MB90480B/485B Series MB90F481B/F482B/487B/488B/483C MB90F488B/F489B/V480B/V485B ■ DESCRIPTION The MB90480B/485B series is a 16-bit general-purpose FUJITSU SEMICONDUCTOR microcontroller designed for process control in consumer devices and other applications requiring high-speed real-time processing. The F2MC-16LX CPU core instruction set retains the AT architecture of the F2MC*1 family, with additional instruc- tions for high-level languages, expanded addressing mode, enhanced multiply-drive instructions, and complete bit processing. In addition, a 32-bit accumulator is provided to enable long-word processing. The MB90480B/485B series features embedded peripheral resources including 8/16-bit PPG, expanded I/O serial interface, UART, 10-bit A/D converter, 16-bit I/O timer, 8/16-bit up/down-counter, PWC timer, I2C interface, DTP/ external interrupt, chip select, and 16-bit reload timer. *1 : F2MC is the abbreviation of FUJITSU Flexible Microcontroller. ■ FEATURES •Clock Minimum instruction execution time: 40.0 ns/6.25 MHz base frequency multiplied × 4 (25 MHz internal operating frequency/3.3 V ± 0.3 V) 62.5 ns/4 MHz base frequency multiplied × 4 (16 MHz internal operating frequency/3.0 V ± 0.3 V) PLL clock multiplier • Maximum memory space: 16 Mbytes (Continued) DS07-13722-11E |
Similar Part No. - MB90F482BPF |
|
Similar Description - MB90F482BPF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |