Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F498G Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB90F498G
Description  16-bit Proprietary Microcontroller
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F498G Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB90F498G Datasheet HTML 1Page - Fujitsu Component Limited. MB90F498G Datasheet HTML 2Page - Fujitsu Component Limited. MB90F498G Datasheet HTML 3Page - Fujitsu Component Limited. MB90F498G Datasheet HTML 4Page - Fujitsu Component Limited. MB90F498G Datasheet HTML 5Page - Fujitsu Component Limited. MB90F498G Datasheet HTML 6Page - Fujitsu Component Limited. MB90F498G Datasheet HTML 7Page - Fujitsu Component Limited. MB90F498G Datasheet HTML 8Page - Fujitsu Component Limited. MB90F498G Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 96 page
background image
MB90495G Series
2
DS07-13713-6E
(Continued)
•Select subclock behavior (8.192 kHz)
•Minimum instruction execution time : 62.5 ns (operating with 4-MHz oscillation clock and
× 4 PLL clock)
• 16-Mbyte CPU memory space
•24-bit internal addressing
•External access possible through selection of 8/16-bit bus width (external bus mode)
• Optimum instruction set for controller applications
•Wealth of data types (Bit, Byte, Word, Long Word)
•Wealth of addressing modes (23 different modes)
•Enhanced signed multiply-divide instructions and RETI instruction functions
•Enhanced high-precision arithmetic employing 32-bit accumulator
• Instruction set supports high-level programming language (C) and multitasking
•Employs system stack pointer
•Enhanced indirect instructions with all pointer types
•Barrel shift instructions
• Improved execution speed
•4-byte instruction queue
• Powerful interrupt feature
•Powerful 8-level, 34-condition interrupt feature
• CPU-independent automated data forwarding
•Extended intelligent I/O service feature (EI2OS) : maximum 16 channels
• Low-power consumption (Standby) Mode
•Sleep mode (CPU operation clock stopped)
•Time-base timer mode (oscillation clock and subclock, time-base timer and watch timer only operational)
•Watch mode (subclock and watch timer only operational)
•Stop mode (oscillation clock and subclock stopped)
•CPU intermittent operation mode
• Process
•CMOS technology
• I/O Ports
•Generic I/O ports (CMOS output) : 49
•Timer
•Time-base timer, watch timer, watchdog timer : 1 channel
•8/16-bit PPG timer : four 8-bit channels, or two 16-bit channels
•16-bit reload timer : 2 channels
•16-bit I/O timer
•16-bit free-run timer : 1 channel
•16-bit input capture (ICU) : 4 channels
Generates interrupt requests by latching onto the count value of the 16-bit free-run timer with pin input
edge detection
(Continued)


Similar Part No. - MB90F498G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F498G FUJITSU-MB90F498G Datasheet
856Kb / 92P
   16-bit Proprietary Microcontroller
MB90F498G FUJITSU-MB90F498G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
MB90F498GPF FUJITSU-MB90F498GPF Datasheet
856Kb / 92P
   16-bit Proprietary Microcontroller
MB90F498GPF FUJITSU-MB90F498GPF Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
MB90F498GPFM FUJITSU-MB90F498GPFM Datasheet
856Kb / 92P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F498G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com