Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F497G Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB90F497G
Description  16-bit Proprietary Microcontroller
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F497G Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB90F497G Datasheet HTML 6Page - Fujitsu Component Limited. MB90F497G Datasheet HTML 7Page - Fujitsu Component Limited. MB90F497G Datasheet HTML 8Page - Fujitsu Component Limited. MB90F497G Datasheet HTML 9Page - Fujitsu Component Limited. MB90F497G Datasheet HTML 10Page - Fujitsu Component Limited. MB90F497G Datasheet HTML 11Page - Fujitsu Component Limited. MB90F497G Datasheet HTML 12Page - Fujitsu Component Limited. MB90F497G Datasheet HTML 13Page - Fujitsu Component Limited. MB90F497G Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
MB90495G Series
10
DS07-13713-6E
(Continued)
(Continued)
Pin No.
Pin Name
Circuit
Type
Description
QFP-
64P *1
LQFP-
64P *2
46 to
49
45 to
48
P24 to P27
D
General-purpose I/O port.
When the bits of high address control register (HACR) are set to “1” in ex-
ternal bus mode, these pins function as general purpose I/O ports.
INT4 to INT7
Functions as external interrupt input pin. Set this to input port.
A20 to A23
Output pin for external address bus (A20 to A23) .
Only valid when the bits of high address control register (HACR) are set
to “0” in external bus mode.
50
49
VSS
Power supply (0 V) input pin.
51
50
P30
D
General-purpose I/O port.
Only enabled in single-chip mode.
SOT0
UART0 serial data output pin.
Only valid if UART0 serial data output configuration is enabled.
ALE
Address latch authorization output pin.
Only enabled during external bus mode.
52
51
P31
D
General-purpose I/O port.
Only enabled in single-chip mode.
SCK0
UART0 serial clock I/O pin.
Only valid if UART0 serial clock I/O configuration is enabled.
RD
Lead strobe output pin.
Only enabled during external bus mode.
53
52
P32
D
General-purpose I/O port.
SIN0
UART0 serial data input pin.
Set this to input port.
WRL
Write strobe output pin for lower 8-bit of data bus.
Only valid if WRL pin output is enabled, in external bus mode.
54
53
P33
D
General-purpose I/O port.
WRH
Write strobe output pin for upper 8-bit of data bus.
Only valid if external bus mode/16-bit bus mode/WRH pin output enabled.
55
54
P34
D
General-purpose I/O port.
HRQ
Hold request input pin.
Only valid if hold input is enabled, in external bus mode.
56
55
P35
D
General-purpose I/O port.
HAK
Hold addressing output pin.
Only valid if hold input is enabled, in external bus mode.
57
56
VCC
Power supply (5 V) input pin.
58
57
C
Capacity pin for power stabilization.
Please connect to an approximately 0.1
μF ceramic capacitor.


Similar Part No. - MB90F497G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F497G FUJITSU-MB90F497G Datasheet
856Kb / 92P
   16-bit Proprietary Microcontroller
MB90F497G FUJITSU-MB90F497G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
MB90F497GPF FUJITSU-MB90F497GPF Datasheet
856Kb / 92P
   16-bit Proprietary Microcontroller
MB90F497GPFM FUJITSU-MB90F497GPFM Datasheet
856Kb / 92P
   16-bit Proprietary Microcontroller
MB90F497GPFM FUJITSU-MB90F497GPFM Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90F497G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com