Electronic Components Datasheet Search |
|
MB90F462APF Datasheet(PDF) 11 Page - Fujitsu Component Limited. |
|
MB90F462APF Datasheet(HTML) 11 Page - Fujitsu Component Limited. |
11 / 88 page MB90460/465 Series DS07-13714-2E 11 (Continued) Pin No. Pin name I/O circuit Function QFP*2 LQFP*1 SDIP*3 63 62 6 P42 F General-purpose I/O ports. SCK0 Serial clock I/O pin for UART channel 0. This function is enabled when UART channel 0 enables clock output. 64 63 7 P43 F General-purpose I/O ports. SNI0*4 Trigger input pins for position detection of the waveform se- quencer. When this pin is used for input operation, it is enabled as required and must not be used for any other I/P.*4 1648 P44 F General-purpose I/O ports. SNI1*4 Trigger input pins for position detection of the Multi-pulse gener- ator. When this pin is used for input operation, it is enabled as required and must not be used for any other I/P.*4 21 9 P45 F General-purpose I/O ports. SNI2*4 Trigger input pins for position detection of the Multi-pulse gener- ator. When this pin is used for input operation, it is enabled as required and must not be used for any other I/P.*4 32 10 P46 F General-purpose I/O ports. PPG2 Output pins for PPG channel 2. This function is enabled when PPG channel 2 enables output. 4 to 11 3 to 10 11 to 18 P50 to P57 I General-purpose I/O ports. AN0 to AN7 A/D converter analog input pins. This function is enabled when the analog input specification is enabled. (ADER) . 12 11 19 AVCC ⎯ VCC power input pin for analog circuits. 13 12 20 AVR ⎯ Reference voltage ( +) input pin for the A/D converter. This volt- age must not exceed VCC and AVCC. Reference voltage ( −) is fixed to AVSS. 14 13 21 AVSS ⎯ VSS power input pin for analog circuits. 15 14 22 P60 F General-purpose I/O ports. SIN1 Serial data input pin for UART channel 1. While UART channel 1 is operating for input, the input of this pin is used as required and must not be used for any other in-put. 16 15 23 P61 F General-purpose I/O ports. SOT1 Serial data output pin for UART channel 1. This function is en- abled when UART channel 1 enables data output. |
Similar Part No. - MB90F462APF |
|
Similar Description - MB90F462APF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |