Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX824-23W5G-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # APX824-23W5G-7
Description  PROCESSOR SUPERVISORY CIRCUITS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX824-23W5G-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  APX824-23W5G-7 Datasheet HTML 1Page - Diodes Incorporated APX824-23W5G-7 Datasheet HTML 2Page - Diodes Incorporated APX824-23W5G-7 Datasheet HTML 3Page - Diodes Incorporated APX824-23W5G-7 Datasheet HTML 4Page - Diodes Incorporated APX824-23W5G-7 Datasheet HTML 5Page - Diodes Incorporated APX824-23W5G-7 Datasheet HTML 6Page - Diodes Incorporated APX824-23W5G-7 Datasheet HTML 7Page - Diodes Incorporated APX824-23W5G-7 Datasheet HTML 8Page - Diodes Incorporated APX824-23W5G-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
APX823/APX824/APX825A
PROCESSOR SUPERVISORY CIRCUITS
APX823/APX824/APX825A Rev. 3
1 of 12
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Power-on reset generator with fixed delay time of 200ms Typ
Manual reset input (APX823/APX825A)
Reset output available in active-Low (APX823/APX824/APX825A), active-high (APX824/APX825A)
Supply voltage supervision range 2.5V, 3V, 3.3V, 5V
Watchdog timer
Supply current of 30
μA (Typ.)
Temperature range: -40°C to 85°C
SOT25 and SOT26: Available in “Green” Molding Compound (No Br, Sb)
Lead Free Finish/RoHS Compliant (Note 1)
The APX823/APX824/APX825A family of supervisors provides circuit initialization and timing supervision, primarily for DSP and
processor-based systems.
During power-on,
RESET is asserted when supply voltage VCC becomes higher than 1.1V. Thereafter, the supply voltage supervisor
monitors VCC and keeps
RESET active as long as VCC remains below the threshold voltage VTH-. An internal timer delays the return of
the output to the inactive state (high) to ensure proper system reset. The delay time ,td, starts after VCC has risen above the threshold
voltage VTH-. When the supply voltage drops below the threshold voltage VTH-, the output becomes active (low) again. No external
components are required. All the devices of this family have a fixed-sense threshold voltage VTH- set by an internal voltage divider.
The APX823/APX825A devices incorporate a manual reset input,
MR . A low level at MR causes RESET to become active. The
APX824/APX825A devices include a high-level output RESET. APX823/APX824/APX825A have a watchdog timer that is periodically
triggered by a positive or negative transition at WDI. When the supervising system fails to retrigger the watchdog circuit within the
time-out interval, ttout,
RESET becomes active for the time period td. This event also reinitializes the watchdog timer. Leaving WDI
unconnected disables the watchdog.
In applications where the input to the WDI pin may be active (transitioning high and low) when the APX823/APX824/APX825A asserting
RESET , the APX823/APX824/APX825A does not return to a non-reset state when the input voltage is above Vt.
The product spectrum is designed for supply voltage of 2.5V, 3V, 3.3V and 5V. The circuits are available in a SOT25 and SOT26
packages. The APX823/APX824/APX825A devices are characterized for operation over a temperature range of -40
oC to 105oC.
Applications Using DSPs, Microcontrollers, or Microprocessors
Industrial Equipment
Programmable Controls
Automotive Systems
Portable/Battery-Powered Equipment
Intelligent Instruments
Wireless Communications Systems
Notebook/Desktop Computers
Features
General Description
Applications


Similar Part No. - APX824-23W5G-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX803 DIODES-APX803 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 1 ??2
APX803-23SA DIODES-APX803-23SA Datasheet
113Kb / 11P
   er3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 2 - 2
APX803-23SAG-7 DIODES-APX803-23SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
APX803-23SR DIODES-APX803-23SR Datasheet
113Kb / 11P
   er3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 2 - 2
APX803-23SRG-7 DIODES-APX803-23SRG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
More results

Similar Description - APX824-23W5G-7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33 TI1-TPS3820-33 Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33QDBVRQ1 TI1-TPS3820-33QDBVRQ1 Datasheet
236Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
JUNE 2008
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com