Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90423GCPF Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB90423GCPF
Description  16-Bit Original Microcontroller
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90423GCPF Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB90423GCPF Datasheet HTML 3Page - Fujitsu Component Limited. MB90423GCPF Datasheet HTML 4Page - Fujitsu Component Limited. MB90423GCPF Datasheet HTML 5Page - Fujitsu Component Limited. MB90423GCPF Datasheet HTML 6Page - Fujitsu Component Limited. MB90423GCPF Datasheet HTML 7Page - Fujitsu Component Limited. MB90423GCPF Datasheet HTML 8Page - Fujitsu Component Limited. MB90423GCPF Datasheet HTML 9Page - Fujitsu Component Limited. MB90423GCPF Datasheet HTML 10Page - Fujitsu Component Limited. MB90423GCPF Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
MB90420G/425G Series
DS07-13711-5E
7
■ PIN DESCRIPTIONS
(Continued)
Pin no.
Symbol
Circuit
type
Description
LQFP
QFP
80
82
X0
A
High speed oscillator input pin.
81
83
X1
High speed oscillator output pin.
78
80
X0A
A
Low speed oscillator input pin. If no oscillator is connected, apply
pull-down processing.
77
79
X1A
Low speed oscillator output pin. If no oscillator is connected, leave
open.
75
77
RST
B
Reset input pin.
83
85
P00
G
General purpose input/output port.
SIN0
UART ch.0 serial data input pin.
INT4
INT4 external interrupt input pin.
84
86
P01
G
General purpose input/output port.
SOT0
UART ch.0 serial data output pin.
INT5
INT5 external interrupt input pin.
85
87
P02
G
General purpose input/output port.
SCK0
UART ch.0 serial clock input/output pin.
INT6
INT6 external interrupt input pin.
86
88
P03
G
General purpose input/output port.
SIN1
UART ch.1 serial data input pin.
INT7
INT7 external interrupt input pin.
87
89
P04
G
General purpose input/output port.
SOT1
UART ch.1 serial data output pin.
88
90
P05
G
General purpose input/output port.
SCK1
UART ch.1 serial clock input/output pin.
TRG
16-bit PPG ch.0-2 external trigger input pin.
89
91
P06
G
General purpose input/output port.
PPG0
16-bit PPG ch.0 output pin.
TOT1
16-bit reload timer ch.1 TOT output pin.
90
92
P07
G
General purpose input/output port.
PPG1
16-bit PPG ch.1 output pin.
TIN1
16-bit reload timer ch.1 TIN output pin.
91
93
P10
G
General purpose input/output port.
PPG2
16-bit PPG ch.2 output pin.


Similar Part No. - MB90423GCPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90423GCPF FUJITSU-MB90423GCPF Datasheet
884Kb / 84P
   16-Bit Original Microcontroller
MB90423GCPF FUJITSU-MB90423GCPF Datasheet
1Mb / 88P
   16-Bit Original Microcontroller
MB90423GCPFV FUJITSU-MB90423GCPFV Datasheet
884Kb / 84P
   16-Bit Original Microcontroller
More results

Similar Description - MB90423GCPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90423G FUJITSU-MB90423G Datasheet
1Mb / 99P
   16-Bit Original Microcontroller
MB90420G FUJITSU-MB90420G_08 Datasheet
1Mb / 88P
   16-Bit Original Microcontroller
MB90M405 FUJITSU-MB90M405_05 Datasheet
572Kb / 64P
   16-Bit Original Microcontroller
MB90420G FUJITSU-MB90420G_04 Datasheet
884Kb / 84P
   16-Bit Original Microcontroller
logo
Toshiba Semiconductor
TMP91FY42FG TOSHIBA-TMP91FY42FG Datasheet
2Mb / 332P
   Original CMOS 16-Bit Microcontroller
TMP92C820FG TOSHIBA-TMP92C820FG Datasheet
2Mb / 382P
   Original CMOS 16-Bit Microcontroller
TMP91C829 TOSHIBA-TMP91C829 Datasheet
1Mb / 204P
   Original CMOS 16-Bit Microcontroller
TMP91CW12A TOSHIBA-TMP91CW12A Datasheet
357Kb / 28P
   Original CMOS 16-Bit Microcontroller
TMP91CY22IFG TOSHIBA-TMP91CY22IFG Datasheet
340Kb / 24P
   Original CMOS 16-Bit Microcontroller
TMP91FY28 TOSHIBA-TMP91FY28 Datasheet
441Kb / 60P
   Original CMOS 16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com