Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F482B Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB90F482B
Description  16-bit Microcontroller
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F482B Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB90F482B Datasheet HTML 1Page - Fujitsu Component Limited. MB90F482B Datasheet HTML 2Page - Fujitsu Component Limited. MB90F482B Datasheet HTML 3Page - Fujitsu Component Limited. MB90F482B Datasheet HTML 4Page - Fujitsu Component Limited. MB90F482B Datasheet HTML 5Page - Fujitsu Component Limited. MB90F482B Datasheet HTML 6Page - Fujitsu Component Limited. MB90F482B Datasheet HTML 7Page - Fujitsu Component Limited. MB90F482B Datasheet HTML 8Page - Fujitsu Component Limited. MB90F482B Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 124 page
background image
MB90480B/485B Series
4
DS07-13722-11E
• MB90485B series
(Continued)
MB90487B
MB90488B
MB90F488B MB90V485B MB90F489B
MB90483C
Classification
MASK ROM product
Flash
memory
product
Evaluation
product
Flash
memory
product
MASK ROM
product
ROM size
192 Kbytes
256 Kbytes
256 Kbytes
384 Kbytes
256 Kbytes
RAM size
10 Kbytes
10 Kbytes
10 Kbytes
16 Kbytes
24 Kbytes
16 Kbytes
CPU function
Number of instructions
: 351
Instruction bit length
: 8-bit, 16-bit
Instruction length
: 1 byte to 7 bytes
Data bit length
: 1-bit, 8-bit, 16-bit
Minimum instruction execution time : 40 ns (25 MHz machine clock)
Ports
General-purpose I/O ports : up to 84
General-purpose I/O ports (CMOS output)
General-purpose I/O ports (with pull-up resistance)
General-purpose I/O ports (N-ch open drain output)
UART
1 channel, start-stop synchronized
8/16-bit PPG
8-bit
× 6 channels/16-bit × 3 channels
8/16-bit up/down
counter/timer
Event input pins : 6, 8-bit up/down counters : 2
8-bit reload/compare registers : 2
16-bit
I/O
timers
16-bit
free-run timer
Number of channels : 1
Overflow interrupt
Output
compare
(OCU)
Number of channels : 6
Pin input factor: A match signal of compare register
Input capture
(ICU)
Number of channels : 2
Rewriting a register value upon a pin input (rising, falling, or both edges)
DTP/external interrupt
circuit
Number of external interrupt pin channels: 8 (edge or level detection)
Extended I/O serial
interface
Embedded 2 channels
I2C interface*2
1 channel
μPG
1 channel
PWC
3 channels
Timebase timer
18-bit counter
Interrupt cycles : 1.0 ms, 4.1 ms, 16.4 ms, 131.1 ms (at 4 MHz base oscillator)
A/D converter
Conversion resolution : 8/10-bit, switchable
One-shot conversion mode (converts selected channel 1 time only)
Scan conversion mode (conversion of multiple consecutive channels,
programmable up to 8 channels)
Continuous conversion mode (repeated conversion of selected channels)
Stop conversion mode (conversion of selected channels with repeated pause)
Part number
Item


Similar Part No. - MB90F482B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F482B FUJITSU-MB90F482B Datasheet
629Kb / 124P
   16-bit Microcontroller
MB90F482BPF FUJITSU-MB90F482BPF Datasheet
629Kb / 124P
   16-bit Microcontroller
MB90F482BPMC FUJITSU-MB90F482BPMC Datasheet
629Kb / 124P
   16-bit Microcontroller
More results

Similar Description - MB90F482B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com