Electronic Components Datasheet Search |
|
MB90F423GAPF Datasheet(PDF) 7 Page - Fujitsu Component Limited. |
|
MB90F423GAPF Datasheet(HTML) 7 Page - Fujitsu Component Limited. |
7 / 88 page MB90420G/425G Series DS07-13711-5E 7 ■ PIN DESCRIPTIONS (Continued) Pin no. Symbol Circuit type Description LQFP QFP 80 82 X0 A High speed oscillator input pin. 81 83 X1 High speed oscillator output pin. 78 80 X0A A Low speed oscillator input pin. If no oscillator is connected, apply pull-down processing. 77 79 X1A Low speed oscillator output pin. If no oscillator is connected, leave open. 75 77 RST B Reset input pin. 83 85 P00 G General purpose input/output port. SIN0 UART ch.0 serial data input pin. INT4 INT4 external interrupt input pin. 84 86 P01 G General purpose input/output port. SOT0 UART ch.0 serial data output pin. INT5 INT5 external interrupt input pin. 85 87 P02 G General purpose input/output port. SCK0 UART ch.0 serial clock input/output pin. INT6 INT6 external interrupt input pin. 86 88 P03 G General purpose input/output port. SIN1 UART ch.1 serial data input pin. INT7 INT7 external interrupt input pin. 87 89 P04 G General purpose input/output port. SOT1 UART ch.1 serial data output pin. 88 90 P05 G General purpose input/output port. SCK1 UART ch.1 serial clock input/output pin. TRG 16-bit PPG ch.0-2 external trigger input pin. 89 91 P06 G General purpose input/output port. PPG0 16-bit PPG ch.0 output pin. TOT1 16-bit reload timer ch.1 TOT output pin. 90 92 P07 G General purpose input/output port. PPG1 16-bit PPG ch.1 output pin. TIN1 16-bit reload timer ch.1 TIN output pin. 91 93 P10 G General purpose input/output port. PPG2 16-bit PPG ch.2 output pin. |
Similar Part No. - MB90F423GAPF |
|
Similar Description - MB90F423GAPF |