Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90478 Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB90478
Description  16-Bit Proprietary Microcontroller
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90478 Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB90478 Datasheet HTML 7Page - Fujitsu Component Limited. MB90478 Datasheet HTML 8Page - Fujitsu Component Limited. MB90478 Datasheet HTML 9Page - Fujitsu Component Limited. MB90478 Datasheet HTML 10Page - Fujitsu Component Limited. MB90478 Datasheet HTML 11Page - Fujitsu Component Limited. MB90478 Datasheet HTML 12Page - Fujitsu Component Limited. MB90478 Datasheet HTML 13Page - Fujitsu Component Limited. MB90478 Datasheet HTML 14Page - Fujitsu Component Limited. MB90478 Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 118 page
background image
MB90470 Series
11
(Continued)
LQFP : FPT-100P-M05 package
QFP : FPT-100P-M06 package
Pin no.
Pin name
Circuit
type
Description
LQFP
QFP
72
74
P54
D
(CMOS)
General purpose input/output port. In external bus mode, this
pin functions as the HRQ pin when the HDE bit in the EPCR
register is set to “1”.
HRQ
In external bus mode, this pin functions as the hold request
input (HRQ) pin. When the HDE bit in the EPCR register is set
to “0”,this pin functions as a general purpose input/output port.
73
75
P55
D
(CMOS)
General purpose input/output port. In external bus mode, this
pin functions as the HAK pin when the HDE bit in the EPCR
register is set to “1”.
HAK
In external bus mode, this pin functions as the hold acknowl-
edge output (HAK) pin. When the HDE bit in the EPCR register
is set to “0”,this pin functions as a general purpose input/output
port.
74
76
P56
D
(CMOS)
General purpose input/output port. In external bus mode, this
pin functions as the DRY pin when the RYE bit in the EPCR
register is set to “1”.
RDY
In external bus mode, this pin functions as the external ready
input (RDY) pin. When the RYE bit in the EPCR register is set
to “0”,this pin functions as a general purpose input/output port.
76
78
P57
D
(CMOS)
General purpose input/output port. In external bus mode, this
pin functions as the CLK pin when the CKE bit in the EPCR
register is set to “1”.
CLK
In external bus mode, this pin functions as the machine cycle
clock output (CLK) pin. When the CKE bit in the EPCR register
is set to “0”,this pin functions as a general purpose input/output
port.
36 to 39 38 to 41
P60 to P63
H
(CMOS)
General purpose input/output ports.
AN0 to AN3
Analog input pins.
41 to 44 43 to 46
P64 to P67
H
(CMOS)
General purpose input/output ports.
AN4 to AN7
Analog input pins.
25
27
P70
G
(CMOS/H)
General purpose input/output port.
SIN0
UART data input pin.
26
28
P71
F
(CMOS)
General purpose input/output port.
SOT0
UART data output pin.
27
29
P72
G
(CMOS/H)
General purpose input/output port.
SCK0
UART clock input pin.
28
30
P73
G
(CMOS/H)
General purpose input/output port.
TIN0
16-bit reload timer event input pin.
29
31
P74
F
(CMOS)
General purpose input/output port.
TOT0
16-bit reload timer output pin.


Similar Part No. - MB90478

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90478 FUJITSU-MB90478 Datasheet
1Mb / 118P
   16-Bit Proprietary Microcontroller
MB90478PF FUJITSU-MB90478PF Datasheet
1Mb / 118P
   16-Bit Proprietary Microcontroller
MB90478PFV FUJITSU-MB90478PFV Datasheet
1Mb / 118P
   16-Bit Proprietary Microcontroller
More results

Similar Description - MB90478

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com