Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F443G Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB90F443G
Description  16-bit Proprietary Microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F443G Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB90F443G Datasheet HTML 6Page - Fujitsu Component Limited. MB90F443G Datasheet HTML 7Page - Fujitsu Component Limited. MB90F443G Datasheet HTML 8Page - Fujitsu Component Limited. MB90F443G Datasheet HTML 9Page - Fujitsu Component Limited. MB90F443G Datasheet HTML 10Page - Fujitsu Component Limited. MB90F443G Datasheet HTML 11Page - Fujitsu Component Limited. MB90F443G Datasheet HTML 12Page - Fujitsu Component Limited. MB90F443G Datasheet HTML 13Page - Fujitsu Component Limited. MB90F443G Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
MB90440G Series
10
DS07-13716-3E
(Continued)
Pin No.
Pin name
Circuit type
Function
59 to 60
P76 to P77
D
General I/O ports. This function is enabled when the OCU disables
output.
OUT2 to OUT3
Event output pins for output compares OCU2 and OCU3. This
function is enabled when the OCU enables output.
IN6 to IN7
Trigger input pins for input captures ICU6 and ICU7. Set the corre-
sponiding DDR register to input and prohibit the OCU output if this
function is used.
61 to 64
P80 to P83
D
General I/O ports. This function is enabled when 8/16-bit PPG timer
disables waveform output.
PPG0 to PPG3
Output pins for 8/16-bit PPG timer. This function is enabled when
8/16-bit PPG timer enables waveform output.
65 to 66
P84 to P85
D
General I/O ports. This function is enabled when the OCU disables
output.
OUT0 to OUT1
Event output pins for output compares OCU0 and OCU1. This func-
tion is enabled when the OCU enables output.
67
P86
D
General I/O port. This function is always enabled.
TIN1
Input pin for the 16-bit reload timers 1. Set the corresponding DDR
register to input if this function is used.
68
P87
D
General I/O port. This function is enabled when the 16-bit reload
timers 0 disables output.
TOT1
Output pin for the 16-bit reload timers 1. This function is enabled
when the reload timers 1 enables output.
69 to 70
P90 to P91
D
General I/O ports. This function is always enabled.
INT0 to INT1
External interrupt request input pins for INT0 to INT3. Set the cor-
responding DDR register to input if this function is used.
71
P92
D
General I/O port. This function is enabled when CAN2 disables out-
put.
TX2
TX output pin for CAN2. This function is enabled when CAN2 en-
ables output.
72
P93
D
General I/O port. This function is always enabled.
RX2
RX input pin for CAN2 interface. When the CAN function is used,
output from the other functions must be stopped.
73
P94
D
General I/O port. This function is enabled when CAN0 disables out-
put.
TX0
TX output pin for CAN0. This function is enabled when CAN0 en-
ables output.
74
P95
D
General I/O port. This function is always enabled.
INT2
External interrupt request input pin for INT2. Set the corresponding
DDR register to input if this function is used.
RX0
RX input pin for CAN0 interface. When the CAN function is used,
output from the other functions must be stopped.


Similar Part No. - MB90F443G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90F443GPF FUJITSU-MB90F443GPF Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F443G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com