Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F443G Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB90F443G
Description  16-bit Proprietary Microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F443G Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB90F443G Datasheet HTML 3Page - Fujitsu Component Limited. MB90F443G Datasheet HTML 4Page - Fujitsu Component Limited. MB90F443G Datasheet HTML 5Page - Fujitsu Component Limited. MB90F443G Datasheet HTML 6Page - Fujitsu Component Limited. MB90F443G Datasheet HTML 7Page - Fujitsu Component Limited. MB90F443G Datasheet HTML 8Page - Fujitsu Component Limited. MB90F443G Datasheet HTML 9Page - Fujitsu Component Limited. MB90F443G Datasheet HTML 10Page - Fujitsu Component Limited. MB90F443G Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
MB90440G Series
DS07-13716-3E
7
■ PIN DESCRIPTION
(Continued)
Pin No.
Pin name
Circuit type
Function
82
83
X0
X1
A
(Oscillation)
High speed oscillator input pins
80
79
X0A
X1A
A
(Oscillation)
Low speed oscillator input pins
77
RST
B
External reset request input
52
N.C.
not connected
85 to 92
P00 to P07
H
General I/O port with programmable pullup. This function is en-
abled in the single-chip mode.
AD00 to AD07
I/O pins for 8 lower bits of the external address/data bus. This func-
tion is enabled when the external bus is enabled.
93 to 100
P10 to P17
H
General I/O port with programmable pullup. This function is en-
abled in the single-chip mode.
AD08 to AD15
I/O pins for 8 higher bits of the external address/data bus. This func-
tion is enabled when the external bus is enabled.
1 to 8
P20 to P27
H
General I/O port with programmable pullup. This function is en-
abled in the single-chip mode.
A16 to A23
I/O pins of 8 bits for A16 to A23 ot the external address bus. This
function is enabled when the external bus is enabled.
9
P30
H
General I/O port with programmable pullup. This function is en-
abled in the single-chip mode.
ALE
Address latch enable output pin. This function is enabled when the
external bus is enabled.
10
P31
H
General I/O port with programmable pullup. This function is en-
abled in the single-chip mode.
RD
Read strobe output pin for the data bus. This function is enabled
when the external bus is enabled.
12
P32
H
General I/O port with programmable pullup. This function is en-
abled in the single-chip mode or when the WR/WRL pin output is
disabled.
WRL
Write strobe output pin for the data bus. This function is enabled
when the external bus is in enable mode and the WR/WRL pin out-
put is enabled. WRL is used as a write-strobe output pin for 8 lower
bits of the data bus in 16-bit access while WR is used as a write-
strobe output pin for 8 bits of the data bus in 8-bit access.
WR
13
P33
H
General I/O port with programmable pullup. This function is en-
abled in the single-chip mode or external bus 8-bit mode or when
WRH pin output is disabled.
WRH
Write strobe output pin for the 8 higher bits of the data bus. This
function is enabled when the external bus is enabled, when the ex-
ternal bus 16-bit mode is selected, and when the WRH output pin
is enabled.


Similar Part No. - MB90F443G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90F443GPF FUJITSU-MB90F443GPF Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F443G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com