Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F387 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB90F387
Description  16-bit Proprietary Microcontrollers CMOS
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F387 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB90F387 Datasheet HTML 1Page - Fujitsu Component Limited. MB90F387 Datasheet HTML 2Page - Fujitsu Component Limited. MB90F387 Datasheet HTML 3Page - Fujitsu Component Limited. MB90F387 Datasheet HTML 4Page - Fujitsu Component Limited. MB90F387 Datasheet HTML 5Page - Fujitsu Component Limited. MB90F387 Datasheet HTML 6Page - Fujitsu Component Limited. MB90F387 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F387 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F387 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
FUJITSU MICROELECTRONICS
DATA SHEET
Copyright©2004-2008 FUJITSU MICROELECTRONICS LIMITED All rights reserved
2008.12
For the information for microcontroller supports, see the following web site.
http://edevice.fujitsu.com/micom/en-support/
16-bit Proprietary Microcontrollers
CMOS
F2MC-16LX MB90385 Series
MB90387/387S/F387/F387S/MB90V495G
■ DESCRIPTION
MB90385 series devices are general-purpose high-performance 16-bit micro controllers designed for process
control of consumer products, which require high-speed real-time processing. The devices of this series have the
built-in full-CAN interface.
The system, inheriting the architecture of F2MC* family, employs additional instruction ready for high-level lan-
guages, expanded addressing mode, enhanced multiply-divide instructions, and enriched bit-processing instruc-
tions. Furthermore, employment of 32-bit accumulator achieves processing of long-word data (32 bits).
The peripheral resources of MB90385 series include the following:
8/10-bit A/D converter, UART (SCI), 8/16-bit PPG timer, 16-bit input-output timer (16-bit free-run timer, input
capture 0, 1, 2, 3 (ICU)), and CAN controller.
*: F2MC is the abbreviation of FUJITSU Flexible Microcontroller.
■ FEATURES
• Clock
• Built-in PLL clock frequency multiplication circuit
• Selection of machine clocks (PLL clocks) is allowed among frequency division by two on oscillation clock, and
multiplication of 1 to 4 times of oscillation clock (for 4-MHz oscillation clock, 4 MHz to 16 MHz).
• Operation by sub-clock (8.192 kHz) is allowed. (MB90387, MB90F387)
• Minimum execution time of instruction: 62.5 ns (when operating with 4-MHz oscillation clock, and 4-time multi-
plied PLL clock).
(Continued)
DS07-13717-5E


Similar Part No. - MB90F387

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F387 FUJITSU-MB90F387 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller
MB90F387 FUJITSU-MB90F387 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90F387PMT FUJITSU-MB90F387PMT Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller
MB90F387PMT FUJITSU-MB90F387PMT Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
logo
Cypress Semiconductor
MB90F387PMT CYPRESS-MB90F387PMT Datasheet
1Mb / 82P
   16-bit Microcontrollers F2MC-16LX
More results

Similar Description - MB90F387

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90560 FUJITSU-MB90560_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
MB90350E FUJITSU-MB90350E Datasheet
899Kb / 85P
   16-bit Proprietary Microcontrollers
MB90561 FUJITSU-MB90561 Datasheet
874Kb / 91P
   16-bit Proprietary Microcontrollers
MB90565 FUJITSU-MB90565_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
MB91482 FUJITSU-MB91482 Datasheet
896Kb / 88P
   32-bit proprietary Microcontrollers CMOS
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com