Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F367E Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB90F367E
Description  16-bit Proprietary Microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F367E Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB90F367E Datasheet HTML 4Page - Fujitsu Component Limited. MB90F367E Datasheet HTML 5Page - Fujitsu Component Limited. MB90F367E Datasheet HTML 6Page - Fujitsu Component Limited. MB90F367E Datasheet HTML 7Page - Fujitsu Component Limited. MB90F367E Datasheet HTML 8Page - Fujitsu Component Limited. MB90F367E Datasheet HTML 9Page - Fujitsu Component Limited. MB90F367E Datasheet HTML 10Page - Fujitsu Component Limited. MB90F367E Datasheet HTML 11Page - Fujitsu Component Limited. MB90F367E Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
MB90360E Series
8
DS07-13746-3E
(Continued)
Pin No.
Pin name
I/O circuit
type*
Function
27
X0
A
Oscillation input pin.
28
X1
Oscillation output pin.
29 to 32
P27 to P24
G
General-purpose I/O port.
The register can be set to select whether to use a pull-up
resistor. This function is enabled in single-chip mode.
IN3 to IN0
Event input pins for input capture 0 to 3.
33, 34
P23, P22
J
General-purpose I/O port.
The register can be set to select whether to use a pull-up
resistor. This function is enabled in single-chip mode.
High current output port.
PPGF (E) ,
PPGD (C)
Output pins for PPG.
35, 36
P21, P20
J
General-purpose I/O port.
The register can be set to select whether to use a pull-up
resistor. This function is enabled in single-chip mode.
High current output port.
37
P85
K
General-purpose I/O port.
SIN1
Serial data input pin for LIN-UART1.
38
P87
F
General-purpose I/O port.
SCK1
Clock I/O pin for LIN-UART1.
39
P86
F
General-purpose I/O port.
SOT1
Serial data output pin for LIN-UART1.
40
P43
F
General-purpose I/O port.
TX1
TX output pin for CAN1 interface.
41
P42
F
General-purpose I/O port.
RX1
RX input pin for CAN1 interface.
INT9R
External interrupt request input pin for INT9 (Sub) .
42
P83
F
General-purpose I/O port.
SOT0
Serial data output pin for LIN-UART0.
TOT2
Output pin for reload timer 2.
43
P84
F
General-purpose I/O port.
SCK0
Clock I/O pin for LIN-UART0.
INT15R
External interrupt request input pin for INT15.


Similar Part No. - MB90F367E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F367E FUJITSU-MB90F367E Datasheet
675Kb / 60P
   16-bit Proprietary Microcontroller
MB90F367EPMT FUJITSU-MB90F367EPMT Datasheet
675Kb / 60P
   16-bit Proprietary Microcontroller
MB90F367ES FUJITSU-MB90F367ES Datasheet
675Kb / 60P
   16-bit Proprietary Microcontroller
MB90F367ESPMT FUJITSU-MB90F367ESPMT Datasheet
675Kb / 60P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F367E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com