Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90V330A Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB90V330A
Description  16-bit microcontrollers
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90V330A Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB90V330A Datasheet HTML 1Page - Fujitsu Component Limited. MB90V330A Datasheet HTML 2Page - Fujitsu Component Limited. MB90V330A Datasheet HTML 3Page - Fujitsu Component Limited. MB90V330A Datasheet HTML 4Page - Fujitsu Component Limited. MB90V330A Datasheet HTML 5Page - Fujitsu Component Limited. MB90V330A Datasheet HTML 6Page - Fujitsu Component Limited. MB90V330A Datasheet HTML 7Page - Fujitsu Component Limited. MB90V330A Datasheet HTML 8Page - Fujitsu Component Limited. MB90V330A Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
FUJITSU SEMICONDUCTOR
DATA SHEET
Copyright©2004-2010 FUJITSU SEMICONDUCTOR LIMITED All rights reserved
2010.7
For the information for microcontroller supports, see the following web site.
This web site includes the "Customer Design Review Supplement" which provides the latest cautions on
system development and the minimal requirements to be checked to prevent problems before the system
development.
http://edevice.fujitsu.com/micom/en-support/
16-bit Microcontroller
CMOS
F2MC-16LX MB90330A Series
MB90333A/F334A/F335A/V330A
■ DESCRIPTION
The MB90330A series are 16-bit microcontrollers designed for applications, such as personal computer peripheral
devices, that require USB communications. The USB feature supports not only 12-Mbps Function operation but
also HOST operation. It is equipped with functions that are suitable for personal computer peripheral devices
such as displays and audio devices, and control of mobile devices that support USB communications. While
inheriting the AT architecture of the F2MC family, the instruction set supports the C language and extended
addressing modes and contains enhanced signed multiplication and division instructions as well as a substantial
collection of improved bit manipulation instructions. In addition, long word processing is now available by intro-
ducing a 32-bit accumulator.
Note : F2MC is the abbreviation of FUJITSU Flexible Microcontroller.
■ FEATURES
• Clock
• Built-in oscillation circuit and PLL clock frequency multiplication circuit
• Oscillation clock
• The main clock is the oscillation clock divided into 2 (for oscillation 6 MHz : 3 MHz)
• Clock for USB is 48 MHz
• Machine clock frequency of 6 MHz, 12 MHz, or 24 MHz selectable
• Minimum execution time of instruction : 41.7 ns (6 MHz oscillation clock, 4-time multiplied : machine clock
24 MHz and at operating VCC
= 3.3 V).
• The maximum memory space : 16 Mbytes
• 24-bit addressing
(Continued)
DS07-13734-9E


Similar Part No. - MB90V330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90V330A FUJITSU-MB90V330A Datasheet
1Mb / 116P
   16-bit Proprietary Microcontroller
MB90V330A FUJITSU-MB90V330A Datasheet
1Mb / 120P
   16-bit Microcontroller
MB90V330A FUJITSU-MB90V330A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90V330A FUJITSU-MB90V330A Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90V330A FUJITSU-MB90V330A Datasheet
284Kb / 48P
   16-bit microcontrollers
More results

Similar Description - MB90V330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90350E FUJITSU-MB90350E_08 Datasheet
2Mb / 92P
   16-bit Microcontrollers
logo
InnovASIC, Inc
IA80C186 INNOVASIC-IA80C186 Datasheet
22Kb / 2P
   16-BIT MICROCONTROLLERS
IA188ES INNOVASIC-IA188ES Datasheet
33Kb / 2P
   16-BIT MICROCONTROLLERS
logo
Freescale Semiconductor...
MC9S12DJ256FS FREESCALE-MC9S12DJ256FS Datasheet
82Kb / 2P
   16-bit Microcontrollers
logo
Fujitsu Component Limit...
MB90335 FUJITSU-MB90335_10 Datasheet
284Kb / 48P
   16-bit microcontrollers
logo
InnovASIC, Inc
IA186EM INNOVASIC-IA186EM Datasheet
33Kb / 2P
   16-BIT MICROCONTROLLERS
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
IA188EBPLC84IR2 INNOVASIC-IA188EBPLC84IR2 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com