Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F394HAPMCR Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB90F394HAPMCR
Description  16-bit Proprietary Microcontroller
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F394HAPMCR Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB90F394HAPMCR Datasheet HTML 1Page - Fujitsu Component Limited. MB90F394HAPMCR Datasheet HTML 2Page - Fujitsu Component Limited. MB90F394HAPMCR Datasheet HTML 3Page - Fujitsu Component Limited. MB90F394HAPMCR Datasheet HTML 4Page - Fujitsu Component Limited. MB90F394HAPMCR Datasheet HTML 5Page - Fujitsu Component Limited. MB90F394HAPMCR Datasheet HTML 6Page - Fujitsu Component Limited. MB90F394HAPMCR Datasheet HTML 7Page - Fujitsu Component Limited. MB90F394HAPMCR Datasheet HTML 8Page - Fujitsu Component Limited. MB90F394HAPMCR Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
MB90390 Series
2
DS07-13723-8Ea
■ FEATURES
• 16-bit core CPU; 4 MHz external clock (24 MHz internal, 41.7 ns instruction execution time)
• New 0.35
μm CMOS Process Technology
• Internal voltage regulator supports 3 V MCU core, offering low EMI and low power consumption figures
• Up to five FULL-CAN interfaces; conforming to Version 2.0 Part A and Part B, flexible message buffering
(mailbox and FIFO buffering can be mixed)
• Powerful interrupt functions (8 progr. priority levels; 8 external interrupts)
•EI2OS - Automatic transfer function indep.of CPU; 16 channels of intelligent I/O Services
• 18-bit Time-base counter
• Watchdog Timer
• 2 full duplex UARTs; support 10.4 Kbps (USA standard )
• Up to 2 full duplex UARTs (LIN/SCI)
• Serial I/O : 1 channel for synchronous data transfer
• Optional I2C with 400 Kbps
• A/D Converter : 15 channels analog inputs (Resolution 10 bits or 8 bits)
• 16-bit reload timer
× 2 channels
• ICU (Input capture) 16-bit
× 6 channels (2 input pins are shared with OCU outputs)
• OCU (Output capture) 16-bit
× 8 channels (2 output pins are shared with ICU input pins)
• 16-bit Free Run Timer
× 2 channels (FRT0 : ICU 0/1, OCU 0/1/2/3, FRT1 : ICU 2/3/4/5, OCU 4/5/6/7)
• 8/16-bit Programmable Pulse Generator 6 channels
× 16-bit/12 channels × 8-bit
• Stepping Motor Controller 6 channels with slew rate controlled high current outputs
• Optimized instruction set for controller applications (bit, byte, word and long-word data types; 23 different
addressing modes; barrel shift; variety of pointers)
• 4-byte instruction execution queue
• signed multiply (16-bit
× 16-bit) and divide (32-bit/16-bit) instructions available
• Program Patch Function
• Fast Interrupt processing
• Low Power Consumption mode
Sleep mode
Timebase timer mode
Stop mode
CPU intermittent mode
• Sound Generator
• Real Time Watch Timer
• Built-In Clock Modulation circuit
• Programmable input levels (Automotive Hysteresis / CMOS Hysteresis, initial level is Automotive Hysteresis)
• Package : 120-pin plastic LQFP


Similar Part No. - MB90F394HAPMCR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F394HAPMT FUJITSU-MB90F394HAPMT Datasheet
930Kb / 71P
   16-bit Proprietary Microcontroller
MB90F394HAPMT FUJITSU-MB90F394HAPMT Datasheet
403Kb / 72P
   16-bit Microcontroller
More results

Similar Description - MB90F394HAPMCR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com