Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F387SPMT Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB90F387SPMT
Description  16-bit Proprietary Microcontrollers CMOS
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F387SPMT Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB90F387SPMT Datasheet HTML 7Page - Fujitsu Component Limited. MB90F387SPMT Datasheet HTML 8Page - Fujitsu Component Limited. MB90F387SPMT Datasheet HTML 9Page - Fujitsu Component Limited. MB90F387SPMT Datasheet HTML 10Page - Fujitsu Component Limited. MB90F387SPMT Datasheet HTML 11Page - Fujitsu Component Limited. MB90F387SPMT Datasheet HTML 12Page - Fujitsu Component Limited. MB90F387SPMT Datasheet HTML 13Page - Fujitsu Component Limited. MB90F387SPMT Datasheet HTML 14Page - Fujitsu Component Limited. MB90F387SPMT Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
MB90385 Series
DS07-13717-5E
11
■ HANDLING DEVICES
• Do Not Exceed Maximum Rating (preventing “latch up”)
• On a CMOS IC, latch-up may occur when applying a voltage higher than Vcc or a voltage lower than Vss to
input or output pin, which has no middle or high withstand voltage. Latch-up may also occur when a voltage
exceeding maximum rating is applied across Vcc pin and Vss pin.
• Latch-up causes drastic increase of power current, which may lead to destruction of elements by heat. Extreme
caution must be taken not to exceed maximum rating.
• When turning on and off analog power source, take extra care not to apply an analog power voltages (AVcc
and AVR) and analog input voltage that are higher than digital power voltage (Vcc).
• Handling Unused Pins
• Leaving unused input pins open may cause permanent destruction by malfunction or latch-up. Apply pull-up
or pull-down process to the unused pins using resistors of 2 k
Ω or higher. Leave unused input/output pins
open under output status, or process as input pins if they are under input status.
• Using External Clock
• When using an external clock, drive only X0 pin and leave X1 pin open. An example of using an external clock
is shown below.
• Notes When Using No Sub Clock
• If an oscillator is not connected to X0A and X1A pin, apply pull-down resistor to X0A pin and leave X1A pin open.
• About Power Supply Pins
• If two or more Vcc and Vss pins exist, the pins that should be at the same potential are connected to each
other inside the device. For reducing unwanted emissions and preventing malfunction of strobe signals caused
by increase of ground level, however, be sure to connect the Vcc and Vss pins to the power source and the
ground externally.
• Pay attention to connect a power supply to Vcc and Vss of MB90385 series device in a lowest-possible
impedance.
• Near pins of MB90385 series device, connecting a bypass capacitor is recommended at 0.1
µF across Vcc
pin and Vss pin.
• Crystal Oscillator Circuit
• Noises around X0 and X1 pins cause malfunctions on a MB90385 series device. Design a print circuit so that
X0 and X1 pins, an crystal oscillator (or a ceramic oscillator), and bypass capacitor to the ground become as
close as possible to each other. Furthermore, avoid wires to X0 and X1 pins crossing each other as much as
possible.
• Print circuit designing that surrounds X0 and X1 pins with grounding wires, which ensures stable operation,
is strongly recommended.
• Caution on Operations during PLL Clock Mode
• If the PLL clock mode is selected, the microcontroller attempt to be working with the self-oscillating circuit even
when there is no external oscillator or external clock input is stopped. Performance of this operation, however,
cannot be guaranteed.
X1
X0
Open
MB90385 series
• Using external clock


Similar Part No. - MB90F387SPMT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F387SPMT FUJITSU-MB90F387SPMT Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller
MB90F387SPMT FUJITSU-MB90F387SPMT Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
logo
Cypress Semiconductor
MB90F387SPMT CYPRESS-MB90F387SPMT Datasheet
1Mb / 82P
   16-bit Microcontrollers F2MC-16LX
logo
Fujitsu Component Limit...
MB90F387SPMT-GSE1 FUJITSU-MB90F387SPMT-GSE1 Datasheet
48Kb / 10P
   16-BIT MICROCONTROLLER An Additional Manual for the Softune Linkage Kit
More results

Similar Description - MB90F387SPMT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90560 FUJITSU-MB90560_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
MB90350E FUJITSU-MB90350E Datasheet
899Kb / 85P
   16-bit Proprietary Microcontrollers
MB90561 FUJITSU-MB90561 Datasheet
874Kb / 91P
   16-bit Proprietary Microcontrollers
MB90565 FUJITSU-MB90565_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
MB91482 FUJITSU-MB91482 Datasheet
896Kb / 88P
   32-bit proprietary Microcontrollers CMOS
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com