Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX809-31SAG-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # APX809-31SAG-7
Description  3-PIN MICROPROCESSOR RESET CIRCUITS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX809-31SAG-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  APX809-31SAG-7 Datasheet HTML 1Page - Diodes Incorporated APX809-31SAG-7 Datasheet HTML 2Page - Diodes Incorporated APX809-31SAG-7 Datasheet HTML 3Page - Diodes Incorporated APX809-31SAG-7 Datasheet HTML 4Page - Diodes Incorporated APX809-31SAG-7 Datasheet HTML 5Page - Diodes Incorporated APX809-31SAG-7 Datasheet HTML 6Page - Diodes Incorporated APX809-31SAG-7 Datasheet HTML 7Page - Diodes Incorporated APX809-31SAG-7 Datasheet HTML 8Page - Diodes Incorporated APX809-31SAG-7 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
APX809/810
3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
3 of 9
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
1.1
5.5
V
VIN
Input Voltage
0
(VCC+0.3)
V
TA
Operating Ambient Temperature Range
-40
85
oC
TR
Vcc Rising Time (Vcc = 0~VT)
100
V/ uS
Electrical Characteristics
(TA = 25ºC)
TA= -40 to 85
oC unless otherwise note. Typical values are at T
A=+25
oC.
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
VCC
VCC Range
TA = 0
oC to +70oC
1.0
5.5
V
ICC
Supply Current
VTH + 0.2V
30
40
μA
VTH
Reset
Threshold
APX809/810-23
TA = 0
oC-85oC
2.21
2.25
2.30
V
APX809/810-26
2.59
2.63
2.69
APX809/810-29
2.88
2.93
3.00
APX809/810-31
3.02
3.08
3.15
APX809/810-40
3.93
4.00
4.08
APX809/810-44
4.31
4.38
4.47
APX809/810-46
4.56
4.63
4.72
APX809/810-23
TA = -40
oC-85oC
2.20
2.25
2.30
V
APX809/810-26
2.57
2.63
2.69
APX809/810-29
2.86
2.93
3.00
APX809/810-31
3.00
3.08
3.15
APX809/810-40
3.92
4.00
4.08
APX809/810-44
4.29
4.38
4.47
APX809/810-46
4.54
4.63
4.72
Reset Threshold Tempco
30
ppm/
oC
TS
Set-up Time
VCC = VTH to (VTH – 100mV)
20
μs
TDELAY Reset Active Timeout Period
TA = 0
oC to +85oC
140
200
280
ms
VOL
T
RESE
Output Voltage Low
(APX809)
VCC = VTH -0.2, ISINK = 1.2mA
0.3
V
VCC = VTH -0.2, ISINK = 3.2mA
0.4
VCC > 1.0V, ISINK = 50uA
0.3
VOH
T
RESE
Output Voltage-High
(APX809)
VCC > VTH +0.2,
ISOURCE = 500uA
0.8VCC
V
VCC > VTH +0.2,
ISOURCE = 800uA
VCC –1.5
VOL
RESET Output Voltage-Low
(APX810)
VCC = VTH +0.2, ISINK = 1.2mA
0.3
V
VCC = VTH +0.2, ISINK = 3.2mA
0.4
VOH
RESET Output Voltage-High
(APX810)
1.8V < VCC < VTH -0.2,
ISOURCE = 150uA
0.8 VCC
V
θ
JA
Thermal Resistance
Junction-to-Ambient
SOT23/SOT23R (Note 3)
201
oC/W
θ
JC
Thermal Resistance
Junction-to-Case
SOT23/SOT23R (Note 3)
56
oC/W
Notes:
3. Test condition for SOT23/ SOT23R: Devices mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.


Similar Part No. - APX809-31SAG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX809-31SA DIODES-APX809-31SA Datasheet
174Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 3
More results

Similar Description - APX809-31SAG-7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Analog Intergrations Co...
AIC809 AIC-AIC809 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com