Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP-TK94-03XA5 Datasheet(PDF) 2 Page - SHIELD s.r.l.

Part # MP-TK94-03XA5
Description  PVC, UL 300 V, shielded
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

MP-TK94-03XA5 Datasheet(HTML) 2 Page - SHIELD s.r.l.

  MP-TK94-03XA5 Datasheet HTML 1Page - SHIELD s.r.l. MP-TK94-03XA5 Datasheet HTML 2Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CABLES - CAVI
www.shield.net
Formation
Formazione
n x mm2 (a)
Descriptive code
Codice descrittivo
Short
code
Codice
breve
Refer. or style
Rifer. o style
(c)
Sheath colour
Colore guaina
RAL
Wires
colour
Colore
cond.
(b)
Copper
class
Classe
rame
IEC 60228
Static
application
Applicazione
statica
°C
Dynamic
application
Applicazione
dinamica
°C
Note Nota
[(11+1)x0,50]s
MP-TK94-12GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
[12x0,50]s
MP-TK94-12XC5
4P5
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[14x0,50]s
MP-TK94-14XC5
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[(15+1)x0,50]s
MP-TK94-16GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
[16x0,50]s
MP-TK94-16XC5
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[(17+1)x0,50]s
MP-TK94-18GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
[18x0,50]s
MP-TK94-18XC5
4P8
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[20x0,50]s
MP-TK94-20XC5
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[25x0,50]s
MP-TK94-25XC5
4P0
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[37x0,50]s
MP-TK94-37XC5
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[2x0,75]s
MP-TK95-02XA5
560
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
[(2+1)x0,75]s
MP-TK95-03GA5
561
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
[3x0,75]s
MP-TK95-03XA5
562
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
[(3+1)x0,75]s
MP-TK95-04GA5
563
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
[4x0,75]s
MP-TK95-04XA5
564
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
[(4+1)x0,75]s
MP-TK95-05GA5
565
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
[5x0,75]s
MP-TK95-05XA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
[6x0,75]s
MP-TK95-06XC5
5P1
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[(6+1)x0,75]s
MP-TK95-07GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
[7x0,75]s
MP-TK95-07XC5
5P2
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[8x0,75]s
MP-TK95-08XC5
5P3
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[(9+1)x0,75]s
MP-TK95-10GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
[10x0,75]s
MP-TK95-10XC5
5P4
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[(11+1)x0,75]s
MP-TK95-12GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
[12x0,75]s
MP-TK95-12XC5
5P5
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[14x0,75]s
MP-TK95-14XC5
5P6
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[(15+1)x0,75]s
MP-TK95-16GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
[16x0,75]s
MP-TK95-16XC5
5P7
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[(17+1)x0,75]s
MP-TK95-18GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
[18x0,75]s
MP-TK95-18XC5
5P8
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[20x0,75]s
MP-TK95-20XC5
5P9
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[2x1,00]s
MP-TK96-02XA5
660
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
[(2+1)x1,00]s
MP-TK96-03GA5
661
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
[3x1,00]s
MP-TK96-03XA5
662
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
[(3+1)x1,00]s
MP-TK96-04GA5
663
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
[4x1,00]s
MP-TK96-04XA5
664
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
[(4+1)x1,00]s
MP-TK96-05GA5
665
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
[5x1,00]s
MP-TK96-05XA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
[6x1,00]s
MP-TK96-06XC5
6P1
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[(6+1)x1,00]s
MP-TK96-07GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
[7x1,00]s
MP-TK96-07XC5
6P2
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[8x1,00]s
MP-TK96-08XC5
6P3
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[(9+1)x1,00]s
MP-TK96-10GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
[10x1,00]s
MP-TK96-10XC5
6P4
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[(11+1)x1,00]s
MP-TK96-12GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
[12x1,00]s
MP-TK96-12XC5
6P5
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[14x1,00]s
MP-TK96-14XC5
6P6
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[(15+1)x1,00]s
MP-TK96-16GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
[16x1,00]s
MP-TK96-16XC5
6P7
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[(17+1)x1,00]s
MP-TK96-18GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
[18x1,00]s
MP-TK96-18XC5
6P8
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[20x1,00]s
MP-TK96-20XC5
6P9
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[2x1,50]s
MP-TK97-02XA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
[(2+1)x1,50]s
MP-TK97-03GA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
[3x1,50]s
MP-TK97-03XA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
[(3+1)x1,50]s
MP-TK97-04GA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
[4x1,50]s
MP-TK97-04XA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
[(4+1)x1,50]s
MP-TK97-05GA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
[5x1,50]s
MP-TK97-05XA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
[6x1,50]s
MP-TK97-06XC5
7P1
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[(6+1)x1,50]s
MP-TK97-07GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
[7x1,50]s
MP-TK97-07XC5
7P2
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[8x1,50]s
MP-TK97-08XC5
7P3
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
[(9+1)x1,50]s
MP-TK97-10GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
[10x1,50]s
MP-TK97-10XC5
7P4
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
33 MP-T 2
20080908_1.pdf 69
08/09/2008 17.55.54


Similar Part No. - MP-TK94-03XA5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MP-040040-25-8A MACOM-MP-040040-25-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
MP-064064-25-8A MACOM-MP-064064-25-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
MP-080080-10-8A MACOM-MP-080080-10-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
MP-089047-10-8A MACOM-MP-089047-10-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
MP-095080-25-8A MACOM-MP-095080-25-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
More results

Similar Description - MP-TK94-03XA5

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MN-ST SHIELD-MN-ST Datasheet
110Kb / 2P
   PVC, UL 300 V
MN-TM SHIELD-MN-TM Datasheet
70Kb / 1P
   PVC, UL 300 V, cold resistant (- 40째C)
MF-TE SHIELD-MF-TE Datasheet
100Kb / 2P
   PUR outer sheath, pvc inside, UL 300 V
MH-PF SHIELD-MH-PF Datasheet
83Kb / 1P
   Multi-section cables, UL 300 V, PUR outer sheath, pvc inside
MC-OE SHIELD-MC-OE Datasheet
111Kb / 2P
   PUR, halogen free, UL 300 V
MD-TE SHIELD-MD-TE Datasheet
110Kb / 2P
   PUR, halogen free, UL 300 V
MD-EE SHIELD-MD-EE Datasheet
71Kb / 1P
   PUR, halogen free, UL 300 V
MC-UE SHIELD-MC-UE Datasheet
90Kb / 1P
   PUR, pvc insulation, UL 600 V
MN-UK SHIELD-MN-UK Datasheet
77Kb / 1P
   PVC, HAR-UL-CSA tri-norm, 600 V
logo
General Cable Technolog...
01366.38T.01 GENERAL-01366.38T.01 Datasheet
65Kb / 1P
   60쨘C 300 Volt UL /CSA Portable Cord
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com