Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP-BK75-12GN5 Datasheet(PDF) 2 Page - SHIELD s.r.l.

Part # MP-BK75-12GN5
Description  PVC, CEI 20-22 II
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

MP-BK75-12GN5 Datasheet(HTML) 2 Page - SHIELD s.r.l.

  MP-BK75-12GN5 Datasheet HTML 1Page - SHIELD s.r.l. MP-BK75-12GN5 Datasheet HTML 2Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CABLES - CAVI
www.shield.net
Formation
Formazione
n x mm2 (a)
Descriptive code
Codice descrittivo
Short
code
Codice
breve
Refer. or style
Rifer. o style
(c)
Sheath colour
Colore guaina
RAL
Wires
colour
Colore
cond.
(b)
Copper
class
Classe
rame
IEC 60228
Static
application
Applicazione
statica
°C
Dynamic
application
Applicazione
dinamica
°C
Note Nota
[5x1,00]s
MP-BK76-05XA5
LiYCY
gy 7035
A
5
-25...+ 80
CEI 20-22 II
[6x1,00]s
MP-BK76-06XC5
LiYCY
gy 7035
C
5
-25...+ 80
CEI 20-22 II
[(6+1)x1,00]s
MP-BK76-07GN5
LiYCY
gy 7035
N
5
-25...+ 80
CEI 20-22 II
[7x1,00]s
MP-BK76-07XC5
LiYCY
gy 7035
C
5
-25...+ 80
CEI 20-22 II
[8x1,00]s
MP-BK76-08XC5
LiYCY
gy 7035
C
5
-25...+ 80
CEI 20-22 II
[(9+1)x1,00]s
MP-BK76-10GN5
LiYCY
gy 7035
N
5
-25...+ 80
CEI 20-22 II
[10x1,00]s
MP-BK76-10XC5
LiYCY
gy 7035
C
5
-25...+ 80
CEI 20-22 II
[(11+1)x1,00]s
MP-BK76-12GN5
LiYCY
gy 7035
N
5
-25...+ 80
CEI 20-22 II
[12x1,00]s
MP-BK76-12XC5
LiYCY
gy 7035
C
5
-25...+ 80
CEI 20-22 II
[14x1,00]s
MP-BK76-14XC5
LiYCY
gy 7035
C
5
-25...+ 80
CEI 20-22 II
[(15+1)x1,00]s
MP-BK76-16GN5
LiYCY
gy 7035
N
5
-25...+ 80
CEI 20-22 II
[16x1,00]s
MP-BK76-16XC5
LiYCY
gy 7035
C
5
-25...+ 80
CEI 20-22 II
[(17+1)x1,00]s
MP-BK76-18GN5
LiYCY
gy 7035
N
5
-25...+ 80
CEI 20-22 II
[18x1,00]s
MP-BK76-18XC5
LiYCY
gy 7035
C
5
-25...+ 80
CEI 20-22 II
[20x1,00]s
MP-BK76-20XC5
LiYCY
gy 7035
C
5
-25...+ 80
CEI 20-22 II
[2x1,50]s
MP-BK77-02XA5
LiYCY
gy 7035
A
5
-25...+ 80
CEI 20-22 II
[(2+1)x1,50]s
MP-BK77-03GA5
LiYCY
gy 7035
A
5
-25...+ 80
CEI 20-22 II
[3x1,50]s
MP-BK77-03XA5
LiYCY
gy 7035
A
5
-25...+ 80
CEI 20-22 II
[(3+1)x1,50]s
MP-BK77-04GA5
LiYCY
gy 7035
A
5
-25...+ 80
CEI 20-22 II
[4x1,50]s
MP-BK77-04XA5
LiYCY
gy 7035
A
5
-25...+ 80
CEI 20-22 II
[(4+1)x1,50]s
MP-BK77-05GA5
LiYCY
gy 7035
A
5
-25...+ 80
CEI 20-22 II
[5x1,50]s
MP-BK77-05XA5
LiYCY
gy 7035
A
5
-25...+ 80
CEI 20-22 II
[6x1,50]s
MP-BK77-06XC5
LiYCY
gy 7035
C
5
-25...+ 80
CEI 20-22 II
[(6+1)x1,50]s
MP-BK77-07GN5
LiYCY
gy 7035
N
5
-25...+ 80
CEI 20-22 II
[7x1,50]s
MP-BK77-07XC5
LiYCY
gy 7035
C
5
-25...+ 80
CEI 20-22 II
[8x1,50]s
MP-BK77-08XC5
LiYCY
gy 7035
C
5
-25...+ 80
CEI 20-22 II
[(9+1)x1,50]s
MP-BK77-10GN5
LiYCY
gy 7035
N
5
-25...+ 80
CEI 20-22 II
[10x1,50]s
MP-BK77-10XC5
LiYCY
gy 7035
C
5
-25...+ 80
CEI 20-22 II
33 MP-B 2
20080908_1.pdf 65
08/09/2008 17.55.54


Similar Part No. - MP-BK75-12GN5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MP-040040-25-8A MACOM-MP-040040-25-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
MP-064064-25-8A MACOM-MP-064064-25-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
MP-080080-10-8A MACOM-MP-080080-10-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
MP-089047-10-8A MACOM-MP-089047-10-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
MP-095080-25-8A MACOM-MP-095080-25-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
More results

Similar Description - MP-BK75-12GN5

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MN-AE SHIELD-MN-AE Datasheet
96Kb / 2P
   PVC, 90C and 70째C, CEI 20-22 II
logo
Belden Inc.
9431 BELDEN-9431 Datasheet
211Kb / 2P
   Electronic, 20 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
logo
Sumida Corporation
CEI-128 SUMIDA-CEI-128 Datasheet
62Kb / 1P
   CEI-128,CEE156
logo
General Cable Technolog...
C4015A GENERAL-C4015A Datasheet
73Kb / 1P
   4P 22 SOLID TC SR-PVC PVC
E1000S GENERAL-E1000S Datasheet
73Kb / 1P
   2C 22 SOLID BC SR-PVC PVC
10/29/2007
C9015A GENERAL-C9015A Datasheet
71Kb / 1P
   15C 22 AWG 7/30 TC PVC / PVC
C6036A GENERAL-C6036A Datasheet
74Kb / 1P
   6SP 22 SOLID TC PVC/PVC Computer Cable
C9011A GENERAL-C9011A Datasheet
71Kb / 1P
   4C 22 AWG 7/30 TC PVC / PVC
C9017A GENERAL-C9017A Datasheet
71Kb / 1P
   25C 22 AWG 7/30 TC PVC / PVC
C9009A GENERAL-C9009A Datasheet
70Kb / 1P
   2C 22 AWG 7/30 TC PVC / PVC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com