Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX812-XXUG-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # APX812-XXUG-7
Description  4-Pin Microprocessor Supervisor With Manual Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX812-XXUG-7 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button APX812-XXUG-7 Datasheet HTML 2Page - Diodes Incorporated APX812-XXUG-7 Datasheet HTML 3Page - Diodes Incorporated APX812-XXUG-7 Datasheet HTML 4Page - Diodes Incorporated APX812-XXUG-7 Datasheet HTML 5Page - Diodes Incorporated APX812-XXUG-7 Datasheet HTML 6Page - Diodes Incorporated APX812-XXUG-7 Datasheet HTML 7Page - Diodes Incorporated APX812-XXUG-7 Datasheet HTML 8Page - Diodes Incorporated APX812-XXUG-7 Datasheet HTML 9Page - Diodes Incorporated APX812-XXUG-7 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
APX811/812
4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
6 of 10
OCTOBER 2009
DS31960
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
RESET Timeout Period vs. Temperature
150
160
170
180
190
200
210
220
230
240
250
-40℃ -25℃ 0℃
25℃ 50℃ 85℃ 105℃ 125℃
Temperature
RESET Threshold Voltage vs. Temperature
2.8
2.85
2.9
2.95
3
3.05
3.1
3.15
3.2
-40℃ -25℃
0℃
25℃ 50℃ 85℃ 105℃ 125℃
Temperature
Vcc Supply Current vs. Temperature
(Vcc=3.3V Vth=2.93V)
25
26
27
28
29
30
31
32
33
34
35
-40℃ -25℃
0℃
25℃ 50℃ 85℃ 105℃ 125℃
Temperature
Supply Curreny vs. Vcc
0
5
10
15
20
25
30
35
40
1.5V
2.5V
3.3V
4.0V
5.0V
5.5V
Vcc


Similar Part No. - APX812-XXUG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX812-23UG-7 DIODES-APX812-23UG-7 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
APX812-26UG-7 DIODES-APX812-26UG-7 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
APX812-29UG-7 DIODES-APX812-29UG-7 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
APX812-31UG-7 DIODES-APX812-31UG-7 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
APX812-40UG-7 DIODES-APX812-40UG-7 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
More results

Similar Description - APX812-XXUG-7

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM811 ALSC-ASM811 Datasheet
229Kb / 10P
   4 Pin P Voltage Supervisor with Manual Reset
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6711T MAXIM-MAX6711T Datasheet
153Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
logo
IMP, Inc
IMP811 IMP-IMP811 Datasheet
140Kb / 8P
   4-pin 關P Voltage Supervisor with Manual Reset
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L_05 Datasheet
279Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 1; 12/05
logo
ON Semiconductor
CAT811 ONSEMI-CAT811 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
CAT811RTBI ONSEMI-CAT811RTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_08 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811LTBI ONSEMI-CAT811LTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_05 Datasheet
92Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com