Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM3470 Datasheet(PDF) 6 Page - Analog Devices

Part # ADUM3470
Description  PWM Controller and Transformer Driver with Quad-Channel Isolators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM3470 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADUM3470 Datasheet HTML 2Page - Analog Devices ADUM3470 Datasheet HTML 3Page - Analog Devices ADUM3470 Datasheet HTML 4Page - Analog Devices ADUM3470 Datasheet HTML 5Page - Analog Devices ADUM3470 Datasheet HTML 6Page - Analog Devices ADUM3470 Datasheet HTML 7Page - Analog Devices ADUM3470 Datasheet HTML 8Page - Analog Devices ADUM3470 Datasheet HTML 9Page - Analog Devices ADUM3470 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADuM3470/ADuM3471/ADuM3472/ADuM3473/ADuM3474
Rev. 0 | Page 6 of 32
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Logic High Output Voltages
VOAH, VOBH,
VOCH, VODH
VCC − 0.2, VISO − 0.2
5.0
V
IOx = −20 μA, VIx = VIxH
VCC − 0.5, V1SO − 0.5
4.8
V
IOx = −4 mA, VIx = VIxH
Logic Low Output Voltages
VOAL, VOBL,
VOCL, VODL
0.0
0.1
V
IOx = 20 μA, VIx = VIxL
0.0
0.4
V
IOx = 4 mA, VIx = VIxL
AC SPECIFICATIONS
ADuM347xARWZ
Minimum Pulse Width
PW
1000
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate
1
Mbps
CL = 15 pF, CMOS signal levels
Propagation Delay
tPHL, tPLH
60
100
ns
CL = 15 pF, CMOS signal levels
Pulse Width Distortion, |tPLH − tPHL|
PWD
40
ns
CL = 15 pF, CMOS signal levels
Propagation Delay Skew
tPSK
50
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching
tPSKCD/tPSKOD
50
ns
CL = 15 pF, CMOS signal levels
ADuM347xCRWZ
Minimum Pulse Width
PW
40
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate
25
Mbps
CL = 15 pF, CMOS signal levels
Propagation Delay
tPHL, tPLH
30
60
75
ns
CL = 15 pF, CMOS signal levels
Pulse Width Distortion, |tPLH − tPHL|
PWD
8
ns
CL = 15 pF, CMOS signal levels
Change vs. Temperature
5
ps/°C
CL = 15 pF, CMOS signal levels
Propagation Delay Skew
tPSK
45
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching,
Codirectional Channels
tPSKCD
8
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching,
Opposing Directional Channels
tPSKOD
15
ns
CL = 15 pF, CMOS signal levels
Output Rise/Fall Time (10% to 90%)
tR/tF
2.5
ns
CL = 15 pF, CMOS signal levels
Common-Mode Transient Immunity
at Logic High Output
|CMH|
25
35
kV/μs
VIx = VDD or VISO, VCM = 1000 V,
transient magnitude = 800 V
Common-Mode Transient Immunity
at Logic Low Output
|CML|
25
35
kV/μs
VIx = 0 V, V = 1000 V,
transient magnitude = 800 V
Refresh Rate
fr
1.0
Mbps
1 The contributions of supply current values for all four channels are combined at identical data rates.
2 The VISO supply current is available for external use when all data rates are below 2 Mbps. At data rates above 2 Mbps, the data I/O channels draw additional
current proportional to the data rate. Additional supply current associated with an individual channel operating at a given data rate can be calculated as
described in the
section. The dynamic I/O channel load must be treated as an external load and included in the VISO power budget.
Power Consumption
Power Consumption
3 The power demands of the quiescent operation of the data channels was not separated from the power supply section. Efficiency includes the quiescent power
consumed by the I/O channels as part of the internal power consumption.
4 This current is available for driving external loads at the VISO output. All channels are simultaneously driven at a maximum data rate of 25 Mbps with full
capacitive load representing the maximum dynamic load conditions. Refer to the
section for calculation of available current at less than the
maximum data rate.


Similar Part No. - ADUM3470

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3470 AD-ADUM3470 Datasheet
793Kb / 36P
   PWM Controller and Transformer Driver with Quad-Channel Isolators
Rev. B
ADUM3470ARSZ AD-ADUM3470ARSZ Datasheet
793Kb / 36P
   PWM Controller and Transformer Driver with Quad-Channel Isolators
Rev. B
ADUM3470CRSZ AD-ADUM3470CRSZ Datasheet
793Kb / 36P
   PWM Controller and Transformer Driver with Quad-Channel Isolators
Rev. B
ADUM3470WARSZ AD-ADUM3470WARSZ Datasheet
793Kb / 36P
   PWM Controller and Transformer Driver with Quad-Channel Isolators
Rev. B
ADUM3470WCRSZ AD-ADUM3470WCRSZ Datasheet
793Kb / 36P
   PWM Controller and Transformer Driver with Quad-Channel Isolators
Rev. B
More results

Similar Description - ADUM3470

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3470 AD-ADUM3470_V01 Datasheet
793Kb / 36P
   PWM Controller and Transformer Driver with Quad-Channel Isolators
Rev. B
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1402 AD-ADUM1402_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com