Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN-UKG5-07XN5 Datasheet(PDF) 1 Page - SHIELD s.r.l.

Part # MN-UKG5-07XN5
Description  PVC, HAR-UL-CSA tri-norm, 600 V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

MN-UKG5-07XN5 Datasheet(HTML) 1 Page - SHIELD s.r.l.

  MN-UKG5-07XN5 Datasheet HTML 1Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CABLES - CAVI
www.shield.net
PVC, HAR-UL-CSA tri-norm, 600 V
Description. Conductor insulation: special PVC. Outer sheath: special PVC.
Application. This cable is particularly useful for industrial automation; it is approved for three
big markets: Europe, Canada and USA. Limited resistance to abrasion. Good resistance to
common oils (UL 1581). Flame resistance degree: UL94 vertical flame test, IEC 60332-1.
Max working voltage: 600 V. Test voltage: 2500 V.
Note to table:
(a) example: 3 = three wires; 2+1 = two wires + yellow/green earth.
(b) colours: N = black with white numbers; yellow/green earth if present.
(c) norms: UL = UL recognized (United States) / CSA = CSA recognized (Canada),
HAR = cables European approval.
PVC, trinorme HAR-UL-CSA, 600 V
Descrizione. Isolante conduttori: PVC speciale. Guaina esterna: PVC speciale.
Impiego. Questo cavo è particolarmente utile in automazione industriale; è omologato per tre
grandi mercati: Europa, Canada e USA. Limitata resistenza all’abrasione. Buona resistenza agli
oli comuni (UL 1581). Grado di resistenza alla fiamma: UL94 test fiamma verticale, IEC 60332-1.
Tensione massima di lavoro: 600 V. Tensione di prova: 2500 V.
Note alla tabella:
(a) esempio: 3 = tre conduttori; 2+1 = due conduttori + terra giallo/verde.
(b) colori: N = nero con numeri bianchi; terra giallo/verde se presente.
(c) norme: UL = certificato UL (Stati Uniti) / CSA = certificato CSA (Canada),
HAR = omologazione europea per i cavi.
Formation
Formazione
n x mm2 (a)
Descriptive code
Codice descrittivo
Short
code
Codice
breve
Refer. or style
Rifer. o style
(c)
Sheath colour
Colore guaina
RAL
Wires
colour
Colore
cond.
(b)
Copper
class
Classe
rame
IEC 60228
Static
application
Applicazione
statica
°C
Dynamic
application
Applicazione
dinamica
°C
Note Nota
MN-UKG
6x0,50
MN-UKG4-06XN5
4U1
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
(6+1)x0,50
MN-UKG4-07GN5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
7x0,50
MN-UKG4-07XN5
4U2
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
8x0,50
MN-UKG4-08XN5
4U3
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
(9+1)x0,50
MN-UKG4-10GN5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
10x0,50
MN-UKG4-10XN5
4U4
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
(11+1)x0,50
MN-UKG4-12GN5
486
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
12x0,50
MN-UKG4-12XN5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
14x0,50
MN-UKG4-14XN5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
(15+1)x0,50
MN-UKG4-16GN5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
16x0,50
MN-UKG4-16XN5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
(17+1)x0,50
MN-UKG4-18GN5
487
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
18x0,50
MN-UKG4-18XN5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
20x0,50
MN-UKG4-20XN5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
25x0,50
MN-UKG4-25XN5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
37x0,50
MN-UKG4-37XN5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
(2+1)x0,75
MN-UKG5-03GN5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
6x0,75
MN-UKG5-06XN5
5U1
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
(6+1)x0,75
MN-UKG5-07GN5
52U
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
7x0,75
MN-UKG5-07XN5
5U2
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
8x0,75
MN-UKG5-08XN5
5U3
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
(9+1)x0,75
MN-UKG5-10GN5
53U
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
10x0,75
MN-UKG5-10XN5
5U4
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
(11+1)x0,75
MN-UKG5-12GN5
54U
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
12x0,75
MN-UKG5-12XN5
5U5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
14x0,75
MN-UKG5-14XN5
5U6
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
(15+1)x0,75
MN-UKG5-16GN5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
16x0,75
MN-UKG5-16XN5
5U7
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
(17+1)x0,75
MN-UKG5-18GN5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
18x0,75
MN-UKG5-18XN5
5U8
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
20x0,75
MN-UKG5-20XN5
5U9
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
2x1,00
MN-UKG6-02XN5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
(2+1)x1,00
MN-UKG6-03GN5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
3x1,00
MN-UKG6-03XN5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
(3+1)x1,00
MN-UKG6-04GN5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
4x1,00
MN-UKG6-04XN5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
(4+1)x1,00
MN-UKG6-05GN5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
5x1,00
MN-UKG6-05XN5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
6x1,00
MN-UKG6-06XN5
6U1
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
(6+1)x1,00
MN-UKG6-07GN5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
7x1,00
MN-UKG6-07XN5
6U2
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
8x1,00
MN-UKG6-08XN5
6U3
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
(9+1)x1,00
MN-UKG6-10GN5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
10x1,00
MN-UKG6-10XN5
6U4
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
(11+1)x1,00
MN-UKG6-12GN5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
12x1,00
MN-UKG6-12XN5
6U5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
14x1,00
MN-UKG6-14XN5
6U6
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
(15+1)x1,00
MN-UKG6-16GN5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
16x1,00
MN-UKG6-16XN5
6U7
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
(17+1)x1,00
MN-UKG6-18GN5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
18x1,00
MN-UKG6-18XN5
6U8
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
20x1,00
MN-UKG6-20XN5
6U9
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
6x1,50
MN-UKG7-06XN5
7U1
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
(6+1)x1,50
MN-UKG7-07GN5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
7x1,50
MN-UKG7-07XN5
7U2
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
8x1,50
MN-UKG7-08XN5
7U3
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
(9+1)x1,50
MN-UKG7-10GN5
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
10x1,50
MN-UKG7-10XN5
7U4
600V 90°C tri-norm
gy 7001
N
5
-30...+ 90
- 5...+ 90
MN-UK
33 MN-U
20080908_1.pdf 63
08/09/2008 17.55.54


Similar Part No. - MN-UKG5-07XN5

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
MN-2.5V PERICOM-MN-2.5V Datasheet
736Kb / 4P
   2.5V CMOS SSXO
MN-3.3V PERICOM-MN-3.3V Datasheet
671Kb / 4P
   3.3V CMOS SSXO
logo
SHIELD s.r.l.
MN-AE SHIELD-MN-AE Datasheet
96Kb / 2P
   PVC, 90C and 70째C, CEI 20-22 II
MN-AE7 SHIELD-MN-AE7 Datasheet
96Kb / 2P
   PVC, 90C and 70째C, CEI 20-22 II
MN-AE71-02XA5 SHIELD-MN-AE71-02XA5 Datasheet
96Kb / 2P
   PVC, 90C and 70째C, CEI 20-22 II
More results

Similar Description - MN-UKG5-07XN5

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MC-UE SHIELD-MC-UE Datasheet
90Kb / 1P
   PUR, pvc insulation, UL 600 V
MN-ST SHIELD-MN-ST Datasheet
110Kb / 2P
   PVC, UL 300 V
MN-PK SHIELD-MN-PK Datasheet
86Kb / 1P
   PVC, HAR approved
logo
List of Unclassifed Man...
HK274-73-XPB1 ETC2-HK274-73-XPB1 Datasheet
75Kb / 1P
   Certifications UL, CSA
logo
SHIELD s.r.l.
MP-TE SHIELD-MP-TE Datasheet
101Kb / 2P
   PVC, UL 300 V, shielded
logo
Eaton All Rights Reserv...
CH60J3 EATON-CH60J3 Datasheet
165Kb / 1P
   Fuse-holder, low voltage, 60 A, AC 600 V, DC 600 V, UL Class J, 120 x 83 x 125 mm, 3P, UL, CSA
CH30J3 EATON-CH30J3 Datasheet
164Kb / 1P
   Fuse-holder, low voltage, 30 A, AC 600 V, DC 600 V, UL Class J, 98 x 72 x 117 mm, 3P, UL, CSA
logo
List of Unclassifed Man...
RJ11-6N-B ETC1-RJ11-6N-B Datasheet
41Kb / 1P
   UL Recognized CSA Certified
logo
General Cable Technolog...
02425.35.05 GENERAL-02425.35.05 Datasheet
127Kb / 2P
   Carolprene짰 Jacketed Type SOOW/SJOOW 90쨘C 600 Volt UL /CSA Portable Cord
logo
SHIELD s.r.l.
MN-TM SHIELD-MN-TM Datasheet
70Kb / 1P
   PVC, UL 300 V, cold resistant (- 40째C)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com