Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF-HK94-02XA5 Datasheet(PDF) 1 Page - SHIELD s.r.l.

Part # MF-HK94-02XA5
Description  PUR outer sheath, pvc inside
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

MF-HK94-02XA5 Datasheet(HTML) 1 Page - SHIELD s.r.l.

  MF-HK94-02XA5 Datasheet HTML 1Page - SHIELD s.r.l. MF-HK94-02XA5 Datasheet HTML 2Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.shield.net
CABLES - CAVI
PUR outer sheath, pvc inside
Description. Conductor insulation: special PVC. Internal sheath: special PVC. Outer sheath of
matt polyether polyurethane (PUR).
Application. The internal PVC sheath makes for easier cable working with respect to the
correspondent types entirely made of PUR. Very good resistance to common chemical agents
and oils (UL 1581). Good abrasion resistance. The cables with class 6 conductors have a good
behaviour in mobile laying.
Max working voltage: 300 V. Test voltage: 1500 V up to 0,25 mm2, 2000 V over.
Note to table:
(a) example: 3 = three wires; 2+1 = two wires + yellow/green earth.
(b) colours: A = brown, blue, black, white, grey; yellow/green earth if present.
C = according to IEC 60304 (former DIN 47100), see section “General Information”.
N = black with white numbers; yellow/green earth if present.
(c) DIN / VDE cable construction classification.
PUR guaina esterna, pvc interno
Descrizione. Isolante conduttori: PVC speciale. Guaina interna: PVC speciale. Guaina esterna
in poliuretano (PUR) polietere opaco.
Impiego. La guaina interna in PVC facilita la lavorazione rispetto ai tipi corrispondenti costruiti
in solo poliuretano. Ottima resistenza agli agenti chimici e agli idrocarburi comuni (UL1581).
Buona resistenza all’abrasione. I cavi con conduttori in classe 6 hanno un buon comportamento
in posa mobile.
Tensione massima di lavoro: 300 V. Tensione di prova: 1500 V fino a 0,25 mm2, 2000 V
oltre.
Note alla tabella:
(a) esempio: 3 = tre conduttori; 2+1 = due conduttori + terra giallo/verde.
(b) colori: A = marrone, blu, nero, bianco, grigio; terra giallo/verde se presente.
C = secondo IEC 60304 (ex DIN 47100), vedere sezione “Informazioni Generali”.
N = nero con numeri bianchi; terra giallo/verde se presente.
(c) classificazione DIN / VDE della costruzione del cavo.
MF-HE
MF-HK
Formation
Formazione
n x mm2 (a)
Descriptive code
Codice descrittivo
Short
code
Codice
breve
Refer. or style
Rifer. o style
(c)
Sheath colour
Colore guaina
RAL
Wires
colour
Colore
cond.
(b)
Copper
class
Classe
rame
IEC 60228
Static
application
Applicazione
statica
°C
Dynamic
application
Applicazione
dinamica
°C
Note Nota
MF-HE9
2x0,25
MF-HE92-02XA5
LifYY11Y
bk 9005
A
6
-25...+ 80
-15...+ 80
3x0,25
MF-HE92-03XA5
245
LifYY11Y
bk 9005
A
6
-25...+ 80
-15...+ 80
4x0,25
MF-HE92-04XA5
246
LifYY11Y
bk 9005
A
6
-25...+ 80
-15...+ 80
5x0,25
MF-HE92-05XA5
241
LifYY11Y
bk 9005
A
6
-25...+ 80
-15...+ 80
6x0,25
MF-HE92-06XC5
243
LifYY11Y
bk 9005
C
6
-25...+ 80
-15...+ 80
7x0,25
MF-HE92-07XC5
LifYY11Y
bk 9005
C
6
-25...+ 80
-15...+ 80
8x0,25
MF-HE92-08XC5
242
LifYY11Y
bk 9005
C
6
-25...+ 80
-15...+ 80
2x0,34
MF-HE93-02XA5
LifYY11Y
bk 9005
A
6
-25...+ 80
-15...+ 80
3x0,34
MF-HE93-03XA5
341
LifYY11Y
bk 9005
A
6
-25...+ 80
-15...+ 80
4x0,34
MF-HE93-04XA5
342
LifYY11Y
bk 9005
A
6
-25...+ 80
-15...+ 80
(4+1)x0,34
MF-HE93-05GA5
LifYY11Y
bk 9005
A
6
-25...+ 80
-15...+ 80
5x0,34
MF-HE93-05XA5
LifYY11Y
bk 9005
A
6
-25...+ 80
-15...+ 80
6x0,34
MF-HE93-06XC5
345
LifYY11Y
bk 9005
C
6
-25...+ 80
-15...+ 80
7x0,34
MF-HE93-07XC5
LifYY11Y
bk 9005
C
6
-25...+ 80
-15...+ 80
8x0,34
MF-HE93-08XC5
LifYY11Y
bk 9005
C
6
-25...+ 80
-15...+ 80
MF-HK1
2x0,75
MF-HK15-02XA5
522
LiYY11Y
ye 1021
A
5
-25...+ 80
(2+1)x0,75
MF-HK15-03GA5
LiYY11Y
ye 1021
A
5
-25...+ 80
3x0,75
MF-HK15-03XA5
LiYY11Y
ye 1021
A
5
-25...+ 80
(3+1)x0,75
MF-HK15-04GA5
LiYY11Y
ye 1021
A
5
-25...+ 80
4x0,75
MF-HK15-04XA5
LiYY11Y
ye 1021
A
5
-25...+ 80
(4+1)x0,75
MF-HK15-05GA5
LiYY11Y
ye 1021
A
5
-25...+ 80
MF-HK2
2x0,75
MF-HK25-02XA5
LiYY11Y
og 2003
A
5
-25...+ 80
(2+1)x0,75
MF-HK25-03GA5
570
LiYY11Y
og 2003
A
5
-25...+ 80
3x0,75
MF-HK25-03XA5
LiYY11Y
og 2003
A
5
-25...+ 80
(3+1)x0,75
MF-HK25-04GA5
LiYY11Y
og 2003
A
5
-25...+ 80
4x0,75
MF-HK25-04XA5
LiYY11Y
og 2003
A
5
-25...+ 80
(4+1)x0,75
MF-HK25-05GA5
LiYY11Y
og 2003
A
5
-25...+ 80
MF-HK9
2x0,50
MF-HK94-02XA5
429
LiYY11Y
bk 9005
A
5
-25...+ 80
(2+1)x0,50
MF-HK94-03GA5
443
LiYY11Y
bk 9005
A
5
-25...+ 80
3x0,50
MF-HK94-03XA5
441
LiYY11Y
bk 9005
A
5
-25...+ 80
(3+1)x0,50
MF-HK94-04GA5
442
LiYY11Y
bk 9005
A
5
-25...+ 80
4x0,50
MF-HK94-04XA5
446
LiYY11Y
bk 9005
A
5
-25...+ 80
(4+1)x0,50
MF-HK94-05GA5
445
LiYY11Y
bk 9005
A
5
-25...+ 80
2x0,75
MF-HK95-02XA5
516
LiYY11Y
bk 9005
A
5
-25...+ 80
(2+1)x0,75
MF-HK95-03GA5
517
LiYY11Y
bk 9005
A
5
-25...+ 80
3x0,75
MF-HK95-03XA5
LiYY11Y
bk 9005
A
5
-25...+ 80
(3+1)x0,75
MF-HK95-04GA5
534
LiYY11Y
bk 9005
A
5
-25...+ 80
4x0,75
MF-HK95-04XA5
LiYY11Y
bk 9005
A
5
-25...+ 80
(4+1)x0,75
MF-HK95-05GA5
LiYY11Y
bk 9005
A
5
-25...+ 80
5x0,75
MF-HK95-05XA5
549
LiYY11Y
bk 9005
A
5
-25...+ 80
2x1,00
MF-HK96-02XA5
618
LiYY11Y
bk 9005
A
5
-25...+ 80
(2+1)x1,00
MF-HK96-03GA5
611
LiYY11Y
bk 9005
A
5
-25...+ 80
3x1,00
MF-HK96-03XA5
612
LiYY11Y
bk 9005
A
5
-25...+ 80
(3+1)x1,00
MF-HK96-04GA5
613
LiYY11Y
bk 9005
A
5
-25...+ 80
4x1,00
MF-HK96-04XA5
614
LiYY11Y
bk 9005
A
5
-25...+ 80
(4+1)x1,00
MF-HK96-05GA5
615
LiYY11Y
bk 9005
A
5
-25...+ 80
5x1,00
MF-HK96-05XA5
617
LiYY11Y
bk 9005
A
5
-25...+ 80
33 MF-H 1
20080908_1.pdf 42
08/09/2008 17.55.51


Similar Part No. - MF-HK94-02XA5

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
MF-0637A-50BL JMK-MF-0637A-50BL Datasheet
100Kb / 1P
   Operating Voltage = 48 Vdc Operating Current = 50 Amperes
MF-0637A-50BR JMK-MF-0637A-50BR Datasheet
36Kb / 1P
   This EMI / RFI filter features a very small mechanical package.
MF-0637A-60BL JMK-MF-0637A-60BL Datasheet
100Kb / 1P
   Operating Voltage = 48 Vdc Operating Current = 60 Amperes
MF-0637A-60BR JMK-MF-0637A-60BR Datasheet
61Kb / 1P
   Operating Voltage = 48 Vdc Operating Current = 60 Amperes
logo
Willow Technologies Ltd
MF-100 WILLOW-MF-100 Datasheet
118Kb / 2P
   GENERAL PURPOSE METAL FILM RESISTORS
More results

Similar Description - MF-HK94-02XA5

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MF-TE SHIELD-MF-TE Datasheet
100Kb / 2P
   PUR outer sheath, pvc inside, UL 300 V
MH-PF SHIELD-MH-PF Datasheet
83Kb / 1P
   Multi-section cables, UL 300 V, PUR outer sheath, pvc inside
MF-RK SHIELD-MF-RK Datasheet
65Kb / 1P
   PUR / PVC, approved ADR
MC-UE SHIELD-MC-UE Datasheet
90Kb / 1P
   PUR, pvc insulation, UL 600 V
logo
Pomona Electronics
6728 POMONA-6728 Datasheet
48Kb / 1P
   Adapter, Standard Sheath Banana Jack to Non-Sheath Banana Plug
logo
3M Electronics
6728-0 3M-6728-0 Datasheet
48Kb / 1P
   Adapter, Standard Sheath Banana Jack to Non-Sheath Banana Plug
logo
Fuji Electric
EDS2-9B FUJI-EDS2-9B Datasheet
75Kb / 4P
   SHEATH TYPE THERMOCOUPLE
logo
Pomona Electronics
6729 POMONA-6729 Datasheet
142Kb / 3P
   Sheath Banana Plug
logo
Littelfuse
00200400 LITTELFUSE-00200400 Datasheet
93Kb / 1P
   ADR Cables ??Polyurethane sheath material
logo
API Technologies Corp
7006-1 APITECH-7006-1 Datasheet
499Kb / 1P
   Inside DC Block
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com