Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN-BK72-16XC5 Datasheet(PDF) 2 Page - SHIELD s.r.l.

Part # MN-BK72-16XC5
Description  PVC, 90C and 70째C, CEI 20-22 II
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

MN-BK72-16XC5 Datasheet(HTML) 2 Page - SHIELD s.r.l.

  MN-BK72-16XC5 Datasheet HTML 1Page - SHIELD s.r.l. MN-BK72-16XC5 Datasheet HTML 2Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CABLES - CAVI
www.shield.net
Formation
Formazione
n x mm2 (a)
Descriptive code
Codice descrittivo
Short
code
Codice
breve
Refer. or style
Rifer. o style
(c)
Sheath colour
Colore guaina
RAL
Wires
colour
Colore
cond.
(b)
Copper
class
Classe
rame
IEC 60228
Static
application
Applicazione
statica
°C
Dynamic
application
Applicazione
dinamica
°C
Note Nota
4x0,75
MN-BK75-04XA5
525
60332-3A IEC
gy 7035
A
5
-15...+ 70
CEI 20-22 II
(4+1)x0,75
MN-BK75-05GB5
514
60332-3A IEC
gy 7035
B
5
-15...+ 70
CEI 20-22 II
5x0,75
MN-BK75-05XA5
531
60332-3A IEC
gy 7035
A
5
-15...+ 70
CEI 20-22 II
6x0,75
MN-BK75-06XC5
532
60332-3A IEC
gy 7035
C
5
-15...+ 70
CEI 20-22 II
(6+1)x0,75
MN-BK75-07GN5
60332-3A IEC
gy 7035
N
5
-15...+ 70
CEI 20-22 II
7x0,75
MN-BK75-07XC5
60332-3A IEC
gy 7035
C
5
-15...+ 70
CEI 20-22 II
8x0,75
MN-BK75-08XC5
530
60332-3A IEC
gy 7035
C
5
-15...+ 70
CEI 20-22 II
(9+1)x0,75
MN-BK75-10GN5
60332-3A IEC
gy 7035
N
5
-15...+ 70
CEI 20-22 II
10x0,75
MN-BK75-10XC5
578
60332-3A IEC
gy 7035
C
5
-15...+ 70
CEI 20-22 II
(11+1)x0,75
MN-BK75-12GN5
60332-3A IEC
gy 7035
N
5
-15...+ 70
CEI 20-22 II
12x0,75
MN-BK75-12XC5
579
60332-3A IEC
gy 7035
C
5
-15...+ 70
CEI 20-22 II
14x0,75
MN-BK75-14XC5
60332-3A IEC
gy 7035
C
5
-15...+ 70
CEI 20-22 II
(15+1)x0,75
MN-BK75-16GN5
60332-3A IEC
gy 7035
N
5
-15...+ 70
CEI 20-22 II
16x0,75
MN-BK75-16XC5
580
60332-3A IEC
gy 7035
C
5
-15...+ 70
CEI 20-22 II
(17+1)x0,75
MN-BK75-18GN5
60332-3A IEC
gy 7035
N
5
-15...+ 70
CEI 20-22 II
18x0,75
MN-BK75-18XC5
60332-3A IEC
gy 7035
C
5
-15...+ 70
CEI 20-22 II
20x0,75
MN-BK75-20XC5
60332-3A IEC
gy 7035
C
5
-15...+ 70
CEI 20-22 II
2x1,00
MN-BK76-02XA5
624
60332-3A IEC
gy 7035
A
5
-15...+ 70
CEI 20-22 II
(2+1)x1,00
MN-BK76-03GA5
616
60332-3A IEC
gy 7035
A
5
-15...+ 70
CEI 20-22 II
3x1,00
MN-BK76-03XA5
623
60332-3A IEC
gy 7035
A
5
-15...+ 70
CEI 20-22 II
(3+1)x1,00
MN-BK76-04GA5
628
60332-3A IEC
gy 7035
A
5
-15...+ 70
CEI 20-22 II
4x1,00
MN-BK76-04XA5
627
60332-3A IEC
gy 7035
A
5
-15...+ 70
CEI 20-22 II
(4+1)x1,00
MN-BK76-05GA5
622
60332-3A IEC
gy 7035
A
5
-15...+ 70
CEI 20-22 II
5x1,00
MN-BK76-05XA5
629
60332-3A IEC
gy 7035
A
5
-15...+ 70
CEI 20-22 II
6x1,00
MN-BK76-06XC5
6N1
60332-3A IEC
gy 7035
C
5
-15...+ 70
CEI 20-22 II
(6+1)x1,00
MN-BK76-07GN5
60332-3A IEC
gy 7035
N
5
-15...+ 70
CEI 20-22 II
7x1,00
MN-BK76-07XC5
6N2
60332-3A IEC
gy 7035
C
5
-15...+ 70
CEI 20-22 II
8x1,00
MN-BK76-08XC5
6N3
60332-3A IEC
gy 7035
C
5
-15...+ 70
CEI 20-22 II
(9+1)x1,00
MN-BK76-10GN5
630
60332-3A IEC
gy 7035
N
5
-15...+ 70
CEI 20-22 II
10x1,00
MN-BK76-10XC5
6N4
60332-3A IEC
gy 7035
C
5
-15...+ 70
CEI 20-22 II
(11+1)x1,00
MN-BK76-12GN5
631
60332-3A IEC
gy 7035
N
5
-15...+ 70
CEI 20-22 II
12x1,00
MN-BK76-12XC5
6N5
60332-3A IEC
gy 7035
C
5
-15...+ 70
CEI 20-22 II
14x1,00
MN-BK76-14XC5
6N6
60332-3A IEC
gy 7035
C
5
-15...+ 70
CEI 20-22 II
(15+1)x1,00
MN-BK76-16GN5
632
60332-3A IEC
gy 7035
N
5
-15...+ 70
CEI 20-22 II
16x1,00
MN-BK76-16XC5
6N7
60332-3A IEC
gy 7035
C
5
-15...+ 70
CEI 20-22 II
(17+1)x1,00
MN-BK76-18GN5
60332-3A IEC
gy 7035
N
5
-15...+ 70
CEI 20-22 II
18x1,00
MN-BK76-18XC5
6N8
60332-3A IEC
gy 7035
C
5
-15...+ 70
CEI 20-22 II
20x1,00
MN-BK76-20XC5
6N9
60332-3A IEC
gy 7035
C
5
-15...+ 70
CEI 20-22 II
25x1,00
MN-BK76-25XC5
6N0
60332-3A IEC
gy 7035
C
5
-15...+ 70
CEI 20-22 II
2x1,50
MN-BK77-02XA5
60332-3A IEC
gy 7035
A
5
-15...+ 70
CEI 20-22 II
(2+1)x1,50
MN-BK77-03GA5
60332-3A IEC
gy 7035
A
5
-15...+ 70
CEI 20-22 II
3x1,50
MN-BK77-03XA5
60332-3A IEC
gy 7035
A
5
-15...+ 70
CEI 20-22 II
(3+1)x1,50
MN-BK77-04GA5
60332-3A IEC
gy 7035
A
5
-15...+ 70
CEI 20-22 II
4x1,50
MN-BK77-04XA5
60332-3A IEC
gy 7035
A
5
-15...+ 70
CEI 20-22 II
(4+1)x1,50
MN-BK77-05GA5
60332-3A IEC
gy 7035
A
5
-15...+ 70
CEI 20-22 II
5x1,50
MN-BK77-05XA5
60332-3A IEC
gy 7035
A
5
-15...+ 70
CEI 20-22 II
6x1,50
MN-BK77-06XC5
7N1
60332-3A IEC
gy 7035
C
5
-15...+ 70
CEI 20-22 II
(6+1)x1,50
MN-BK77-07GN5
60332-3A IEC
gy 7035
N
5
-15...+ 70
CEI 20-22 II
7x1,50
MN-BK77-07XC5
7N2
60332-3A IEC
gy 7035
C
5
-15...+ 70
CEI 20-22 II
8x1,50
MN-BK77-08XC5
7N3
60332-3A IEC
gy 7035
C
5
-15...+ 70
CEI 20-22 II
(9+1)x1,50
MN-BK77-10GN5
60332-3A IEC
gy 7035
N
5
-15...+ 70
CEI 20-22 II
10x1,50
MN-BK77-10XC5
7N4
60332-3A IEC
gy 7035
C
5
-15...+ 70
CEI 20-22 II
33 MN-A 2
20080908_1.pdf 53
08/09/2008 17.55.52


Similar Part No. - MN-BK72-16XC5

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
MN-2.5V PERICOM-MN-2.5V Datasheet
736Kb / 4P
   2.5V CMOS SSXO
MN-3.3V PERICOM-MN-3.3V Datasheet
671Kb / 4P
   3.3V CMOS SSXO
logo
SHIELD s.r.l.
MN-FK SHIELD-MN-FK Datasheet
101Kb / 2P
   PVC, 105째C and 90째C
MN-FKG SHIELD-MN-FKG Datasheet
101Kb / 2P
   PVC, 105째C and 90째C
MN-FKG2-03XC5 SHIELD-MN-FKG2-03XC5 Datasheet
101Kb / 2P
   PVC, 105째C and 90째C
More results

Similar Description - MN-BK72-16XC5

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MP-BK SHIELD-MP-BK Datasheet
95Kb / 2P
   PVC, CEI 20-22 II
MN-HK SHIELD-MN-HK Datasheet
90Kb / 2P
   CABLES - CAVI, PVC, 70째C
logo
Belden Inc.
9431 BELDEN-9431 Datasheet
211Kb / 2P
   Electronic, 20 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
logo
General Cable Technolog...
C4100A GENERAL-C4100A Datasheet
59Kb / 1P
   2C 22 (7/30)TC PVC, PVC COMMUNICATION AND CONTROL CABLE
logo
Sumida Corporation
CEI-128 SUMIDA-CEI-128 Datasheet
62Kb / 1P
   CEI-128,CEE156
logo
General Cable Technolog...
C4015A GENERAL-C4015A Datasheet
73Kb / 1P
   4P 22 SOLID TC SR-PVC PVC
E1000S GENERAL-E1000S Datasheet
73Kb / 1P
   2C 22 SOLID BC SR-PVC PVC
10/29/2007
logo
Molex Electronics Ltd.
0638194700 MOLEX-0638194700 Datasheet
31Kb / 1P
   Hand Crimp Tool for OBD II 1.52mm Crimp Terminal, 0.30-0.50mm짼 and 20-22 AWG
11/02/2021
logo
General Cable Technolog...
C9015A GENERAL-C9015A Datasheet
71Kb / 1P
   15C 22 AWG 7/30 TC PVC / PVC
C6036A GENERAL-C6036A Datasheet
74Kb / 1P
   6SP 22 SOLID TC PVC/PVC Computer Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com