Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN-HK94-16XC5 Datasheet(PDF) 1 Page - SHIELD s.r.l.

Part # MN-HK94-16XC5
Description  CABLES - CAVI, PVC, 70째C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

MN-HK94-16XC5 Datasheet(HTML) 1 Page - SHIELD s.r.l.

  MN-HK94-16XC5 Datasheet HTML 1Page - SHIELD s.r.l. MN-HK94-16XC5 Datasheet HTML 2Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.shield.net
CABLES - CAVI
MN-HK
PVC, 70°C
Description. Conductor insulation: PVC. Outer sheath: PVC.
Application. Suitable for connections in industrial automation. Moderate resistance to common
oils. Flame resistance grade: self-extinguishing. Limited resistance to abrasion.
Max working voltage: 300 V. Test voltage: 1500V up to 0,25 mm2, 2000 V over.
Note to table:
(a) example: 3 = three wires; 2+1 = two wires + yellow/green earth.
(b) colours: A = brown, blue, black, white, grey; yellow/green earth if present.
C = according to IEC 60304 (former DIN 47100), see section “General Information”.
N = black with white numbers; yellow/green earth if present.
(c) DIN / VDE cable construction classification.
PVC, 70°C
Descrizione. Isolante conduttori: PVC. Guaina esterna: PVC.
Impiego. Adatto per collegamenti in automazione industriale. Moderata resistenza agli oli
comuni. Grado di resistenza alla fiamma: autoestinguente. Limitata resistenza all’abrasione.
Tensione massima di lavoro: 300 V. Tensione di prova: 2000 V.
Note alla tabella:
(a) esempio: 3 = tre conduttori; 2+1 = due conduttori + terra giallo/verde.
(b) colori: A = marrone, blu, nero, bianco, grigio; terra giallo/verde se presente.
C = secondo IEC 60304 (ex DIN 47100), vedere sezione “Informazioni Generali”.
N = nero con numeri bianchi; terra giallo/verde se presente.
(c) classificazione DIN / VDE della costruzione del cavo.
Formation
Formazione
n x mm2 (a)
Descriptive code
Codice descrittivo
Short
code
Codice
breve
Refer. or style
Rifer. o style
(c)
Sheath colour
Colore guaina
RAL
Wires
colour
Colore
cond.
(b)
Copper
class
Classe
rame
IEC 60228
Static
application
Applicazione
statica
°C
Dynamic
application
Applicazione
dinamica
°C
Note Nota
MN-HK2
(2+1)x0,75
MN-HK25-03GA5
521
LiYY
og 2003
A
5
-15...+ 70
MN-HK9
see also pages MN-A, MN-F
v. anche pagine MN-A, MN-F
6x0,50
MN-HK94-06XC5
LiYY
bk 9005
C
5
-15...+ 70
8x0,50
MN-HK94-08XC5
LiYY
bk 9005
C
5
-15...+ 70
(11+1)x0,50
MN-HK94-12GN5
LiYY
bk 9005
N
5
-15...+ 70
12x0,50
MN-HK94-12XC5
LiYY
bk 9005
C
5
-15...+ 70
14x0,50
MN-HK94-14XC5
LiYY
bk 9005
C
5
-15...+ 70
(15+1)x0,50
MN-HK94-16GN5
LiYY
bk 9005
N
5
-15...+ 70
16x0,50
MN-HK94-16XC5
LiYY
bk 9005
C
5
-15...+ 70
(17+1)x0,50
MN-HK94-18GN5
LiYY
bk 9005
N
5
-15...+ 70
18x0,50
MN-HK94-18XC5
LiYY
bk 9005
C
5
-15...+ 70
20x0,50
MN-HK94-20XC5
LiYY
bk 9005
C
5
-15...+ 70
25x0,50
MN-HK94-25XC5
LiYY
bk 9005
C
5
-15...+ 70
2x0,75
MN-HK95-02XA5
503
LiYY
bk 9005
A
5
-15...+ 70
(2+1)x0,75
MN-HK95-03GA5
501
LiYY
bk 9005
A
5
-15...+ 70
3x0,75
MN-HK95-03XA5
507
LiYY
bk 9005
A
5
-15...+ 70
(3+1)x0,75
MN-HK95-04GA5
506
LiYY
bk 9005
A
5
-15...+ 70
4x0,75
MN-HK95-04XA5
LiYY
bk 9005
A
5
-15...+ 70
(4+1)x0,75
MN-HK95-05GA5
538
LiYY
bk 9005
A
5
-15...+ 70
5x0,75
MN-HK95-05XA5
LiYY
bk 9005
A
5
-15...+ 70
6x0,75
MN-HK95-06XC5
LiYY
bk 9005
C
5
-15...+ 70
(6+1)x0,75
MN-HK95-07GN5
LiYY
bk 9005
N
5
-15...+ 70
7x0,75
MN-HK95-07XC5
LiYY
bk 9005
C
5
-15...+ 70
8x0,75
MN-HK95-08XC5
LiYY
bk 9005
C
5
-15...+ 70
(9+1)x0,75
MN-HK95-10GN5
LiYY
bk 9005
N
5
-15...+ 70
10x0,75
MN-HK95-10XC5
LiYY
bk 9005
C
5
-15...+ 70
(11+1)x0,75
MN-HK95-12GN5
LiYY
bk 9005
N
5
-15...+ 70
12x0,75
MN-HK95-12XC5
LiYY
bk 9005
C
5
-15...+ 70
14x0,75
MN-HK95-14XC5
LiYY
bk 9005
C
5
-15...+ 70
(15+1)x0,75
MN-HK95-16GN5
LiYY
bk 9005
N
5
-15...+ 70
16x0,75
MN-HK95-16XC5
LiYY
bk 9005
C
5
-15...+ 70
(17+1)x0,75
MN-HK95-18GN5
LiYY
bk 9005
N
5
-15...+ 70
18x0,75
MN-HK95-18XC5
LiYY
bk 9005
C
5
-15...+ 70
20x0,75
MN-HK95-20XC5
LiYY
bk 9005
C
5
-15...+ 70
2x1,00
MN-HK96-02XA5
607
LiYY
bk 9005
A
5
-15...+ 70
(2+1)x1,00
MN-HK96-03GA5
602
LiYY
bk 9005
A
5
-15...+ 70
3x1,00
MN-HK96-03XA5
604
LiYY
bk 9005
A
5
-15...+ 70
(3+1)x1,00
MN-HK96-04GA5
605
LiYY
bk 9005
A
5
-15...+ 70
4x1,00
MN-HK96-04XA5
606
LiYY
bk 9005
A
5
-15...+ 70
(4+1)x1,00
MN-HK96-05GA5
603
LiYY
bk 9005
A
5
-15...+ 70
5x1,00
MN-HK96-05XA5
608
LiYY
bk 9005
A
5
-15...+ 70
6x1,00
MN-HK96-06XC5
LiYY
bk 9005
C
5
-15...+ 70
(6+1)x1,00
MN-HK96-07GN5
LiYY
bk 9005
N
5
-15...+ 70
7x1,00
MN-HK96-07XC5
LiYY
bk 9005
C
5
-15...+ 70
8x1,00
MN-HK96-08XC5
LiYY
bk 9005
C
5
-15...+ 70
(9+1)x1,00
MN-HK96-10GN5
LiYY
bk 9005
N
5
-15...+ 70
10x1,00
MN-HK96-10XC5
LiYY
bk 9005
C
5
-15...+ 70
(11+1)x1,00
MN-HK96-12GN5
LiYY
bk 9005
N
5
-15...+ 70
12x1,00
MN-HK96-12XC5
LiYY
bk 9005
C
5
-15...+ 70
14x1,00
MN-HK96-14XC5
LiYY
bk 9005
C
5
-15...+ 70
(15+1)x1,00
MN-HK96-16GN5
LiYY
bk 9005
N
5
-15...+ 70
33 MN-H 1
20080908_1.pdf 56
08/09/2008 17.55.52


Similar Part No. - MN-HK94-16XC5

ManufacturerPart #DatasheetDescription
logo
TOKYO SEIMITSU CO., LTD
MN-HALF-SLIT ACCRETECH-MN-HALF-SLIT Datasheet
442Kb / 2P
   Evolved MN series that meets high blade needs of rigidity
More results

Similar Description - MN-HK94-16XC5

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MB-HK SHIELD-MB-HK Datasheet
87Kb / 1P
   CABLES - CAVI, No toxic, low smoke, halogen free
MA-HK SHIELD-MA-HK Datasheet
87Kb / 1P
   CABLES - CAVI, No toxic, low smoke, halogen free
MN-AE SHIELD-MN-AE Datasheet
96Kb / 2P
   PVC, 90C and 70째C, CEI 20-22 II
logo
Emerson Network Power
30-9530 EMERSON-NETWORKPOWER-30-9530 Datasheet
59Kb / 1P
   Computer Cables Adapters Cables
logo
SHIELD s.r.l.
MH-PF SHIELD-MH-PF Datasheet
83Kb / 1P
   Multi-section cables, UL 300 V, PUR outer sheath, pvc inside
logo
Ultralife Corporation.
CAXXXX ULTRALIFE-CAXXXX Datasheet
475Kb / 3P
   Cables
26 MAY 21 Rev: R
logo
Schurter Inc.
P675PC SCHURTER-P675PC_V01 Datasheet
289Kb / 2P
   IEC Appliance Outlet F, 70째C
28.02.2013
logo
Hammond Manufacturing L...
VCT HAMMOND-VCT Datasheet
59Kb / 1P
   Chemin de cables pour cables verticaux
logo
Schurter Inc.
P675PC SCHURTER-P675PC Datasheet
271Kb / 2P
   IEC Appliance Plug F, 70째C
logo
SICK AG
DOL-0803-G02MCS01 SICK-DOL-0803-G02MCS01 Datasheet
274Kb / 4P
   Connecting cables
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com