Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN-TK Datasheet(PDF) 1 Page - SHIELD s.r.l.

Part # MN-TK
Description  PVC, UL 300 V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

MN-TK Datasheet(HTML) 1 Page - SHIELD s.r.l.

  MN-TK Datasheet HTML 1Page - SHIELD s.r.l. MN-TK Datasheet HTML 2Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
//htmlimg2.alldatasheet.com/htmldatasheet2/394004/SHIELD/MN-TK/214/1/MN-TK.png


Similar Part No. - MN-TK

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MN-TM SHIELD-MN-TM Datasheet
70Kb / 1P
   PVC, UL 300 V, cold resistant (- 40째C)
MN-TM9 SHIELD-MN-TM9 Datasheet
70Kb / 1P
   PVC, UL 300 V, cold resistant (- 40째C)
MN-TM93-03XA5 SHIELD-MN-TM93-03XA5 Datasheet
70Kb / 1P
   PVC, UL 300 V, cold resistant (- 40째C)
MN-TM93-04XA5 SHIELD-MN-TM93-04XA5 Datasheet
70Kb / 1P
   PVC, UL 300 V, cold resistant (- 40째C)
MN-TM94-02XC5 SHIELD-MN-TM94-02XC5 Datasheet
70Kb / 1P
   PVC, UL 300 V, cold resistant (- 40째C)
More results

Similar Description - MN-TK

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MP-TE SHIELD-MP-TE Datasheet
101Kb / 2P
   PVC, UL 300 V, shielded
MN-TM SHIELD-MN-TM Datasheet
70Kb / 1P
   PVC, UL 300 V, cold resistant (- 40째C)
MF-TE SHIELD-MF-TE Datasheet
100Kb / 2P
   PUR outer sheath, pvc inside, UL 300 V
MH-PF SHIELD-MH-PF Datasheet
83Kb / 1P
   Multi-section cables, UL 300 V, PUR outer sheath, pvc inside
MC-OE SHIELD-MC-OE Datasheet
111Kb / 2P
   PUR, halogen free, UL 300 V
MD-TE SHIELD-MD-TE Datasheet
110Kb / 2P
   PUR, halogen free, UL 300 V
MD-EE SHIELD-MD-EE Datasheet
71Kb / 1P
   PUR, halogen free, UL 300 V
MC-UE SHIELD-MC-UE Datasheet
90Kb / 1P
   PUR, pvc insulation, UL 600 V
MN-UK SHIELD-MN-UK Datasheet
77Kb / 1P
   PVC, HAR-UL-CSA tri-norm, 600 V
logo
General Cable Technolog...
01366.38T.01 GENERAL-01366.38T.01 Datasheet
65Kb / 1P
   60쨘C 300 Volt UL /CSA Portable Cord
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com