Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VT1103A0S Datasheet(PDF) 1 Page - SHIELD s.r.l.

Part # VT1103A0S
Description  For electrovalves, receptacle, male
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

VT1103A0S Datasheet(HTML) 1 Page - SHIELD s.r.l.

  VT1103A0S Datasheet HTML 1Page - SHIELD s.r.l. VT1103A0S Datasheet HTML 2Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONNECTORS | CONNETTORI version 091028
VP-VR-VT-VU
45-28
www.shield.net
For electrovalves, receptacle, male
Per elettrovalvole, montaggio su parete, maschio
EN175301-803 style A square connector,
(former DIN 43650-A), ISO 4400;
industrial standard, B-ind style rectangular connector;
EN175301-803 style C micro connector,
(former DIN 43650-C), ISO 15217;
industrial standard, C-ind style micro connector;
2-pole or 3-pole + ground,
application with electrovalves, etc.
connettore quadrato EN175301-803 stile A,
(ex DIN 43650-A), ISO 4400;
connettore rettangolare standard industriale stile B-ind;
connettore micro EN175301-803 stile C,
(ex DIN 43650-C), ISO 15217;
connettore standard industriale micro stile C-ind;
2 poli o 3 poli + terra,
applicazione con elettrovalvole, ecc.
make the description code in a few steps
(yellow codes are preferred)
A
(B)
(C)
(D)
Vxxx xxxxx
xxx xxxx xxxx
forma il codice descrittivo in pochi passaggi
(i codici gialli sono preferiti)
At the first order, the sales service will communicate also a 5-character short code, to make easier filing and further orders.
Al momento del primo ordine, il servizio vendite comunicherà anche un codice breve di 5 caratteri, per semplificare l'archivio e il riordino.
General characteristics
Caratteristiche generali
housing material: PA66 30%GF
contact material: nickel plated CuZn
protection degree IEC 60529: IP65 (only frontal side)
working temperature: -40…125° C
gasket oil resistance: occasional contact
materiale rivestimento: PA66 30%GF
materiale contatti: CuZn nichelato
grado protezione IEC 60529: IP65 (solo lato frontale)
temperatura di lavoro: -40…125°C
resistenza olio guarnizione: contatto occasionale
A
main descript.
descriz. princip.
(a1)
contacts
contatti
fitting
diameter
diametro
adattabile
mm
drawing
disegno
fixing
holes
fori
di fissaggio
included
accessories
accessori
inclusi
max wire
section
max sez.
filo
mm2
max
voltage
tensione
massima
Vdc / Vac
max
current
corrente
max
A
VP11 02A0S
2+G
--
2 screws
M3x10
1 screw M3x5
1 unloosable
gasket
2 viti M3x10
1 vite M3x5
1 guarnizione
imperdibile
1
250
10
VP11 03A0S
3+G
--
VP12 02A0S
2+G
--
1
250
10
VP12 03A0S
3+G
--
VP13 02A0S
2+G
--
4 screws M3x8
1 gasket
4 viti M3x8
1 guarnizione
1
250
10
VP13 03A0S
3+G
--
VP30 02A0S
2+G
28...32
1 central screw
1 screw M3x5
1 gasket
1 vite centrale
1 vite M3x5
1 guarnizione
1
250
10
VP30 03A0S
3+G
VP45 02A0S
2+G
43...47
VP45 03A0S
3+G
VP60 02A0S
2+G
63...67
VP60 03A0S
3+G


Similar Part No. - VT1103A0S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VT1100M ETC1-VT1100M Datasheet
72Kb / 2P
   AM VIDEO MINI TRANSMITTER-DIRECT CAMERA MOUNT
VT1101M ETC1-VT1101M Datasheet
72Kb / 2P
   AM VIDEO MINI TRANSMITTER-DIRECT CAMERA MOUNT
VT1101M ETC1-VT1101M Datasheet
72Kb / 2P
   AM VIDEO MINI TRANSMITTER-DIRECT CAMERA MOUNT
More results

Similar Description - VT1103A0S

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
CA5383A2T SHIELD-CA5383A2T Datasheet
95Kb / 1P
   For electrovalves, with current amplifier, female, with cable
CF1102V00 SHIELD-CF1102V00 Datasheet
224Kb / 2P
   For electrovalves, style B, 2pG, female, with cable
VF6102A00 SHIELD-VF6102A00 Datasheet
166Kb / 2P
   For electrovalves, style B, 2pG, female, field attachable
CA1102V00 SHIELD-CA1102V00 Datasheet
256Kb / 2P
   For electrovalves, style A, 2p2G, female, with cable
CC1103V00 SHIELD-CC1103V00 Datasheet
206Kb / 2P
   For electrovalves, style A, 3pG, female, with cable
VE6102A00 SHIELD-VE6102A00 Datasheet
188Kb / 2P
   For electrovalves, style B-ind, 2pG, female, field attachable
CE1102V00 SHIELD-CE1102V00 Datasheet
237Kb / 2P
   For electrovalves, style B-ind, 2pG, female, with cable
VL1102A00 SHIELD-VL1102A00 Datasheet
175Kb / 2P
   For electrovalves, style C, 2p or 3pG, female, field attachable
CL1102V00 SHIELD-CL1102V00 Datasheet
211Kb / 2P
   For electrovalves, style C, 2p or 3p G, female, with cable
CN1102V00 SHIELD-CN1102V00 Datasheet
211Kb / 2P
   For electrovalves, style C-ind, 2p or 3p G, female, with cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com