Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF203P0 Datasheet(PDF) 5 Page - SHIELD s.r.l.

Part # SF203P0
Description  Spiderbox짰 and Distribox짰: examples of special configurations for SD and SP series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

SF203P0 Datasheet(HTML) 5 Page - SHIELD s.r.l.

  SF203P0 Datasheet HTML 1Page - SHIELD s.r.l. SF203P0 Datasheet HTML 2Page - SHIELD s.r.l. SF203P0 Datasheet HTML 3Page - SHIELD s.r.l. SF203P0 Datasheet HTML 4Page - SHIELD s.r.l. SF203P0 Datasheet HTML 5Page - SHIELD s.r.l. SF203P0 Datasheet HTML 6Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DISTRIBUTION BOXES | SCATOLE DISTRIBUZIONE version 091028
Spiderbox
43-46
www.shield.net
family coding example
esempio codifica famiglia
A+B = SD201P7
control connection = side cable
abbreviations in the drawings: F = female connector, M = male connector, CK = control cable, K = output ways cable
collegamento di controllo = cavo laterale
abbreviazioni nei disegni: F = connettore femmina, M = connettore maschio, CK = cavo controllo, K = cavo vie di uscita
1 block
1 modulo
2 blocks
2 moduli
3 blocks
3 moduli
4 blocks
4 moduli
5 blocks
5 moduli
title
titolo
description
descrizione
....1P7
....2P7
....3P7
....4P7
....5P7
DISTRIBOX®
box with
connectors,
double line
DISTRIBOX®
scatola con
connettori,
doppia fila
output ways
with M12 connector
vie di uscita
con connettore M12
SD20…
see p. 43-6
v. pag. 43-6
as above, but output
with M8 3-pole connector
come sopra, ma uscita
con connettore M8, 3 poli
SD23…
as above, but output
with M8 4-pole connector
come sopra, ma uscita
con connettore M8, 4 poli
SD24...
SPIDERBOX®
box with
cables,
double line
SPIDERBOX®
scatola con
cavi,
doppia fila
output ways
with fixed small cables
vie di uscita
con cavi piccoli fissi
SD27...
output ways
with fixed big cables
vie di uscita
con cavi grandi fissi
title
titolo
description
descrizione
....1P7
....2P7
....3P7
....4P7
....5P7
....6P7
SPIDERBOX®
box with
cables,
single line
SPIDERBOX®
scatola con
cavi,
fila singola
side
control cable;
output ways
with fixed small cables
cavo di controllo
laterale;
vie di uscita
con cavi piccoli fissi
SP17...
title
titolo
description
descrizione
....1N7
....2N7
....3N7
....4N7
....5N7
....6N7
SPIDERBOX®
box with
cables,
single line
SPIDERBOX®
scatola con
cavi,
fila singola
perpendicular
control cable;
output ways
with fixed small cables
cavo di controllo
perpendicolare;
vie di uscita
con cavi piccoli fissi
SP17...
A
B
A
B
A
B


Similar Part No. - SF203P0

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF203 WTE-SF203 Datasheet
46Kb / 3P
   2.0A SOFT FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
SF203 CHENYI-SF203 Datasheet
158Kb / 2P
   SUPER FAST RECTIFIER
logo
GOOD-ARK Electronics
SF203 GOOD-ARK-SF203 Datasheet
177Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
Jinan Jingheng (Group) ...
SF203 JINANJINGHENG-SF203 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
Won-Top Electronics
SF203-T3 WTE-SF203-T3 Datasheet
46Kb / 3P
   2.0A SOFT FAST RECOVERY RECTIFIER
More results

Similar Description - SF203P0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
M5200 TEC-M5200 Datasheet
177Kb / 7P
   Variety of Pressure Ports and Electrical Configurations
logo
National Instruments Co...
PXI-PCI8331 NI-PXI-PCI8331 Datasheet
584Kb / 3P
   Multichassis configurations for PXI and CompactPCI
logo
Renesas Technology Corp
RX62N RENESAS-RX62N Datasheet
204Kb / 25P
   16-Bit SDRAM Connection and Access Examples
logo
STMicroelectronics
UM1763 STMICROELECTRONICS-UM1763 Datasheet
424Kb / 16P
   Description of STLUX385A examples kit
logo
PHOENIX CONTACT
2963501 PHOENIX-2963501 Datasheet
59Kb / 3P
   Socket - SD-D/SP/GY
09/12/2020
logo
Maxim Integrated Produc...
MAX11410EVKIT MAXIM-MAX11410EVKIT Datasheet
5Mb / 20P
   Savable Plots and Register Configurations
Rev 1; 1/21
logo
PHOENIX CONTACT
2963307 PHOENIX-2963307 Datasheet
65Kb / 3P
   Socket - SD-D/SP/LA
09/12/2020
logo
List of Unclassifed Man...
RCV336ACF ETC1-RCV336ACF Datasheet
4Mb / 66P
   RCV336ACF/SP and RCV144ACF/SP Modem Device
logo
Shenzhen Huazhimei Semi...
HM60N10D HMSEMI-HM60N10D Datasheet
569Kb / 6P
   Special designed for convertors and power controls
logo
Silikron Semiconductor ...
SSFT4002 SILIKRON-SSFT4002 Datasheet
527Kb / 6P
   Special designed for Convertors and power controls
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com