Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XCL207A333AR-G Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XCL207A333AR-G
Description  Inductor Built-in Step-Down micro DC/DC Converters
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL207A333AR-G Datasheet(HTML) 2 Page - Torex Semiconductor

  XCL207A333AR-G Datasheet HTML 1Page - Torex Semiconductor XCL207A333AR-G Datasheet HTML 2Page - Torex Semiconductor XCL207A333AR-G Datasheet HTML 3Page - Torex Semiconductor XCL207A333AR-G Datasheet HTML 4Page - Torex Semiconductor XCL207A333AR-G Datasheet HTML 5Page - Torex Semiconductor XCL207A333AR-G Datasheet HTML 6Page - Torex Semiconductor XCL207A333AR-G Datasheet HTML 7Page - Torex Semiconductor XCL207A333AR-G Datasheet HTML 8Page - Torex Semiconductor XCL207A333AR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2/26
XCL205/XCL206/XCL207 Series
PIN CONFIGURATION
PIN ASSIGNMENT
PRODUCT CLASSIFICATION
Ordering Information
XCL205①②③④⑤⑥-⑦
(*1)
Fixed PWM control
XCL206①②③④⑤⑥-⑦
(*1)
PWM / PFM automatic switching control
XCL207①②③④⑤⑥-⑦
(*1)
Manual Mode Selection Pin (Semi-custom)
PIN NUMBER
PIN NAME
FUNCTION
1
Lx
Switching Output
2,5
VSS
Ground
3
VOUT
Output Voltage
4
CE / MODE
Chip Enable & Mode Switch
6
VIN
Power Input
7
L1
8
L2
Inductor Electrodes
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
A
No CL auto discharge, Standard soft-start
B
CL auto discharge, High speed soft-start
Functions selection
(All CE active high)
C
CL auto discharge, Standard soft-start
10
1.0V
12
1.2V
14
1.4V
15
1.5V
18
1.8V
19
1.9V
25
2.5V
28
2.8V
2L
2.85V
30
3.0V
②③
Output Voltage
(*2)
33
3.3V
Oscillation Frequency
3
3.0MHz
⑤⑥
-⑦
(*1)
Package
(Oder Unit)
AR-G
CL-2025 (3,000Reel)
(BOTTOMVIEW)
L1
L2
7
8
VIN 6
Vss 5
CE/MODE 4
1 Lx
2 Vss
3 VOUT
* It should be connected the VSS pin (No. 2 and 5) to the GND pin.
* If the dissipation pad needs to be connected to other pins, it should be
connected to the GND pin.
* Please refer to pattern layout page for the connecting to PCB.
(*1) The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2) When other output voltages are needed, please contact your local Torex sales office for more information.
Output voltage range is 0.8~4.0V.


Similar Part No. - XCL207A333AR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL207 TOREX-XCL207 Datasheet
562Kb / 26P
   Inductor Built-in Step-Down micro DC/DC Converters
More results

Similar Description - XCL207A333AR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL205 TOREX-XCL205 Datasheet
562Kb / 26P
   Inductor Built-in Step-Down micro DC/DC Converters
logo
Murata Manufacturing Co...
MYRGP100060WB21RC MURATA1-MYRGP100060WB21RC Datasheet
2Mb / 23P
   Inductor Built-in Step-Down “mini DC/DC” Converters
logo
Torex Semiconductor
XCL201 TOREX-XCL201 Datasheet
567Kb / 21P
   Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
logo
Murata Manufacturing Co...
MYRGM-X MURATA1-MYRGM-X Datasheet
2Mb / 17P
   2.0A Inductor Built-in Step-Down DC/DC Converters
logo
Torex Semiconductor
XCL208 TOREX-XCL208 Datasheet
824Kb / 22P
   400mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL220 TOREX-XCL220 Datasheet
1Mb / 20P
   1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL213 TOREX-XCL213 Datasheet
556Kb / 16P
   1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL222 TOREX-XCL222 Datasheet
1Mb / 20P
   0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL221 TOREX-XCL221 Datasheet
1Mb / 20P
   0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL219 TOREX-XCL219 Datasheet
1Mb / 20P
   1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com