Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VXI-USB Datasheet(PDF) 3 Page - National Instruments Corporation

Part # VXI-USB
Description  VXIbus 3.0 features including A64 addressing and 2eVME protocol
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

VXI-USB Datasheet(HTML) 3 Page - National Instruments Corporation

  VXI-USB Datasheet HTML 1Page - National Instruments Corporation VXI-USB Datasheet HTML 2Page - National Instruments Corporation VXI-USB Datasheet HTML 3Page - National Instruments Corporation VXI-USB Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BUY ONLINE at ni.com or C
ALL 800 813 3693 (U.S.)
3
Specifications
Performance
Address access ..................................... A64, A32, A24, A16
Transfer width (master)......................... 2eVME, D64, D32, D16, D08 (EO)
Transfer width (slave)............................ D32, D16, D08 (EO)
Maximum throughput (peak)................. 32 MB/s
Maximum throughput (sustained)......... 32 MB/s
Read, modify, write cycles.................... Yes
VME block cycles .................................. Yes
Physical
Slot 0 detection..................................... Yes
Software configurable........................... Yes
Dimensions............................................ 23.3 by 34.0 cm (9.2 by 13.4 in.)
Size ...................................................... C-size, C-1
Weight................................................... 1.14 kg (2.5 lb)
I/O connectors
Host connector: USB Series B.......... 1
Device connectors: USB Series A..... 2
Trigger connectors: SMB .................. 3
Operating Environment
Temperature .......................................... 0 to 55 °C
(tested in accordance with
IEC-60068-2-1 and IEC-60068-2-2)
Relative humidity .................................. 10 to 90%, noncondensing
(tested in accordance
with IEC-60068-2-56)
Storage Environment
Temperature .......................................... -20 to 70 °C
(tested in accordance with
IEC-60068-2-1 and IEC-60068-2-2)
Relative humidity .................................. 5 to 95% noncondensing
(tested in accordance
with IEC-60068-2-56)
Power Requirements
VDC
Typical
Maximum
+5.0
2 A
4 A
-2.0
100 mA
250 mA
-5.2
200 mA
500 mA
Shock and Vibration
Functional shock.................................... 30 g peak, half-sine, 11 ms pulse
(tested in accordance with
IEC-60068-2-27; test profile developed
in accordance with MIL-PRF-28800F)
Random vibration
Operational....................................... 5 to 500 Hz, 0.3 g
rms
Nonoperational................................. 5 to 500 Hz, 2.4 g
rms
(tested in accordance with
IEC-60068-2-64; nonoperating test
profile exceeds the requirements of
MIL-PRF-28800F, Class 3)
Safety and Compliance
Safety
This product is designed to meet the requirements of the following standards of
safety for electrical equipment for measurement, control, and laboratory use:
IEC 61010-1, EN 61010-1
UL 61010-1, CSA 61010-1
Note: For UL and other safety certifications, refer to the product label or visit
ni.com/certification, search by model number or product line, and click the
appropriate link in the Certification column.
Electromagnetic Compatibility
This product is designed to meet the requirements of the following standards of
EMC for electrical equipment for measurement, control, and laboratory use:
EN 61326 EMC requirements; Minimum Immunity
EN 55011 Emissions; Group 1, Class A
CE, C-Tick, ICES, and FCC Part 15 Emissions; Class A
Note: For EMC compliance, operate this device according to
product documentation.
CE Compliance
This product meets the essential requirements of applicable European Directives,
as amended for CE marking, as follows:
2006/95/EC; Low-Voltage Directive (safety)
2004/108/EC; Electromagnetic Compatibility Directive (EMC)
Note: Refer to the Declaration of Conformity (DoC) for this product for any
additional regulatory compliance information. To obtain the DoC for this product,
visit
ni.com/certification, search by model number or product line, and click
the appropriate link in the Certification column.
Waste Electrical and Electronic Equipment (WEEE)
EU Customers: At the end of their life cycle, all products must be
sent to a WEEE recycling center. For more information about WEEE
recycling centers and National Instruments WEEE initiatives,
visit
ni.com/environment/weee.htm.
USB Remote Controller for VXI


Similar Part No. - VXI-USB

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
VXIPC-77X NI-VXIPC-77X Datasheet
615Kb / 5P
   Intel 815E chipset / High-performance PCI-based peripherals
More results

Similar Description - VXI-USB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD256DR TI-SN65HVD256DR Datasheet
909Kb / 28P
[Old version datasheet]   Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features
logo
MY-SEMI INC.
MY9943 MY-SEMI-MY9943 Datasheet
92Kb / 1P
   4 Channels Constant Current LED Driver With Single-line Addressing DMX512 Protocol and Differential Interface
MY9933 MY-SEMI-MY9933 Datasheet
86Kb / 1P
   3 Channels Constant Current LED Driver With Single-line Addressing DMX512 Protocol and Differential Interface
logo
PHOENIX CONTACT
RAD-CONF-RF3 PHOENIX-RAD-CONF-RF3 Datasheet
46Kb / 2P
   Easy, unique, and safe network addressing
logo
Keysight Technologies
U4305B KEYSIGHT-U4305B Datasheet
1Mb / 20P
   Protocol Exerciser for PCI Express짰 3.0
N8816A KEYSIGHT-N8816A Datasheet
677Kb / 10P
   PCI Express 3.0 Protocol Viewer Software
logo
PHOENIX CONTACT
RAD-CONF-RF5 PHOENIX-RAD-CONF-RF5 Datasheet
46Kb / 2P
   Easy, unique, and safe network addressing
RAD-CONF-RF7 PHOENIX-RAD-CONF-RF7 Datasheet
46Kb / 2P
   Easy, unique, and safe network addressing
logo
Dallas Semiconductor
DS75LXUTR DALLAS-DS75LXUTR Datasheet
234Kb / 13P
   Digital Thermometer and Thermostat with Extended Addressing
logo
List of Unclassifed Man...
AE775W8-4S ETC2-AE775W8-4S Datasheet
827Kb / 17P
   Features and Application
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com