Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VXIPC-77X Datasheet(PDF) 3 Page - National Instruments Corporation

Part # VXIPC-77X
Description  Intel 815E chipset / High-performance PCI-based peripherals
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

VXIPC-77X Datasheet(HTML) 3 Page - National Instruments Corporation

  VXIPC-77X Datasheet HTML 1Page - National Instruments Corporation VXIPC-77X Datasheet HTML 2Page - National Instruments Corporation VXIPC-77X Datasheet HTML 3Page - National Instruments Corporation VXIPC-77X Datasheet HTML 4Page - National Instruments Corporation VXIPC-77X Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
Embedded Single-Slot VXIbus Controllers
VXIbus
VXI Addressing – The VXIpc-77x controllers feature the MITE and
MANTIS custom ASICs for access to the VXI backplane resources. To
access VXI memory or VXI devices, the controllers use the multiple
windowing scheme of the MITE, so you can access all of the VXI
address space. The MITE exports independent VXI address windows,
providing the user with three completely user-configurable windows.
You can use one or all three windows; you can also set each window
size and location. This multiple windowing scheme alleviates the
performance penalty related to the context switching of one window
that you must constantly move between the different address spaces.
DMA Transfers to and from VXI – A VXIpc-77x controller can perform
block-mode transfers using one of the two on-chip DMA controllers
on the MITE. Controlling external VXI devices often takes valuable
CPU time because the microprocessor typically shoulders the burden
of transferring data to and from devices. MITE-based VXI controllers,
such as those of the VXIpc-77x, move the burden of block data
transfers to one of the DMA controllers integrated in the MITE and
free CPU processing time. Instead of the computer microprocessor
transferring the data and/or commands, the NI-VXI/NI-VISA
software executes the block data transfers with the MITE ASIC. While
the MITE transfers the data, the processor can perform application-
specific tasks, such as data presentation and analysis.
VXI Slot 0 Functionality – VXIpc-77x controllers have full VXI Slot 0
capability, including a MODID register and a CLK10 source, as
required by the VXIbus specification. You can also install a
VXIpc-77x controller in another slot and use it in the non-Slot 0
mode. No matter what your configuration needs, VXIpc-77x
controllers can automatically detect whether they are inserted into
Slot 0 and automatically enable or disable the Slot 0 onboard
circuitry without switches and jumpers.
External VXI CLK10 Synchronization – VXIpc-77x controllers have
SMB connectors on the front panel for an external clock. Onboard
programmable logic can configure the controller and its 10 MHz VXI
CLK10 signal to this connector as an output, or use this connector as
an input for the 10 MHz VXI CLK10 signal. With a VXIpc-77x
controller, you can configure multiple mainframes to operate off a
single 10 MHz system clock.
Advanced Trigger/Timing – With a VXIpc-77x controller, you have full
software and hardware control of the VXI trigger lines. The VXIpc-77x
controllers have two SMB trigger I/O connectors on their front panel
for routing any TTL trigger line between the backplane and external
devices. VXIpc-77 controllers can respond to all VXI-defined protocols
on all P2 TTL and ECL trigger lines simultaneously. The hardware also
includes an internal counter, which gives sophisticated counting of
events and interrupting on trigger edges and pulses, as well as
generating pulse trains, variable length pulses, and pulse stretching.
VXI Interrupts – A VXIpc-77x controller can function as an
interrupter and an interrupt handler for any or all of the VXIbus
interrupt lines in a VXI mainframe. The NI-VXI/NI-VISA software
can notify your application when any interrupt is asserted, and can
assert any interrupt level with a programmable status. You can assign
which interrupt levels should be handled by each device in the system
with the NI-VXI configuration software.
Software
VXIpc-77x controllers include NI-VXI/NI-VISA software, making
them completely compliant with VXIplug&play Systems Alliance
specifications. NI-VXI/NI-VISA is the combination of our popular
NI-VXI VXI bus interface software and our new-generation virtual
instrumentation software architecture VISA I/O software, also
standardized by the VXIplug&play Systems Alliance. Because
VXIpc-77x controllers are completely VXIplug&play-compliant, you can
run all the latest VXIplug&play software, including executable soft front
panels. With these panels, you can operate the instrument immediately,
and standardized LabVIEW, LabWindows/CVI, and Measurement
Studio instrument drivers simplify your programming task.
NI-VXI/NI-VISA comes with a VXI bus interface library that you
can use with a number of popular programming environments
and compilers, including LabVIEW, LabWindows/CVI, Measurement
Studio, Microsoft Visual C++, Borland C++, and Microsoft Visual
Basic. NI also offers industry-standard NI-488.2 software for
controlling external GPIB instruments through the front-panel GPIB
port. Application software developed using the VXIpc-77x controllers
and the NI-VXI/NI-VISA bus interface software is compatible with
many other VXI controller platforms, including computers equipped
with a MXI-2- or MXI-3-based interface. NI-VXI and NI-VISA I/O
software compatibility across platforms protects your software
investment in the future. Because the software for all these
configurations is compatible, you can program both general-purpose
external PCs and embedded VXIpc controllers using the same
programming tools and concepts. You can easily port VXI software to
other platforms as your controller requirements change or expand in
the future. The NI-VXI and NI-DAQ software for the VXIpc-77x
controllers is not compatible with National Instruments legacy VXI
data acquisition and signal conditioning devices. Please see technical
support at ni.com for additional information.


Similar Part No. - VXIPC-77X

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
VXI-USB NI-VXI-USB Datasheet
573Kb / 4P
   VXIbus 3.0 features including A64 addressing and 2eVME protocol
More results

Similar Description - VXIPC-77X

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C410M PERICOM-PI6C410M Datasheet
928Kb / 21P
   Clock Generator for Intel PCI Express Mobile Chipset
PI6C410B PERICOM-PI6C410B Datasheet
570Kb / 15P
   Clock Generator for Intel PCI-Express Server Chipset
logo
Renesas Technology Corp
SLG84901 RENESAS-SLG84901 Datasheet
816Kb / 22P
   Clock Synthesizer for Intel PCI-Express Gen3 Chipset
February 23, 2023
logo
Pericom Semiconductor C...
PI6C410 PERICOM-PI6C410 Datasheet
711Kb / 16P
   Clock Generator for Intel PCI-Express Desktop Chipset
logo
Silicom Ltd.
FB2CGA10T11 SILICOM-FB2CGA10T11 Datasheet
229Kb / 2P
   Programmable PCI Express Server Adapter Intel FPGA based
logo
List of Unclassifed Man...
FW-8896 ETC2-FW-8896 Datasheet
365Kb / 2P
   High Performance 2U Rackmount Network Security System Based on Intel Xeon E5-2600 v3 Series CPU and C612 Chipset
FW-8894 ETC2-FW-8894 Datasheet
162Kb / 2P
   High Performance 1U Rackmount Network Security System Based on Intel Xeon E5-2600 v3 Series CPU and C612 Chipset
logo
STMicroelectronics
ST20138 STMICROELECTRONICS-ST20138 Datasheet
121Kb / 6P
   PCI/USB ADSL CHIPSET
logo
List of Unclassifed Man...
B75 ETC1-B75 Datasheet
907Kb / 38P
   Intel Q77/B75 Express Chipset
FW-8895 ETC2-FW-8895 Datasheet
171Kb / 4P
   High Performance 2U Rackmount Network Security System based on Intel Xeon E5-2600 v1 and v2 Series CPU with C600 chipset
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com