Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZM7308G-65504-B2 Datasheet(PDF) 9 Page - Power-One

Part # ZM7308G-65504-B2
Description  Digital Power Manager
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ZM7308G-65504-B2 Datasheet(HTML) 9 Page - Power-One

Back Button ZM7308G-65504-B2 Datasheet HTML 5Page - Power-One ZM7308G-65504-B2 Datasheet HTML 6Page - Power-One ZM7308G-65504-B2 Datasheet HTML 7Page - Power-One ZM7308G-65504-B2 Datasheet HTML 8Page - Power-One ZM7308G-65504-B2 Datasheet HTML 9Page - Power-One ZM7308G-65504-B2 Datasheet HTML 10Page - Power-One ZM7308G-65504-B2 Datasheet HTML 11Page - Power-One ZM7308G-65504-B2 Datasheet HTML 12Page - Power-One ZM7308G-65504-B2 Datasheet HTML 13Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
ZM7300G Series Digital Power Manager
Data Sheet
ZD-00896 Rev. 5.1, 13-Jul-10
www.power-one.com
Page 9 of 33
10.1.1 Write Protection
There are hardware-based and software-based memory write protections. The hardware protection
takes precedence over the software protection.
10.1.1.1
Hardware Protection
The LCK_N pin enables the hardware memory write protection. If the pin is pulled low, the hardware
lock is active and the memory blocks are then read-only. I2C write commands to the DPM return an
error code (0x00). The write commands to the POL converters bypassing the DPM are also disabled. If
the pin is left floating, the hardware lock is disabled and the software write protection is active.
10.1.1.2
Software Protection
The software write protection allows users to protect the various memory blocks from being overwritten
through the I2C bus. At the power-up the WP register is defaulted to write protect.
The software write protection can be disabled by checking appropriate boxes in the Write Protections
window shown in Figure 5 or via the I2C bus by writing directly into the register. The write protections
are automatically restored when the DPM’s input power is recycled.
Figure 5. GUI Write Protections Window
10.1.2 DPM Registers
The DPM setup registers occupy 70 bytes and contain all necessary information to set up the DPM
functionality, define POL converters and Auxiliary Devices, group membership and behavior, margining,
interrupt configurations, etc.
The DPM registers are listed in Table 1. The table relates to the DPM model number ZM7332 capable
of supporting up to 32 POL converters. For other DPM models some of the registers and/or bits in the
registers are not activated depending on the number of supported POLs/Groups/Interrupts/Parallel
Buses for the specific DPM. Writing into an unsupported register or bit will have no effect, reading from
an unsupported register or bit will return an error code (0x00).


Similar Part No. - ZM7308G-65504-B2

ManufacturerPart #DatasheetDescription
logo
Power-One
ZM7308G-65504Y-B1 POWER-ONE-ZM7308G-65504Y-B1 Datasheet
914Kb / 32P
   Digital Power Manager
ZM7308G-65504Y-B2 POWER-ONE-ZM7308G-65504Y-B2 Datasheet
914Kb / 32P
   Digital Power Manager
ZM7308G-65504Y-Q1 POWER-ONE-ZM7308G-65504Y-Q1 Datasheet
914Kb / 32P
   Digital Power Manager
ZM7308G-65504Y-T1 POWER-ONE-ZM7308G-65504Y-T1 Datasheet
914Kb / 32P
   Digital Power Manager
ZM7308G-65504Y-T2 POWER-ONE-ZM7308G-65504Y-T2 Datasheet
914Kb / 32P
   Digital Power Manager
More results

Similar Description - ZM7308G-65504-B2

ManufacturerPart #DatasheetDescription
logo
Power-One
ZM7300G POWER-ONE-ZM7300G Datasheet
914Kb / 32P
   Digital Power Manager
DM7300 POWER-ONE-DM7300 Datasheet
1Mb / 36P
   DM7300G Series Digital Power Manager
logo
Xilinx, Inc
DS485 XILINX-DS485 Datasheet
305Kb / 6P
   Digital Clock Manager
logo
Linear Technology
LTC2978 LINER-LTC2978_15 Datasheet
898Kb / 80P
   Octal Digital Power Supply Manager with EEPROM
LTC4155 LINER-LTC4155 Datasheet
391Kb / 52P
   Dual-Input Power Manager
logo
Texas Instruments
BQ500110 TI-BQ500110 Datasheet
567Kb / 21P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Linear Technology
DC1334A LINER-DC1334A_15 Datasheet
145Kb / 1P
   LTC3576EUFE: Switching Power Manager
logo
Texas Instruments
BQ501210 TI1-BQ501210 Datasheet
215Kb / 8P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Motorola, Inc
MGR1018 MOTOROLA-MGR1018 Datasheet
151Kb / 6P
   Power Manager Gallium Arsenide Power Rectifier
MGR2018CT MOTOROLA-MGR2018CT Datasheet
154Kb / 6P
   Power Manager Gallium Arsenide Power Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com