Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CVS-1454 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # CVS-1454
Description  Real-time FireWire image acquisition,analysis, and storage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

CVS-1454 Datasheet(HTML) 1 Page - National Instruments Corporation

  CVS-1454 Datasheet HTML 1Page - National Instruments Corporation CVS-1454 Datasheet HTML 2Page - National Instruments Corporation CVS-1454 Datasheet HTML 3Page - National Instruments Corporation CVS-1454 Datasheet HTML 4Page - National Instruments Corporation CVS-1454 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Overview
National Instruments CVS-145x compact vision systems give you
flexibility, integration, and ruggedness for all of your inspection,
alignment, gauging, and identification applications. A high-
performance processor integrated with three FireWire ports means
that NI CVS-145x systems are equipped to handle any inspection task.
A diverse range of digital I/O options means that CVS-145x systems
can communicate with a wide range of automation devices including
PLCs, relays, and robotics. CVS-145x systems are designed for extreme
operating temperatures common in manufacturing environments. No
longer are you confined to the limited image processing capability,
sensor size, and sensor speed of traditional smart cameras.
Choose Your Compact Vision System
There are three CVS-145x products. The CVS-1456 provides high-
performance image processing and analysis along with ample storage
for images and data. If you need color processing or want to inspect
from multiple cameras, choose the CVS-1455. The CVS-1454 is ideally
suited for applications that require a few simple inspections from a
single camera. All compact vision systems have 29 digital I/O lines to
communicate with a variety of automation devices.
Software for Fast Development
or Performance – You Choose
With the National Instruments machine vision software approach,
you no longer need to make a trade-off between the power and
flexibility of a programming language such as LabVIEW and the ease
of use of a menu-driven environment such as Vision Builder for
Automated Inspection, which simplifies the development process by
replacing programming complexity with an interactive development
environment. Vision Builder for Automated Inspection is designed to
solve gauging, part present/not present, alignment, and optical
character recognition applications. Overall, if you need the power
Rugged Real-Time Compact Vision Systems
• Real-time FireWire image acquisition,
analysis, and storage
• 3 FireWire camera inputs
• High-performance processor ensures
fast inspection times
• 0 to 55 ˚C operating temperature
• Ethernet and RS232 ports
• Control triggers, cameras, lighting, and
PLCs with 15 digital inputs and 14
digital outputs
• 128 MB onboard DRAM memory
• 32 to 256 MB nonvolatile storage
• VGA output for real-time display
of results
• Extended analog I/O, digital
I/O, and motion control with
NI Compact FieldPoint and PXI
Recommended Software
• Vision Builder for
Automated Inspection
• LabVIEW
• LabVIEW Real-Time Module
• LabVIEW Vision
Development Module
• OCR Software
NI CVS-1454, NI CVS-1455, NI CVS-1456
NEW
NI-IMAQ Driver Software
Windows
Real-Time
PCI
PXI
PXI RT
Compact Vision
System
LabVIEW
NI Vision Development
Module
Programming Libraries
Configurable Software
Vision Builder for
Automated
Inspection
Migration path
available
Figure 1. Choose your software from an easy to use configurable environment or a flexible
and powerful programming environment. Migrate your configured inspection to LabVIEW
with NI Vision Builder for Automated Inspection LabVIEW code generation.
Typical
NI CVS-1454
NI CVS-1455
NI CVS-1456
Smart Camera
Configurable software
Vision Builder for Automated Inspection
Available
Programmable software
LabVIEW and the Vision Development Module
Not available
Typical processor
833 MIPS*
1436 MIPS*
1623 MIPS*
60-360 MIPS*
performance
Digital I/O lines
29
29
29
2 to 20
Cameras
Up to 3
Up to 3
Up to 3
1
Resolution
Up to 2000 x 2000 Up to 2000 x 2000 Up to 2000 x 2000
640 x 480
Frame rate
Up to 100 fps
Up to 100 fps
Up to 100 fps
30 fps
Nonvolatile storage
32 MB
128 MB
256 MB
4-16 MB
Base price
$2,995
$3,995
$4,495
$3,295
*MIPS: Millions instructions per second
Table 1. Use CVS-145x systems in a wide range of applications.


Similar Part No. - CVS-1454

ManufacturerPart #DatasheetDescription
logo
CUI INC
CVS-1508 CUI-CVS-1508 Datasheet
1Mb / 4P
   plastic frame, mylar cone, plastic case
logo
CUI Devices
CVS-1508 CUID-CVS-1508 Datasheet
927Kb / 5P
   SPEAKER
08/05/2022
logo
CUI INC
CVS-1708 CUI-CVS-1708 Datasheet
723Kb / 4P
   SPEAKER
logo
CUI Devices
CVS-1708 CUID-CVS-1708 Datasheet
545Kb / 4P
   SPEAKER
08/05/2022
More results

Similar Description - CVS-1454

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9704 NSC-LM9704 Datasheet
74Kb / 4P
   Real Time Digital Image Processor
LM9702 NSC-LM9702 Datasheet
74Kb / 4P
   LM9702 Real Time Digital Image Processor
logo
Good Will Instrument Co...
GRS-6052A GWINSTEK-GRS-6052A Datasheet
225Kb / 2P
   50MHz/30MHz REAL-TIME/DIGITAL STORAGE OSCILLOSCOPE
logo
NXP Semiconductors
PCF8564A NXP-PCF8564A Datasheet
924Kb / 44P
   Real time clock and calendar
Rev. 1-8 October 2009
PCF8564A NXP-PCF8564A_10 Datasheet
1Mb / 45P
   Real time clock and calendar
Rev. 02-30 September 2010
PCF8564A_1308 NXP-PCF8564A_1308 Datasheet
386Kb / 48P
   Real time clock and calendar
Rev. 3-26 August 2013
logo
Analog Devices
ADIS16227 AD-ADIS16227_15 Datasheet
491Kb / 24P
   Digital Triaxial Vibration Sensor with FFT Analysis and Storage
REV. B
logo
Linear Dimensions Semic...
LNDAQ2 LINEAR_DIMENSIONS-LNDAQ2 Datasheet
165Kb / 1P
   Complete Signal Acquisition, Extraction & Fusion Analysis SoC
logo
Hamamatsu Corporation
C7942CK-12 HAMAMATSU-C7942CK-12 Datasheet
138Kb / 6P
   Acquire digital X-ray image in real time and 170 mm diagonal size
logo
National Instruments Co...
NI1428 NI-NI1428 Datasheet
55Kb / 3P
   Camera Link Image Acquisition
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com