Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NICFP-2020 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # NICFP-2020
Description  4- and 8-slot backplanes/Solid metal construction for rugged installati
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NICFP-2020 Datasheet(HTML) 2 Page - National Instruments Corporation

  NICFP-2020 Datasheet HTML 1Page - National Instruments Corporation NICFP-2020 Datasheet HTML 2Page - National Instruments Corporation NICFP-2020 Datasheet HTML 3Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Shock and Vibration
To withstand high levels of shock and vibration, Compact FieldPoint
backplanes are made of extruded metal and provide a rigid mounting
surface for Compact FieldPoint modules. The backplane also offers
screw-down connections for the controller module, I/O modules, and
connector blocks.
Mounting
NI offers four mounting options for Compact FieldPoint backplanes
including panel mounting, DIN-rail mounting, and 19 in. rack mounting.
Compact FieldPoint System Configuration
Compact FieldPoint I/O modules mount on either the cFP-BP-4 or
cFP-BP-8 backplane. The backplane also contains a controller module,
which runs embedded LabVIEW Real-Time and can connect over
Ethernet to a PC, to other FieldPoint banks, to Web browsers, or to other
Ethernet devices. The Compact FieldPoint backplane also provides a
37-pin D-Sub connector to connect your field signal wiring for each I/O
module. You have three options to connect field wiring to this 37-pin
D-Sub connector:
1. Using an integrated connector block such as the cFP-CB-1
or cFP-CB-11
2. Using a cable to an external connector block mounted on a DIN rail
3. Making your own custom cable
Compact FieldPoint Backplanes
2
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Mounting Option
Description
Number Needed to
Mount cFP-BP-4
Number Needed to
Mount cFP-BP-8
cFP-PM-H
Panel mount with bolt holes at
the sides of the backplane
(included with all backplanes)
11
cFP-PM-V
Panel mount with bolt holes at
the top and bottom
of the backplane.
1
1
cFP-PM-8
19 in rack mount. Features
captive screws for easy
mounting and cutouts for
running grounding cables.
1
1
DIN-Rail Mounting Clip
DIN-rail clip for cFP-BP-4.
1
21
1
DIN-rail mounting is not recommended for the cFP-BP-8.
Ordering Information
NI cFP-BP-4 ............................................................................778617-04
NI cFP-BP-8 ............................................................................778617-08
Recommended Compact FieldPoint System Products
NI cFP-2020 ......................................................................777317-2020
NI cFP-CB-1............................................................................778618-01
NI PS-5 power supply............................................................778805-90
NI Developer Suite Professional Control Edition..................777906-03
BUY NOW!
For complete product specifications, pricing, and accessory
information, call 800 813 3693 (U.S.) or go to ni.com/compactfieldpoint.


Similar Part No. - NICFP-2020

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NICFP-2020 NI-NICFP-2020 Datasheet
400Kb / 4P
   8 or 16 digital outputs/Fused outputs for short circuit protection cFP-DO-410
NICFP-2020 NI-NICFP-2020 Datasheet
619Kb / 4P
   Analog Input Modules for Compact FieldPoint and FieldPoint
NICFP-2020 NI-NICFP-2020 Datasheet
651Kb / 3P
   Relay Modules for Compact FieldPoint
NICFP-2020 NI-NICFP-2020 Datasheet
46Kb / 4P
   LabVIEW Real-Time Controller Interfaces with Ethernet
More results

Similar Description - NICFP-2020

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
TD4 TTELEC-TD4 Datasheet
306Kb / 2P
   rugged construction
logo
Ohmite Mfg. Co.
RES-50 OHMITE-RES-50 Datasheet
508Kb / 2P
   Rugged construction
logo
List of Unclassifed Man...
ATC200B ETC2-ATC200B Datasheet
247Kb / 6P
   Rugged Construction
ATC920C ETC2-ATC920C Datasheet
94Kb / 2P
   Rugged Construction
OPD-10HO ETC2-OPD-10HO Datasheet
70Kb / 2P
   Rugged construction and modularized design
logo
Ohmite Mfg. Co.
RES-OD-OF-OA OHMITE-RES-OD-OF-OA Datasheet
303Kb / 2P
   Rugged construction
logo
Cooper Bussmann, Inc.
UP0.4C-1R0-R COOPER-UP0.4C-1R0-R Datasheet
72Kb / 2P
   Miniature size and rugged construction
logo
Littelfuse
CG275LTE LITTELFUSE-CG275LTE Datasheet
780Kb / 6P
   Rugged Ceramic-Metal construction Low Capacitance Instrumentation circuits
logo
List of Unclassifed Man...
IPM-08 ETC2-IPM-08 Datasheet
113Kb / 2P
   Rugged construction and slim modularized design
IPM-10 ETC2-IPM-10 Datasheet
275Kb / 2P
   Rugged construction and slim modularized design
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com