Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N7G24-A0D2EB-00-7HT Datasheet(PDF) 1 Page - 3M Electronics

Part # N7G24-A0D2EB-00-7HT
Description  3M??Connector for CFast??Card
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

N7G24-A0D2EB-00-7HT Datasheet(HTML) 1 Page - 3M Electronics

  N7G24-A0D2EB-00-7HT Datasheet HTML 1Page - 3M Electronics N7G24-A0D2EB-00-7HT Datasheet HTML 2Page - 3M Electronics N7G24-A0D2EB-00-7HT Datasheet HTML 3Page - 3M Electronics N7G24-A0D2EB-00-7HT Datasheet HTML 4Page - 3M Electronics N7G24-A0D2EB-00-7HT Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnector.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MConnector for CFastCard
7G24 Series
• HeadersmatewithbothCFastTypeIandTypeII
cards
• Extendedguiderailsenableaccurateandeasycard
insertion
• Singlerowsurfacemountsoldertailsfacilitateauto
placementandIRsoldering
• Optional2mmboardstandoffenablesboard
population
• MeetsCFAstandardsforknowncompatibilityand
reliability
• Optionalejectorandcardretainercanbepurchased
pre-assembledorseparately
• Integralsidesoldertabwithcardgroundingfeature
andalsopreventthecardfrom‘flying’outofheader
duringejection
• SeetheRegulatoryInformationAppendix(RIA)in
the“RoHScompliance”sectionof
www.3Mconnector.comforcompliance
information(RIAE1&C1apply)
Date Modified: May 12, 2010
TS-2329-A
Sheet 1 of 4
Physical
Insulation:
Material: High Temperature Thermoplastic
Flammability: UL94V-0
Color: Beige
Contact:
Material: CopperAlloy
Terminal Plating:
Underplating: 80 µ" [2.03 µm] Min. Nickel
WipingArea: 15 µ” or 30 µ” [0.38 – 0.76 µm] Min. Gold
Solder Tail: 100 µ” [2.54 µm] Min. Matte Tin
Electrical
Current Rating: 1.5Aper pin
Insulation Resistance: 103 MΩ at 500V
AC
Withstanding Voltage: 500VAC for 1 minute
Environmental
Temperature Rating: -40°C to 85°C
Process Temperature Rating: Max. 260°C (per J-STD-020C)
Moisture Sensitivity Level: 1 (per J-STD-020C)


Similar Description - N7G24-A0D2EB-00-7HT

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SQF-S10-650 ADVANTECH-SQF-S10-650 Datasheet
426Kb / 1P
   SATA III (6.0Gb) CFast Card
1-Aug-2022
SQF-S10U1-16G-SBC ADVANTECH-SQF-S10U1-16G-SBC Datasheet
813Kb / 23P
   CFast 640 Datasheet
Nov. 13, 2018
logo
Beckhoff Automation Gmb...
CX2550-0010 BECKHOFF-CX2550-0010 Datasheet
71Kb / 2P
   extension module for CX20xx, CFast slot
CU8871 BECKHOFF-CU8871 Datasheet
101Kb / 2P
   USB CFast slot
logo
List of Unclassifed Man...
AF2GCSI-OAAXP ETC1-AF2GCSI-OAAXP Datasheet
848Kb / 23P
   ATP Industrial Grade CFast Card Specification
logo
Advantech Co., Ltd.
SQF-S10630 ADVANTECH-SQF-S10630 Datasheet
717Kb / 1P
   SATA III (6.0Gb) CFast
logo
Axiomtek Co., Ltd.
CFC AXIOMTEK-CFC Datasheet
185Kb / 1P
   CFast card specification standard, Capacity: 2GB up to 32GB
logo
Greenliant systems
GLS91CA016G2 GREENLIANT-GLS91CA016G2 Datasheet
115Kb / 6P
   Industrial Temp CFast ArmourDrive MX Series
logo
Advantech Co., Ltd.
PCM-23C1CF-CE ADVANTECH-PCM-23C1CF-CE Datasheet
349Kb / 1P
   1 CFast Slot with Cover Protection
15-Aug-2022
logo
Schneider Electric
HMIZCFA32S SCHNEIDER-HMIZCFA32S Datasheet
119Kb / 2P
   Memory cartridge, Harmony GTU, CFast card 32 GB system
May 2, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com