Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNP1000-48 Datasheet(PDF) 3 Page - Power-One

Part # FNP1000-48
Description  600-to-5000-Watt Front-End Power Solutions
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

FNP1000-48 Datasheet(HTML) 3 Page - Power-One

  FNP1000-48 Datasheet HTML 1Page - Power-One FNP1000-48 Datasheet HTML 2Page - Power-One FNP1000-48 Datasheet HTML 3Page - Power-One FNP1000-48 Datasheet HTML 4Page - Power-One FNP1000-48 Datasheet HTML 5Page - Power-One FNP1000-48 Datasheet HTML 6Page - Power-One FNP1000-48 Datasheet HTML 7Page - Power-One FNP1000-48 Datasheet HTML 8Page - Power-One FNP1000-48 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
BCD20034-G Rev. AD, 11-May-10
Page 3 of 15
www.power-one.com
FNP600/850/1000 AC-DC Front-Ends
& FNR-5-12G/FNR-5-48G Power Shelves Data Sheet
Output Specifications
Parameter
Conditions/Description
Min.
Nom.
Max.
Units
Efficiency: FNP600-48
FNP1000-48
FNP600-12
FNP850-12
Full rated load at 230 VAC input.
88
88
84
84
89.5
89.5
87
87
%
Minimum Load
Minimum loading required to maintain regulation.
0
A
Output Power
FNP1000
FNP850
FNP600
1006
856
600
W
Overshoot
Output voltage overshoot at turn-on.
3
%
Transient Response
Maximum recovery time to within 1% of initial set
point due to a 50% load change, 1A/µs.
12V or 48V output:
Standby output:
Maximum deviation:
12V or 48V output:
Standby output:
400
2
2
4
µs
ms
%
%
Turn-On Delay
Time required for initial output voltage stabilization
after application of AC input..
1.5
Sec
Output Regulation
See Model Selection table.
Protection
Parameter
Conditions/Description
Min.
Nom.
Max.
Units
FNP600-12 &
FNP850-12
Latch-style overvoltage protection.
Output adjusted to 12V:
14.4
15
15.6
V
FNP600-12:
FNP850-12:
Latch-style overvoltage protection.
Output adjusted to 7V:
8.75
8.44
9.04
8.75
9.33
9.1
V
Overvoltage
Protection
FNP600-48 &
FNP1000-48
Latch-style overvoltage protection.
Output adjusted to 48V:
57
1
60
V
FNP600-12
Current limit.12V output:
12V Standby output:
54
0.55
56
0.75
61
1.0
A
FNP850-12
Current limit.12V output:
12V Standby output:
77
0.55
80
0.75
88
1.0
A
FNP600-48
Current limit.48V output:
12V Standby output:
13
0.75
14
16
1.75
A
Overcurrent
Protection
(Power supply
recovers when short
is removed.)
FNP1000-48
Current limit.48V output:
12V Standby output:
22
0.75
23
25
1.75
A
Short-Circuit
Protection
Power supply recovers when short is removed.
Overtemperature/
Fan Failure Warning
FNP 12V or 48V Vo1 supply output will shut down in the event of an overtemperature condition or blocked
fan rotor. Supply's fan and Vaux are active. Power supply will recover when OT condition is removed.
Amber OT LED will turn ON to indicate fault condition.
OT/Fan Fail is an open-collector signal with 20-mA pull-down. High signal indicates a normal operating
condition. Output will go low at least 100 ms before OT condition shuts down the power supply. Internally
pulled up to 5V with a 5.1 kΩ resistor. Note.
2
1
FNP1000-48 overvoltage protection range is 56 V minimum and 60 V maximum.
2
A pull-up to 3.3V can be achieved by terminating the logic signal with a 10 kΩ resistor to logic ground.


Similar Part No. - FNP1000-48

ManufacturerPart #DatasheetDescription
logo
Power-One
FNP1000-48 POWER-ONE-FNP1000-48 Datasheet
696Kb / 13P
   600-to-5000-Watt Front-End Power Solutions
logo
Bel Fuse Inc.
FNP1000-48 BEL-FNP1000-48 Datasheet
1Mb / 12P
   AC-DC POWER SUPPLY
More results

Similar Description - FNP1000-48

ManufacturerPart #DatasheetDescription
logo
Power-One
FNP600 POWER-ONE-FNP600 Datasheet
696Kb / 13P
   600-to-5000-Watt Front-End Power Solutions
FNP1500 POWER-ONE-FNP1500 Datasheet
709Kb / 15P
   1500 to 5400-Watt Front-End Power Solutions
logo
Artesyn Technologies
LCM600L ARTESYN-LCM600L Datasheet
1Mb / 7P
   600 Watt Bulk Front End
LCM600Q-A ARTESYN-LCM600Q-A Datasheet
1Mb / 7P
   600 Watt Bulk Front End
logo
Lineage Power Corporati...
CAR1248FP LINEAGEPOWER-CAR1248FP Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
CAR1612FP LINEAGEPOWER-CAR1612FP Datasheet
1Mb / 2P
   1600 Watt 12V Front End Power Supply
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
CAR1212FP LINEAGEPOWER-CAR1212FP Datasheet
828Kb / 2P
   1200 Watt 12V Front End Power Supply
CAR2548FP LINEAGEPOWER-CAR2548FP Datasheet
1Mb / 2P
   2500 Watt 48V Front End Power Supply
CAR2024FP LINEAGEPOWER-CAR2024FP Datasheet
1Mb / 2P
   2000 Watt 24V Front End Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com