Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGA-THSK-KIT-050 Datasheet(PDF) 7 Page - Emerson Network Power

Part # LGA-THSK-KIT-050
Description  Embedded Power Device
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LGA-THSK-KIT-050 Datasheet(HTML) 7 Page - Emerson Network Power

Back Button LGA-THSK-KIT-050 Datasheet HTML 3Page - Emerson Network Power LGA-THSK-KIT-050 Datasheet HTML 4Page - Emerson Network Power LGA-THSK-KIT-050 Datasheet HTML 5Page - Emerson Network Power LGA-THSK-KIT-050 Datasheet HTML 6Page - Emerson Network Power LGA-THSK-KIT-050 Datasheet HTML 7Page - Emerson Network Power LGA-THSK-KIT-050 Datasheet HTML 8Page - Emerson Network Power LGA-THSK-KIT-050 Datasheet HTML 9Page - Emerson Network Power LGA-THSK-KIT-050 Datasheet HTML 10Page - Emerson Network Power LGA-THSK-KIT-050 Datasheet HTML 11Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Embedded Power for
Business-Critical Continuity
Technical Reference Note
Output Capacitance
TheLGA C Serieshasoutputcapacitorsinsidetheconverter. Limited output capacitance,10uFforthe
3A/6A/10Aand50uFforthe20A, is required for stable operation. Whenpoweringloadswithlarge
dynamiccurrentrequirements,improvedvoltageregulationis obtained by inserting low ESR capacitors
ascloseaspossibletotheload. Low ESR ceramiccapacitorswillhandletheshortdurationhigh
frequencycomponentsofthedynamiccurrentrequirement. Inaddition,highervaluesofelectrolytic
capacitorsshouldbeusedtohandlethemid-frequencycomponents.
Itisequallyimportanttousegooddesignpracticeswhenconfiguringthedcdistributionsystem. Low
resistanceandlowinductancePCBlayouttracesshouldbeutilized,particularlyinthehighcurrentoutput
section.RememberthatthecapacitanceofthedistributionsystemandtheassociatedESRarewithinthe
feedbackloopofthepowercapabilities,thusaffectingthestability and dynamic response ofthemodule.
Notethatthemaximumratedvalueofoutputcapacitancevariesbetweenmodelsandforeachoutput
voltage setpoint. A stability vs. Load Capacitance calculator,(seeyoursalesrepresentative),detailshow
anexternalloadcapacitanceinfluencesthegainandphasemarginsoftheLGA C Series modules.
Setting Margin Control
Tomargintheoutputvoltageup,pullthemargincontrolpinhigh.Tomargindown,pullthemargin
controlpinlow.Ifthepinisleftfloating,thefeatureisdisabled.Themaximummarginingrangeis±33%
oftheoutputvoltagesetting,withmaximumoutputat5.5V.Theequationsformarginingupanddown
are as follows:
Vmargin_up=0.1182* Rmargin * Rtrim+2k
Rofs+
Rtrim
Vmargin_down=0.1182* Rmargin * Rtrim+2k
Rofs-
Rtrim
Note:Themargincontrolpincannotbepulledinthefollowingrange:
If,Vin≤5VthenVmargin(max)=Vin
If,Vin>5VthenVmargin(max)=5V
See Table 1 for suggested margining values.
Rev. 12.07.09
LGA C Series
7 of 28
Applications(cont'd)


Similar Part No. - LGA-THSK-KIT-050

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
LGA-4B01 TOREX-LGA-4B01 Datasheet
309Kb / 4P
   Packaging Information / Reference Pattern Layout Dimensions
LGA-6A01 TOREX-LGA-6A01 Datasheet
192Kb / 3P
   Packaging Information / Reference Pattern Layout Dimensions
LGA-8B01 TOREX-LGA-8B01 Datasheet
147Kb / 2P
   Reference Pattern Layout Dimensions
logo
Artesyn Technologies
LGA-HTSK-KIT-045 ARTESYN-LGA-HTSK-KIT-045 Datasheet
712Kb / 4P
   15 - 100 Watts POWER
LGA-HTSK-KIT-048 ARTESYN-LGA-HTSK-KIT-048 Datasheet
712Kb / 4P
   15 - 100 Watts POWER
More results

Similar Description - LGA-THSK-KIT-050

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K50EFC484-1 ALTERA-EPF10K50EFC484-1 Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K50EQC240-1N ALTERA-EPF10K50EQC240-1N Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K30E ALTERA-EPF10K30E Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
FLEX10KE ALTERA-FLEX10KE Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K100B ALTERA-EPF10K100B Datasheet
60Kb / 1P
   Embedded Programmable Logic Device
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATI144-3N ALTERA-EPF10K10ATI144-3N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100ABC356-3 ALTERA-EPF10K100ABC356-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10QC208-4 ALTERA-EPF10K10QC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC208-4 ALTERA-EPF10K20RC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com