Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YV12T25 Datasheet(PDF) 11 Page - Power-One

Part # YV12T25
Description  YV12T25 DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

YV12T25 Datasheet(HTML) 11 Page - Power-One

Back Button YV12T25 Datasheet HTML 4Page - Power-One YV12T25 Datasheet HTML 5Page - Power-One YV12T25 Datasheet HTML 6Page - Power-One YV12T25 Datasheet HTML 7Page - Power-One YV12T25 Datasheet HTML 8Page - Power-One YV12T25 Datasheet HTML 9Page - Power-One YV12T25 Datasheet HTML 10Page - Power-One YV12T25 Datasheet HTML 11Page - Power-One YV12T25 Datasheet HTML 12Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ZD-01983 Rev. 2.1, 25-Jun-10
www.power-one.com
Page 11 of 12
YV12T25 DC-DC Converter
10 - 14 VDC Input; 0.8 - 5.5 VDC Programmable @ 25 A
Data Sheet
Fig. 21: Output voltage ripple (20 mV/div.) at full rated
load current into a resistive load with external capacitance 1 μF
ceramic and Vin = 12 V for Vout = 3.3 V.
Time Scale: 1 μs/div.
Fig. 23: Output voltage response for Vout = 3.3 V to positive load
current step change from 12.5 A to 25 A with slew rate of 5 A/μs at
Vin = 12 V. Top Trace: Output Voltage (100 mV/div.); Bottom Trace:
Load Current (10 A/div.) Co =1 μF ceramic. Time Scale: 10 μs/div.
Fig. 22: Output voltage ripple (20 mV/div.) at full rated
load current into a resistive load with external capacitance
1 μF ceramic and Vin = 12 V for Vout = 1.2 V.
Time Scale: 1 μs/div.
Fig. 24: Output voltage response for Vout = 3.3 V to negative load
current step change from 25 A to 12.5 A with slew rate of -5 A/μs at
Vin = 12 V. Top Trace: Output Voltage (100 mV/div.); Bottom Trace:
Load Current (10 A/div.) Co = 1 μF ceramic. Time Scale: 10 μs/div.


Similar Description - YV12T25

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com