Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNP600-12 Datasheet(PDF) 8 Page - Power-One

Part # FNP600-12
Description  600-to-5000-Watt Front-End Power Solutions
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

FNP600-12 Datasheet(HTML) 8 Page - Power-One

Back Button FNP600-12 Datasheet HTML 4Page - Power-One FNP600-12 Datasheet HTML 5Page - Power-One FNP600-12 Datasheet HTML 6Page - Power-One FNP600-12 Datasheet HTML 7Page - Power-One FNP600-12 Datasheet HTML 8Page - Power-One FNP600-12 Datasheet HTML 9Page - Power-One FNP600-12 Datasheet HTML 10Page - Power-One FNP600-12 Datasheet HTML 11Page - Power-One FNP600-12 Datasheet HTML 12Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
BCD20034-G Rev. AD, 11-May-10
Page 8 of 15
www.power-one.com
FNP600/850/1000 AC-DC Front-Ends
& FNR-5-12G/FNR-5-48G Power Shelves Data Sheet
Connector Information
Power Supply:
Input - IEC 320 input (Male) standard line cord connection
Output - P/N FCI 51732-020LF
Mating Connections:
Input - IEC 320 output (Socket) Standard line cord (15A)
Output - P/N:
FCI 51742-10602000AALF (Backplane)
P/N:
FCI 51762-10602000AALF (Right Angle)
Input IEC Connector
Input
Location
Chassis (Safety) Ground
Ground
Line 1 (Line)
L
Line 2 (Neutral)
N


Similar Part No. - FNP600-12

ManufacturerPart #DatasheetDescription
logo
Power-One
FNP600-12 POWER-ONE-FNP600-12 Datasheet
696Kb / 13P
   600-to-5000-Watt Front-End Power Solutions
logo
Bel Fuse Inc.
FNP600-12 BEL-FNP600-12 Datasheet
1Mb / 12P
   AC-DC POWER SUPPLY
More results

Similar Description - FNP600-12

ManufacturerPart #DatasheetDescription
logo
Power-One
FNP600 POWER-ONE-FNP600 Datasheet
696Kb / 13P
   600-to-5000-Watt Front-End Power Solutions
FNP1500 POWER-ONE-FNP1500 Datasheet
709Kb / 15P
   1500 to 5400-Watt Front-End Power Solutions
logo
Artesyn Technologies
LCM600L ARTESYN-LCM600L Datasheet
1Mb / 7P
   600 Watt Bulk Front End
LCM600Q-A ARTESYN-LCM600Q-A Datasheet
1Mb / 7P
   600 Watt Bulk Front End
logo
Lineage Power Corporati...
CAR1248FP LINEAGEPOWER-CAR1248FP Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
CAR1612FP LINEAGEPOWER-CAR1612FP Datasheet
1Mb / 2P
   1600 Watt 12V Front End Power Supply
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
CAR1212FP LINEAGEPOWER-CAR1212FP Datasheet
828Kb / 2P
   1200 Watt 12V Front End Power Supply
CAR2548FP LINEAGEPOWER-CAR2548FP Datasheet
1Mb / 2P
   2500 Watt 48V Front End Power Supply
CAR2024FP LINEAGEPOWER-CAR2024FP Datasheet
1Mb / 2P
   2000 Watt 24V Front End Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com