Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72214P2251K101 Datasheet(PDF) 10 Page - EPCOS

Part # B72214P2251K101
Description  Leaded varistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72214P2251K101 Datasheet(HTML) 10 Page - EPCOS

Back Button B72214P2251K101 Datasheet HTML 6Page - EPCOS B72214P2251K101 Datasheet HTML 7Page - EPCOS B72214P2251K101 Datasheet HTML 8Page - EPCOS B72214P2251K101 Datasheet HTML 9Page - EPCOS B72214P2251K101 Datasheet HTML 10Page - EPCOS B72214P2251K101 Datasheet HTML 11Page - EPCOS B72214P2251K101 Datasheet HTML 12Page - EPCOS B72214P2251K101 Datasheet HTML 13Page - EPCOS B72214P2251K101 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Leaded varistors
B72214P2**1K101
AdvanceD-MP series
SIOV-S14K***E2K1
PPD PD VAR PD
2010-02-02
Please read Cautions and warnings and
Page 10 of 15
Important notes at the end of this document.
Reliability data mechanical
Characteristics
Test methods/Description
Specifications
Tensile strength
IEC 60068-2-21, test Ua1
After gradually applying the force specified
below and keeping the unit fixed for 10 s, the
terminal shall be visually examined for any
damage.
Force for wire diameter: 1.0 mm = 20 N
|
∆V/V (1 mA)| ≤5%
No break of solder joint,
no wire break
Vibration
IEC 60068-2, test Fc
Frequency range:
10 .... 55 Hz
Amplitude:
0.75 mm or 98 m/s²
Duration:
6 h (3 x 2 h)
Pulse:
sine wave
After repeatedly applying a single harmonic
vibration according to the table above, the
change of Vv shall be measured and the part
shall be visually examined.
|
∆V/V (1 mA)| ≤5%
No visible damage
Solderability
IEC 60068-2-20, test Ta, method 1 with
modified conditions for lead-free solder alloys:
245 °C, 3 s:
After dipping the terminals to a depth of
approximately 3 mm from the body in a
soldering bath of 245 °C for 3 s, the terminals
shall be visually examined.
The inspection shall be
carried out under
adequate light with
normal eyesight or with
the assistance of a
magnifier capable of
giving a magnification
of 4 to 10 times. The
dipped surface shall be
covered with a smooth
and bright solder
coating with no more
than small amounts of
scattered imperfections
such as pinholes or un-
wetted or de-wetted
areas. These
imperfections shall not
be concentrated in one
area.


Similar Part No. - B72214P2251K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214P2251K101 EPCOS-B72214P2251K101 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
B72214P2251K101 EPCOS-B72214P2251K101 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
B72214P2251K101 EPCOS-B72214P2251K101 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
More results

Similar Description - B72214P2251K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
140Kb / 16P
   Leaded Varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0621K101 TDK-B72310S0621K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com