Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XCL205 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XCL205
Description  Inductor Built-in Step-Down micro DC/DC Converters
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL205 Datasheet(HTML) 3 Page - Torex Semiconductor

  XCL205 Datasheet HTML 1Page - Torex Semiconductor XCL205 Datasheet HTML 2Page - Torex Semiconductor XCL205 Datasheet HTML 3Page - Torex Semiconductor XCL205 Datasheet HTML 4Page - Torex Semiconductor XCL205 Datasheet HTML 5Page - Torex Semiconductor XCL205 Datasheet HTML 6Page - Torex Semiconductor XCL205 Datasheet HTML 7Page - Torex Semiconductor XCL205 Datasheet HTML 8Page - Torex Semiconductor XCL205 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3/26
XCL205/XCL206/XCL207
Series
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Ta = 25℃
PARAMETER
SYMBOL
RATINGS
UNITS
VIN Pin Voltage
VIN
- 0.3 ~ 6.5
V
LX Pin Voltage
VLX
- 0.3 ~ VIN + 0.3≦6.5
V
VOUT Pin Voltage
VOUT
- 0.3 ~ 6.5
V
CE/MODE Pin Voltage
VCE
- 0.3 ~ 6.5
V
LX Pin Current
ILX
±
1500
mA
Power Dissipation
Pd
1000
*1
mW
Operating Temperature Range
Topr
- 40 ~ + 85
Storage Temperature Range
Tstg
- 40 ~ + 105
XCL205A / XCL206A / XCL207A series
NOTE: The XCL205 offers a fixed PWM control, a signal from CE/MODE Control Logic to PWM/PFM Selector is fixed to "L" level inside.
The XCL206 control scheme is PWM/PFM automatic switching, a signal from CE/MODE Control Logic to PWM/PFM Selector is fixed to
"H" level inside. The diodes placed inside are ESD protection diodes and parasitic diodes.
CE/MODE
R2
R1
Error Amp.
Vref with
Soft Start,
CE
Phase
Compensation
PWM/PFM
Selector
Current Feedback
Current Limit
PWM
Comparator
Logic
Synch
Buffer
Drive
R3
R4
UVLO
UVLO Cmp
Ramp Wave
Generator
OSC
Lx
VSS
VIN
VOUT
CE/MODE
Control
Logic
VSHORT
FB
CFB
Inductor
VSS
L2
L1
*1: The power dissipation figure shown is PCB mounted (40mm×40mm, t=1.6mm, Glass Epoxy FR-4).
Please refer to page 16 for details.
XCL205B / XCL206B / XCL207B / XCL205C / XCL206C / XCL207C series
CE/MODE
R2
R1
Error Amp.
Vref with
Soft Start,
CE
Phase
Compensation
PWM/PFM
Selector
Current Feedback
Current Limit
PWM
Comparator
Logic
Synch
Buffer
Drive
R3
R4
UVLO
UVLO Cmp
Ramp Wave
Generator
OSC
Lx
VSS
VIN
VOUT
CE/MODE
Control
Logic
CE/
VSHORT
FB
CFB
VSS
Inductor
L2
L1
NOTE: The XCL205 offers a fixed PWM control, a signal from CE/MODE Control Logic to PWM/PFM Selector is fixed to "L" level inside.
The XCL206 control scheme is PWM/PFM automatic switching, a signal from CE/MODE Control Logic to PWM/PFM Selector is fixed to
"H" level inside. The diodes placed inside are ESD protection diodes and parasitic diodes.


Similar Part No. - XCL205

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL205 TOREX-XCL205 Datasheet
562Kb / 26P
   Inductor Built-in Step-Down micro DC/DC Converters
More results

Similar Description - XCL205

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL205 TOREX-XCL205 Datasheet
562Kb / 26P
   Inductor Built-in Step-Down micro DC/DC Converters
logo
Murata Manufacturing Co...
MYRGP100060WB21RC MURATA1-MYRGP100060WB21RC Datasheet
2Mb / 23P
   Inductor Built-in Step-Down “mini DC/DC” Converters
logo
Torex Semiconductor
XCL201 TOREX-XCL201 Datasheet
567Kb / 21P
   Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
logo
Murata Manufacturing Co...
MYRGM-X MURATA1-MYRGM-X Datasheet
2Mb / 17P
   2.0A Inductor Built-in Step-Down DC/DC Converters
logo
Torex Semiconductor
XCL208 TOREX-XCL208 Datasheet
824Kb / 22P
   400mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL220 TOREX-XCL220 Datasheet
1Mb / 20P
   1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL213 TOREX-XCL213 Datasheet
556Kb / 16P
   1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL222 TOREX-XCL222 Datasheet
1Mb / 20P
   0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL221 TOREX-XCL221 Datasheet
1Mb / 20P
   0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL219 TOREX-XCL219 Datasheet
1Mb / 20P
   1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com