Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q48SK12025PNFA Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # Q48SK12025PNFA
Description  Delphi Series Q48SK, Quarter Brick Family DC/DC Power Modules: 36~75V in, 12V/25A out, 300W
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SK12025PNFA Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button Q48SK12025PNFA Datasheet HTML 5Page - Delta Electronics, Inc. Q48SK12025PNFA Datasheet HTML 6Page - Delta Electronics, Inc. Q48SK12025PNFA Datasheet HTML 7Page - Delta Electronics, Inc. Q48SK12025PNFA Datasheet HTML 8Page - Delta Electronics, Inc. Q48SK12025PNFA Datasheet HTML 9Page - Delta Electronics, Inc. Q48SK12025PNFA Datasheet HTML 10Page - Delta Electronics, Inc. Q48SK12025PNFA Datasheet HTML 11Page - Delta Electronics, Inc. Q48SK12025PNFA Datasheet HTML 12Page - Delta Electronics, Inc. Q48SK12025PNFA Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DS_Q48SK12025_07012010
9
THERMAL CONSIDERATIONS
Thermal management is an important part of the system
design. To ensure proper, reliable operation, sufficient
cooling of the power module is needed over the entire
temperature range of the module. Convection cooling is
usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the
thermal performance of the power module is a wind
tunnel.
Thermal Testing Setup
Delta’s DC/DC power modules are characterized in
heated vertical wind tunnels that simulate the thermal
environments
encountered
in
most
electronics
equipment. This type of equipment commonly uses
vertically mounted circuit cards in cabinet racks in which
the power modules are mounted.
The
following
figure
shows
the
wind
tunnel
characterization setup. The power module is mounted
on a test PWB and is vertically positioned within the
wind tunnel. The space between the neighboring PWB
and the top of the power module is constantly kept at
6.35mm (0.25’’).
Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
12.7 (0.5”)
MODULE
AIR FLOW
50.8 (2.0”)
FACING PWB
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED BELOW
THE MODULE
Figure 17: Wind tunnel test setup
Thermal Derating
Heat can be removed by increasing airflow over the
module. To enhance system reliability, the power
module should always be operated below the maximum
operating temperature. If the temperature exceeds the
maximum module temperature, reliability of the unit may
be affected.


Similar Part No. - Q48SK12025PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SK12025 DELTA-Q48SK12025 Datasheet
353Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/25A out, 300W
Q48SK12025NNFA DELTA-Q48SK12025NNFA Datasheet
353Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/25A out, 300W
Q48SK12025NNFN DELTA-Q48SK12025NNFN Datasheet
353Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/25A out, 300W
Q48SK12025NRFA DELTA-Q48SK12025NRFA Datasheet
353Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/25A out, 300W
Q48SK12025NRFH DELTA-Q48SK12025NRFH Datasheet
353Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/25A out, 300W
More results

Similar Description - Q48SK12025PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SK12025 DELTA-Q48SK12025 Datasheet
353Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/25A out, 300W
Q48SE12025NRFA DELTA-Q48SE12025NRFA Datasheet
680Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/25A out, 300W
Q48SH12025 DELTA-Q48SH12025 Datasheet
392Kb / 13P
   300W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/25A out
Q48SQ12033NRFH DELTA-Q48SQ12033NRFH Datasheet
657Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules 36~75V in, 12V/33A out, 400W
Q48SK12018 DELTA-Q48SK12018 Datasheet
333Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/18A out, 216W
Q48SK12033 DELTA-Q48SK12033 Datasheet
366Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/33A out, 400W
Q48SA52001NNFA DELTA-Q48SA52001NNFA Datasheet
372Kb / 12P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules: 36~75V in, 52V/1.15A out
Q48SA54001NNFH DELTA-Q48SA54001NNFH Datasheet
576Kb / 13P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules: 36~75V in, 54V/1.5A out
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 14P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
S36SE12002PRFZ DELTA-S36SE12002PRFZ Datasheet
699Kb / 14P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules: 36~75V in, 12V/2A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com