Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0553-0013-BC Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0553-0013-BC
Description  HIGH FREQUENCY MAGNETICST1/CEPT Single Line Interface Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0553-0013-BC Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0553-0013-BC Datasheet HTML 1Page - Bel Fuse Inc. 0553-0013-BC Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATE
Bel Fuse Inc.
198 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite G7, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
HIGH FREQUENCY MAGNETICS
©2000 Bel Fuse Inc.
Specifications subject to change without notice. 09.00
TM00110
T1-22
T1/CEPT Single Line Interface Transformers
MECHANICAL
0553-0013-13
0553-0013-14
0553-0013-AC
0553-0013-BC
0553-0013-HC
0553-0013-IC
0553-0013-RC
0553-0013-SC
0553-6500-04
SCHEMATICS
0553-0013-BC
0553-0013-RC
0553-0013-HC
0553-0013-IC
0553-0013-SC
1
3
5
2
4
6
0.100
[2.54]
0.02" pin
diameter typical
0.250
[6.35]
max
0.500
[12.70]
max
0.350
[8.89]
max
0.130
[3.30]
min
0.400
[10.16]
6
4
2
5
Primary
Secondary
1
3
3
4
6
1
Primary
Secondary
2
5
6
2
5
Primary
Secondary
1
3
Unless otherwise specified, dimensions are nominal and in inches [millimeters].


Similar Part No. - 0553-0013-BC

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0553-0013-BC BEL-0553-0013-BC Datasheet
118Kb / 2P
   T1 CARRIER INTERFACE TRANSFORMERS T1/CEPT Telecom Line Interface Applications
0553-0013-BC-F BEL-0553-0013-BC-F Datasheet
46Kb / 2P
   ELECTRICAL SPECIFICATION 0553-0013-BC-F
More results

Similar Description - 0553-0013-BC

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0553-6500-17 BEL-0553-6500-17 Datasheet
36Kb / 2P
   T1/CEPT Single Line Interface Transformers
S553-3855-02 BEL-S553-3855-02_1 Datasheet
42Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/CEPT Dual Line Interface Transformers
S553-0013-00 BEL-S553-0013-00_1 Datasheet
45Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/CEPT Dual Line Interface Transformers
logo
PCA ELECTRONICS INC.
EPR1541 PCA-EPR1541 Datasheet
47Kb / 1P
   T1/CEPT Line Interface Transformers
logo
Bel Fuse Inc.
2745AJ BEL-2745AJ Datasheet
68Kb / 2P
   HIGH FREQUENCY MAGNETICST1/E1 Through Hole Transformers
0553-0013-1J BEL-0553-0013-1J Datasheet
34Kb / 2P
   T1/CEPT Dual Line Interface Transformers
logo
Nuvotem Talema
19649 TALEMA-19649 Datasheet
38Kb / 1P
   E1/T1/PRI/CEPT Single Interface Transformers
19794 TALEMA-19794 Datasheet
41Kb / 1P
   E1/T1/PRI/CEPT Single Interface Transformers
logo
Bel Fuse Inc.
A553-0013-00 BEL-A553-0013-00 Datasheet
118Kb / 2P
   T1 CARRIER INTERFACE TRANSFORMERS T1/CEPT Telecom Line Interface Applications
S553-0013-00 BEL-S553-0013-00 Datasheet
78Kb / 1P
   SURFACE MOUNT T1 CARRIER INTERFACE TRANSFORMERS T1/CEPT Telecom Line Interface Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com