Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLIN-30E1AL Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # SLIN-30E1AL
Description  NON-ISOLATED DC/DC CONVERTERS 6.0 Vdc - 14 Vdc Input, 0.8 Vdc - 3.63 Vdc /30 A Outputs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLIN-30E1AL Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button SLIN-30E1AL Datasheet HTML 2Page - Bel Fuse Inc. SLIN-30E1AL Datasheet HTML 3Page - Bel Fuse Inc. SLIN-30E1AL Datasheet HTML 4Page - Bel Fuse Inc. SLIN-30E1AL Datasheet HTML 5Page - Bel Fuse Inc. SLIN-30E1AL Datasheet HTML 6Page - Bel Fuse Inc. SLIN-30E1AL Datasheet HTML 7Page - Bel Fuse Inc. SLIN-30E1AL Datasheet HTML 8Page - Bel Fuse Inc. SLIN-30E1AL Datasheet HTML 9Page - Bel Fuse Inc. SLIN-30E1AL Datasheet HTML 10Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
6
NON-ISOLATED DC/DC CONVERTERS
6.0 Vdc - 14 Vdc Input, 0.8 Vdc – 3.63 Vdc /30 A Outputs
Jul. 26, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Thermal Derating Curves
0
5
10
15
20
25
30
35
35
45
55
65
75
85
0.5m/s
(100LFM)
1m/s
(200LFM)
NC
0
5
10
15
20
25
30
35
35
45
55
65
75
85
NC
0.5m/s
(100LFM)
1m/s
(200LFM)
AMBIENT TEMPERATURE, TA
OC
AMBIENT TEMPERATURE, TA
OC
Vo=0.8V, Vin=12V
Vo=1.2V, Vin=12V
0
5
10
15
20
25
30
35
35
45
55
65
75
85
0.5m/s
(100LFM)
1m/s
(200LFM)
1.5m/s
(300LFM)
2m/s
(400LFM)
NC
0
5
10
15
20
25
30
35
35
45
55
65
75
85
NC
0.5m/s
(100LFM)
1m/s
(200LFM)
1.5m/s
(300LFM)
2m/s
(400LFM)
AMBIENT TEMPERATURE, TA
OC
AMBIENT TEMPERATURE, TA
OC
Vo=1.8V, Vin=12V
Vo=2.5V, Vin=12V
0
5
10
15
20
25
30
35
0
20
40
60
80
2m/s
(400LFM)
0.5m/s
(100LFM)
1.5m/s
(300LFM)
1m/s
(200LFM)
NC
AMBIENT TEMPERATURE, TA
OC
Vo=3.3V, Vin=12V


Similar Part No. - SLIN-30E1AL

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-30E1AL BEL-SLIN-30E1AL Datasheet
478Kb / 26P
   6.0 Vdc - 14 Vdc Input, 0.8 Vdc - 2.75 Vdc /30 A Outputs
SLIN-30E1AL BEL-SLIN-30E1AL Datasheet
1Mb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-30E1AL BEL-SLIN-30E1AL_15 Datasheet
1Mb / 26P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SLIN-30E1AL

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRBG-30A1A0 BEL-VRBG-30A1A0_10 Datasheet
316Kb / 9P
   8 Vdc - 14 Vdc Input 0.8 Vdc - 3.63 Vdc / 30 A Outputs
SLIN-30E1AX BEL-SLIN-30E1AX Datasheet
478Kb / 26P
   6.0 Vdc - 14 Vdc Input, 0.8 Vdc - 2.75 Vdc /30 A Outputs
SLIN-06E1AX BEL-SLIN-06E1AX Datasheet
481Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
SLIN-03E2AX BEL-SLIN-03E2AX Datasheet
436Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
SLIN-12E1AX BEL-SLIN-12E1AX Datasheet
762Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.69 Vdc - 5.5 Vdc /12 A Outputs
SLIN-06E2AX BEL-SLIN-06E2AX Datasheet
442Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
SLIN-03E1AX BEL-SLIN-03E1AX Datasheet
462Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
SLIN-20E1AX BEL-SLIN-20E1AX Datasheet
463Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.69 Vdc - 5.5 Vdc /20 A Outputs
SRBC-30E2AL BEL-SRBC-30E2AL_10 Datasheet
256Kb / 9P
   6 Vdc - 14 Vdc Input 0.8 Vdc - 3.63 Vdc/25 A or 30 A Output
XRAH-01FXX0 BEL-XRAH-01FXX0 Datasheet
207Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 5.5 Vdc Input 12 Vdc/0.8 A & 15 Vdc/0.6 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com