Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLIN-06E1AX Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SLIN-06E1AX
Description  NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLIN-06E1AX Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SLIN-06E1AX Datasheet HTML 1Page - Bel Fuse Inc. SLIN-06E1AX Datasheet HTML 2Page - Bel Fuse Inc. SLIN-06E1AX Datasheet HTML 3Page - Bel Fuse Inc. SLIN-06E1AX Datasheet HTML 4Page - Bel Fuse Inc. SLIN-06E1AX Datasheet HTML 5Page - Bel Fuse Inc. SLIN-06E1AX Datasheet HTML 6Page - Bel Fuse Inc. SLIN-06E1AX Datasheet HTML 7Page - Bel Fuse Inc. SLIN-06E1AX Datasheet HTML 8Page - Bel Fuse Inc. SLIN-06E1AX Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
1
NON-ISOLATED DC/DC CONVERTERS
4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
October 8, 2009
Bel Power, Inc. , a subsidiary of Bel Fuse, Inc.
Features
Applications
Description
The SLIN-06E1Ax power modules are non-isolated dc/dc converters that can deliver up to 6A of output current.
These modules operate over a wide range of input voltage (VIN = 4.5Vdc-14Vdc) and provide a precisely
regulated output voltage from 0.59Vdc to 5.5Vdc, programmable via an external resistor. Features include
remote On/Off, adjustable output voltage, over current and over temperature protection, and output voltage
sequencing. A new feature, the Tunable Loop
TM, allows the user to optimize the dynamic response of the
converter to match the load with reduced amount of output capacitance leading to savings on cost and PWB
area.
Part Selection
Output Voltage
Input Voltage
Max. Output
Current
Typical
Efficiency
Model Number
Active High
Model Number
Active Low
0.59 Vdc - 5.5 Vdc
4.5 Vdc - 14 Vdc
6 A
91%
SLIN-06E1A0
SLIN-06E1AL
Notes: Add “G” suffix at the end of the model number to indicate Tray Packaging.
Wide Input Voltage Range
Ability to Sink and Source Current
Fixed Switching Frequency
Cost Efficient Open Frame Design
Power Good Signal
Over Temperature Protection
Remote Sense
Output Over Current Protection
Remote On/Off
Tunable Loop
TM (a registered trademark of Lineage Power Systems) to
Optimize Dynamic output voltage response
Flexible output voltage sequencing
Class 1, Category 2, Non-Isolated DC/DC Converter (refer to IPC-9592)
Compliant to RoHS EU Directive 2002/95/EC
Compatible in a Pb-free or SnPb reflow environment
UL
* 60950-1Recognized, CSA
C22.2 No. 60950-1-03 Certified
VDE
0805:2001-12 (EN60950-1) Licensed
Distributed power architectures
Servers and storage applications
Intermediate bus voltage applications
Networking equipment
Telecommunications equipment
Industrial equipment
SLIN-06E1Ax
RoHS Compliant
Rev.D


Similar Part No. - SLIN-06E1AX

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-06E1AX BEL-SLIN-06E1AX Datasheet
1Mb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1AX BEL-SLIN-06E1AX_15 Datasheet
1Mb / 26P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SLIN-06E1AX

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-06E2AX BEL-SLIN-06E2AX Datasheet
442Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
SLIN-03E2AX BEL-SLIN-03E2AX Datasheet
436Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
SLIN-03E1AX BEL-SLIN-03E1AX Datasheet
462Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
SLIN-20E1AX BEL-SLIN-20E1AX Datasheet
463Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.69 Vdc - 5.5 Vdc /20 A Outputs
SLIN-12E1AX BEL-SLIN-12E1AX Datasheet
762Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.69 Vdc - 5.5 Vdc /12 A Outputs
SLIN-30E1AL BEL-SLIN-30E1AL Datasheet
573Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 6.0 Vdc - 14 Vdc Input, 0.8 Vdc - 3.63 Vdc /30 A Outputs
XRAH-03F1A0 BEL-XRAH-03F1A0 Datasheet
240Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 5.5 Vdc Input 0.9 Vdc - 3.3 Vdc/3 A Output
XRAH-01FXX0 BEL-XRAH-01FXX0 Datasheet
207Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 5.5 Vdc Input 12 Vdc/0.8 A & 15 Vdc/0.6 A Output
XRAH-07C1A0 BEL-XRAH-07C1A0 Datasheet
149Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3 Vdc Input 0.9 Vdc - 2.5 Vdc/7 A Output
XRAH-02C50X BEL-XRAH-02C50X Datasheet
130Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 3.6 Vdc Input 5.0 Vdc/1.5 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com