Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLIN-03E2AX Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # SLIN-03E2AX
Description  NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLIN-03E2AX Datasheet(HTML) 5 Page - Bel Fuse Inc.

  SLIN-03E2AX Datasheet HTML 1Page - Bel Fuse Inc. SLIN-03E2AX Datasheet HTML 2Page - Bel Fuse Inc. SLIN-03E2AX Datasheet HTML 3Page - Bel Fuse Inc. SLIN-03E2AX Datasheet HTML 4Page - Bel Fuse Inc. SLIN-03E2AX Datasheet HTML 5Page - Bel Fuse Inc. SLIN-03E2AX Datasheet HTML 6Page - Bel Fuse Inc. SLIN-03E2AX Datasheet HTML 7Page - Bel Fuse Inc. SLIN-03E2AX Datasheet HTML 8Page - Bel Fuse Inc. SLIN-03E2AX Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
5
NON-ISOLATED DC/DC CONVERTERS
4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
October 8, 2009
Bel Power, Inc. , a subsidiary of Bel Fuse, Inc.
Efficiency Data
55
60
65
70
75
80
85
00.5
11.5
22.5
3
Vin=14V
Vin=12V
Vin=4.5V
65
70
75
80
85
90
0
0.5
1
1.5
2
2.5
3
Vin=14V
Vin=12V
Vin=4.5V
OUTPUT CURRENT, IO (A)
OUTPUT CURRENT, IO (A)
Vo=0.6V
Vo=1.2V
70
75
80
85
90
95
00.5
11.522.5
3
Vin=14V
Vin=12V
Vin=4.5V
70
75
80
85
90
95
00.5
11.5
22.5
3
Vin=14V
Vin=12V
Vin=4.5V
OUTPUT CURRENT, IO (A)
OUTPUT CURRENT, IO (A)
Vo=1.8V
Vo=2.5V
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
Vin=14V
Vin=12V
Vin=4.5V
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
Vin=14V
Vin=12V
Vin=8V
OUTPUT CURRENT, IO (A)
OUTPUT CURRENT, IO (A)
Vo=3.3V
Vo=5.0V


Similar Part No. - SLIN-03E2AX

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03E2A BEL-SLIN-03E2A Datasheet
462Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-03E2A0 BEL-SLIN-03E2A0 Datasheet
462Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-03E2AL BEL-SLIN-03E2AL Datasheet
462Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-03E2A BEL-SLIN-03E2A_10 Datasheet
462Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SLIN-03E2AX

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03E1AX BEL-SLIN-03E1AX Datasheet
462Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
SLIN-06E1AX BEL-SLIN-06E1AX Datasheet
481Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
SLIN-06E2AX BEL-SLIN-06E2AX Datasheet
442Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
SLIN-20E1AX BEL-SLIN-20E1AX Datasheet
463Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.69 Vdc - 5.5 Vdc /20 A Outputs
SLIN-12E1AX BEL-SLIN-12E1AX Datasheet
762Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.69 Vdc - 5.5 Vdc /12 A Outputs
XRAH-03F1A0 BEL-XRAH-03F1A0 Datasheet
240Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 5.5 Vdc Input 0.9 Vdc - 3.3 Vdc/3 A Output
SLIN-30E1AL BEL-SLIN-30E1AL Datasheet
573Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 6.0 Vdc - 14 Vdc Input, 0.8 Vdc - 3.63 Vdc /30 A Outputs
XRAH-01FXX0 BEL-XRAH-01FXX0 Datasheet
207Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 5.5 Vdc Input 12 Vdc/0.8 A & 15 Vdc/0.6 A Output
XRAH-07C1A0 BEL-XRAH-07C1A0 Datasheet
149Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3 Vdc Input 0.9 Vdc - 2.5 Vdc/7 A Output
XRAH-02C50X BEL-XRAH-02C50X Datasheet
130Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 3.6 Vdc Input 5.0 Vdc/1.5 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com