Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97676 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL97676
Description  6-Channel LED Driver with Phase Shift Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97676 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL97676 Datasheet HTML 4Page - Intersil Corporation ISL97676 Datasheet HTML 5Page - Intersil Corporation ISL97676 Datasheet HTML 6Page - Intersil Corporation ISL97676 Datasheet HTML 7Page - Intersil Corporation ISL97676 Datasheet HTML 8Page - Intersil Corporation ISL97676 Datasheet HTML 9Page - Intersil Corporation ISL97676 Datasheet HTML 10Page - Intersil Corporation ISL97676 Datasheet HTML 11Page - Intersil Corporation ISL97676 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ISL97676
8
FN7600.0
March 12, 2010
FAULT DETECTION
VSC
Channel Short Circuit Threshold
3.15
3.6
4.3
V
VTEMP_ACC
Over-Temperature Threshold Accuracy
5
°C
VTEMP_SHDN
Over-Temperature Shutdown
150
°C
VOVPlo
Overvoltage Limit on OVP Pin
1.2
1.22
1.24
V
OVPFAULT
OVP Short Detection Fault Level
350
mV
IFAULT
Fault Pull-down Current
VIN = 12V
8
15
25
µA
VFAULT
Fault Clamp Voltage with Respect to VIN VIN = 12, VIN - VFAULT
6
7
8.3
V
SWStart_thres
SW Start-Up Threshold
1.2
1.4
1.5
V
ISW_Startup
SW Start-Up Current
1
3.5
5
mA
NOTES:
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested.
9. At minimum VIN of 4.5V, the maximum output is limited by the VOUT specifications. Also at maximum VIN of 26V, the minimum
VOUT is 28V but minimum VOUT can be lower at lower VIN. In general, the VIN and VOUT relationship is bounded by DMAX and
DMIN.
Electrical Specifications All specifications below are tested at TA = +25°C; VIN = 12V, EN = 3.3V, RISET = 19.6kΩ,
unless otherwise noted. Boldface limits apply over the operating temperature range,
-40°C to +85°C. (Continued)
SYMBOL
PARAMETER
CONDITION
MIN
(Note 8)
TYP
MAX
(Note 8) UNIT


Similar Part No. - ISL97676

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97676 RENESAS-ISL97676 Datasheet
1Mb / 19P
   6-Channel LED Driver with Phase Shift Control
Sep 12, 2017
ISL97676IRZ RENESAS-ISL97676IRZ Datasheet
1Mb / 19P
   6-Channel LED Driver with Phase Shift Control
Sep 12, 2017
More results

Similar Description - ISL97676

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97676 RENESAS-ISL97676 Datasheet
1Mb / 19P
   6-Channel LED Driver with Phase Shift Control
Sep 12, 2017
logo
Intersil Corporation
ISL97675 INTERSIL-ISL97675 Datasheet
550Kb / 20P
   4-Channel LED Driver with Phase Shift Control
logo
Renesas Technology Corp
ISL97675 RENESAS-ISL97675 Datasheet
982Kb / 21P
   4-Channel LED Driver with Phase Shift Control
ISL97673 RENESAS-ISL97673 Datasheet
1Mb / 28P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
Sep 19, 2017
logo
Intersil Corporation
ISL97673 INTERSIL-ISL97673_10 Datasheet
578Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
ISL97673IRZ INTERSIL-ISL97673IRZ Datasheet
724Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
October 5, 2012
logo
Renesas Technology Corp
ISL97671A RENESAS-ISL97671A Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671 RENESAS-ISL97671 Datasheet
1Mb / 27P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
Sep 7, 2017
logo
Intersil Corporation
ISL97671 INTERSIL-ISL97671_10 Datasheet
626Kb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671A INTERSIL-ISL97671A Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com