Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISLA118P50IRZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISLA118P50IRZ
Description  8-Bit, 500MSPS A/D Converter
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA118P50IRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISLA118P50IRZ Datasheet HTML 7Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 8Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 9Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 10Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 11Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 12Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 13Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 14Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
11
FN7565.1
June 4, 2010
FIGURE 10. POWER vs fSAMPLE IN 3mA LVDS MODE
FIGURE 11. DIFFERENTIAL NONLINEARITY
FIGURE 12. INTEGRAL NONLINEARITY
FIGURE 13. SNR AND SFDR vs VCM
FIGURE 14. NOISE HISTOGRAM
FIGURE 15. SINGLE-TONE SPECTRUM @ 105MHz
Typical Performance Curves
All Typical Performance Characteristics apply under the following conditions unless otherwise noted: AVDD = OVDD = 1.8V,
TA =+25°C, AIN = -1dBFS, fIN = 105MHz, fSAMPLE = 500MSPS. (Continued)
300
350
400
450
500
550
250
300
350
400
450
500
SAMPLE RATE (MHz)
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.10
0
50
100
150
200
250
CODE
-0.10
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.10
0
50
100
150
200
250
CODE
40
45
50
55
60
65
70
300 350 400 450 500 550 600 650 700 750 800
VCM (mV)
SFDR
SNR
0
10,005,230
0
0
2M
4M
6M
8M
10M
12M
127
128
129
CODE
AIN = -1.0dBFS
SNR = 49.88 dBFS
SFDR = 67.36 dBc
SINAD = 49.85 dBFS
ISLA118P50


Similar Part No. - ISLA118P50IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA118P50IRZ INTERSIL-ISLA118P50IRZ Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
ISLA118P50IRZ INTERSIL-ISLA118P50IRZ Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
July 25, 2011
logo
Renesas Technology Corp
ISLA118P50IRZ RENESAS-ISLA118P50IRZ Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
More results

Similar Description - ISLA118P50IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA118P50IRZ INTERSIL-ISLA118P50IRZ Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
July 25, 2011
ISLA118P50 INTERSIL-ISLA118P50_11 Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
ISLA118P50 RENESAS-ISLA118P50 Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
KAD5512P-50_0910 INTERSIL-KAD5512P-50_0910 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
ISLA110P50 INTERSIL-ISLA110P50 Datasheet
1,007Kb / 35P
   10-Bit, 500MSPS A/D Converter
ISLA112P50IRZ INTERSIL-ISLA112P50IRZ Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
August 1, 2011
KAD5512P-50 INTERSIL-KAD5512P-50_09 Datasheet
652Kb / 27P
   12-Bit, 500MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5510P-50 ETC2-KAD5510P-50 Datasheet
676Kb / 28P
   10-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
ISLA112P50 INTERSIL-ISLA112P50_11 Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
ISLA112P50 RENESAS-ISLA112P50 Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com